Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD6520F Datasheet(PDF) 4 Page - Rohm

Part # BD6520F
Description  Load Switch ICs for Portable Equipment
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD6520F Datasheet(HTML) 4 Page - Rohm

  BD6520F Datasheet HTML 1Page - Rohm BD6520F Datasheet HTML 2Page - Rohm BD6520F Datasheet HTML 3Page - Rohm BD6520F Datasheet HTML 4Page - Rohm BD6520F Datasheet HTML 5Page - Rohm BD6520F Datasheet HTML 6Page - Rohm BD6520F Datasheet HTML 7Page - Rohm BD6520F Datasheet HTML 8Page - Rohm BD6520F Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
BD6520F,BD6522F
Technical Note
4/16
www.rohm.com
2011.05 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
0
10
20
30
40
50
60
70
80
23
4
56
SUPPLY VOLTAGE : VDD [V]
0
10
20
30
40
50
60
70
80
-40
-20
0
204060
80
100
AMBITENT TEMPERATURE : Ta [℃]
0
20
40
60
80
100
120
23
4
5
6
SUPPLY VOLTAGE : VDD [V]
0
20
40
60
80
100
120
-40
-20
0
204060
80
100
AMBIENT TEMPERATURE : Ta [℃]
0.0
0.5
1.0
1.5
2.0
2.5
23
45
6
SUPPLY VOLTAGE : VDD [V]
0.0
0.5
1.0
1.5
2.0
2.5
-40
-20
0
20
40
60
80
100
AMBIENT TEMPERATURE : Ta [℃]
0.0
0.5
1.0
1.5
2.0
2.5
-40
-20
0
204060
80
100
AMBIENT TEMPERATURE : Ta [℃]
0
1
2
3
4
5
23
45
6
SUPPLY VOLTAGE : VDD [V]
0
0.1
0.2
0.3
0.4
2
345
6
SUPPLY VOLTAGE : VDD[V]
0
0.1
0.2
0.3
0.4
-40
-20
0
20
40
60
80
100
AMBIENT TEMPERATURE : Ta [℃]
0.00
0.02
0.04
0.06
0.08
0.10
23
4
56
SUPPLY VOLTAGE : VDD [V]
0.0
0.2
0.4
0.6
0.8
1.0
0
2040
6080
100
AMBIENT TEMPERATURE : Ta [℃]
Typical characteristics
BD6520F
Fig.3 On resistance
VDD=3.0V
VDD=3.3V
VDD=5.0V, 5.5V
Fig.4 On resistance
Fig.5 Operating current
(CTRL enable)
Fig.6 Operating current
(CTRL enable)
Low to High
High to Low
Fig.9 CTRL input voltage
Fig.10 CTRL input voltage H→L
Fig.11 CTRL input voltage L→H
Fig.14 Turn On Rise time
Trd
Tr
Ton
Fig.12 CTRL hysteresis voltage
Fig.13 CTRL hysteresis voltage
Fig.7 Operating current
(CTRL disenable)
Fig.8 Leak current
Ta = 25℃
Ta = 25℃
VDD = 5.0V
Ta = 25℃
VDD = 5.0V
Ta = 25℃
VDD = 5.0V
VDD = 5.0V
Ta = 25℃
VDD = 5.0V
Ta = 25℃


Similar Part No. - BD6520F

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6520F ROHM-BD6520F Datasheet
207Kb / 6P
   Power Management Switch
BD6520F ROHM-BD6520F Datasheet
493Kb / 17P
   Large Current Output Power Management Switch ICs
BD6520F-E2 ROHM-BD6520F-E2 Datasheet
567Kb / 17P
   Large Current Output Power Management Switch ICs
BD6520F ROHM-BD6520F_09 Datasheet
493Kb / 17P
   Large Current Output Power Management Switch ICs
More results

Similar Description - BD6520F

ManufacturerPart #DatasheetDescription
logo
Rohm
BD2202G-LB ROHM-BD2202G-LB Datasheet
542Kb / 25P
   Load Switch ICs for Portable Equipment
BD2202G ROHM-BD2202G_11 Datasheet
469Kb / 13P
   Load Switch ICs for Portable Equipment
BD2200GUL ROHM-BD2200GUL_11 Datasheet
383Kb / 10P
   Load Switch ICs for Portable Equipment
BD6528HFV ROHM-BD6528HFV_11 Datasheet
316Kb / 12P
   Load Switch ICs for Portable Equipment
BD6524HFV ROHM-BD6524HFV_11 Datasheet
392Kb / 10P
   Load Switch IC for Portable Equipment
logo
Guangdong Youtai Semico...
FDV301N UMW-FDV301N Datasheet
390Kb / 7P
   Load Switch for Portable Applications
logo
Sanyo Semicon Device
LV2400X SANYO-LV2400X Datasheet
249Kb / 1P
   Ultraminiature FM Radio ICs for Portable Equipment LV2400X Series
logo
Rohm
BD2200GUL ROHM-BD2200GUL_14 Datasheet
1,004Kb / 22P
   0.5A, 1.0A Load Switch ICs
BD6524HFV ROHM-BD6524HFV_14 Datasheet
821Kb / 21P
   0.5A Current Load Switch ICs
BD6528HFV ROHM-BD6528HFV_14 Datasheet
1Mb / 26P
   0.5A Current Load Switch ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com