Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1EZ33D5 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # 1EZ33D5
Description  1.0 W Silicon Zener Diodes 5.6 to 39 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

1EZ33D5 Datasheet(HTML) 1 Page - Micro Commercial Components

  1EZ33D5 Datasheet HTML 1Page - Micro Commercial Components 1EZ33D5 Datasheet HTML 2Page - Micro Commercial Components 1EZ33D5 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1EZ5.6D5
THRU
1EZ39D5
1.0 W Silicon
Zener Diodes
5.6 to 39 Volts
Features
Excellent clamping capability
Low profile package
Glass passivated junction
Maximum Ratings
Symbol
Value
Units
Peak Pulse Power
Dissipation on TA=75
oC (1)
PD
1.0
W
Junction Temperature
TJ
150
oC
Storage Temperature Range
TSTG
-55 to 150
oC
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Maximum Forward Voltage
@IF=200mA
VF
1.2
V
Mechanical Data
Marking : Cathode Band and type number.
DO-41
A
B
C
D
D
MIN
MAX
MIN
MAX
A
0.160
0.205
4.10
5.20
B
0.080
0.107
2.00
2.70
Diameter
C
0.028
0.034
0.71
0.86
Diameter
D
1.000
-----
25.40
-----
DIMENSIONS
DIM
INCHES
M M
NOTE
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
www.mccsemi.com
Revision:
A
20
11/01/01
TM
Micro Commercial Components
1 of 3
VZ-tolerance+/-5%
Symbol
Value
Unit
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
Note:
1. High Temperature Solder Exemptions Applied, see EU Directive Annex 7.
Epoxy meets UL 94 V-0 flammability rating
Moisture Sensitivity Level 1


Similar Part No. - 1EZ33D5

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
1EZ33D5 MCC-1EZ33D5 Datasheet
318Kb / 3P
   1.0 W Silicon Zener Diodes 5.6 to 39 Volts
More results

Similar Description - 1EZ33D5

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
1EZ5.6D5 MCC-1EZ5.6D5_13 Datasheet
318Kb / 3P
   1.0 W Silicon Zener Diodes 5.6 to 39 Volts
1EZ110D5 MCC-1EZ110D5 Datasheet
86Kb / 3P
   1.0 W Silicon Zener Diodes 100 to 200 Volts
1EZ110D5 MCC-1EZ110D5_16 Datasheet
260Kb / 4P
   1.0 W Silicon Zener Diodes Zener Diodes
BZT52C2V4S MCC-BZT52C2V4S Datasheet
411Kb / 4P
   200 mW Zener Diodes 2.4 to 39 Volts
BZT52C2V4 MCC-BZT52C2V4 Datasheet
407Kb / 4P
   410 mW Zener Diodes 2.4 to 39 Volts
MMSZ5221 MCC-MMSZ5221 Datasheet
250Kb / 5P
   500 mW Zener Diodes 2.4 to 39 Volts
MMSZ5221B MCC-MMSZ5221B Datasheet
411Kb / 4P
   500 mW Zener Diodes 2.4 to 39 Volts
MMXZ5223B MCC-MMXZ5223B_13 Datasheet
375Kb / 5P
   200 mW Zener Diodes 2.7 to 39 Volts
MMXZ5221B MCC-MMXZ5221B Datasheet
410Kb / 4P
   200 mW Zener Diodes 2.4 to 39 Volts
MMSZ5254B-TP MCC-MMSZ5254B-TP Datasheet
409Kb / 6P
   500 mW Zener Diodes 2.4 to 39 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com