Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD6389FM Datasheet(PDF) 1 Page - Rohm

Part # BD6389FM
Description  Silicon monolithic integrated circuits
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD6389FM Datasheet(HTML) 1 Page - Rohm

  BD6389FM_11 Datasheet HTML 1Page - Rohm BD6389FM_11 Datasheet HTML 2Page - Rohm BD6389FM_11 Datasheet HTML 3Page - Rohm BD6389FM_11 Datasheet HTML 4Page - Rohm BD6389FM_11 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1/4
REV. B
STRUCTURE
Silicon monolithic integrated circuits
PRODUCT SERIES
Bipolar stepping motor driver
TYPE
BD6389FM
FUNCTION
・PWM constant current controllable two H bridge driver
・Built-in translator circuit for CLK-IN control
・Full, Half, Quarter step
・Mixed Decay control
・Parallel IN control
○Absolute maximum ratings(Ta=25℃)
Item
Symbol
Limit
Unit
Supply voltage
VCC0,1,2
-0.2~+36.0
V
Power dissipation
Pd
2.8
1
W
5.2
2
W
Input voltage for control pin
VIN
-0.2~+5.5
V
RNF maximum voltage
VRNF
0.5
V
Maximum output current
IOUT
2.2
3
A/phase
Operating temperature range
Topr
-25~+75
Storage temperature range
Tstg
-55~+150
Junction temperature
Tjmax
150
1 70mm×70mm×1.6mm glass epoxy board. Derating in done at 22.4mW/℃ for operating above Ta=25℃.
2 4-layer recommended board. Derating in done at 41.6mW/℃ for operating above Ta=25℃.
3 Do not, however exceed Pd, ASO and Tjmax=150℃.
○Operating conditions (Ta=-25~+75℃)
Item
Symbol
Min
Typ
Max
Unit
Supply voltage
VCC0,1,2
10
24
28
V
Output current
IOUT
-
1.7
1.9
4
A/phase
4 Do not, however exceed Pd, ASO.
This product isn’t designed for protection against radioactive rays.


Similar Part No. - BD6389FM_11

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6389FM ROHM-BD6389FM Datasheet
296Kb / 6P
   Bipolar stepping motor driver
BD6389FM ROHM-BD6389FM Datasheet
277Kb / 9P
   High Performance, High Reliability 36V Stepping Motor Driver Series
More results

Similar Description - BD6389FM_11

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6395FP ROHM-BD6395FP_11 Datasheet
979Kb / 5P
   Silicon monolithic integrated circuits
BD5431EFS ROHM-BD5431EFS_11 Datasheet
159Kb / 5P
   Silicon monolithic integrated circuits
BA6868FM ROHM-BA6868FM_11 Datasheet
143Kb / 5P
   Silicon monolithic integrated circuits
BD63843EFV ROHM-BD63843EFV Datasheet
147Kb / 5P
   Silicon monolithic integrated circuits
BD6423EFV ROHM-BD6423EFV_11 Datasheet
603Kb / 5P
   Silicon monolithic integrated circuits
BD63960EFV ROHM-BD63960EFV Datasheet
295Kb / 5P
   Silicon monolithic integrated circuits
BH6452GUL ROHM-BH6452GUL Datasheet
335Kb / 5P
   Silicon monolithic integrated circuits
BH6453GUL ROHM-BH6453GUL Datasheet
243Kb / 5P
   Silicon monolithic integrated circuits
BH6456GUL ROHM-BH6456GUL Datasheet
394Kb / 5P
   Silicon monolithic integrated circuits
BD63873EFV ROHM-BD63873EFV Datasheet
132Kb / 5P
   Silicon monolithic integrated circuits
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com