Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD6387EFV Datasheet(PDF) 3 Page - Rohm

Part # BD6387EFV
Description  Silicon monolithic integrated circuits
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD6387EFV Datasheet(HTML) 3 Page - Rohm

  BD6387EFV Datasheet HTML 1Page - Rohm BD6387EFV Datasheet HTML 2Page - Rohm BD6387EFV Datasheet HTML 3Page - Rohm BD6387EFV Datasheet HTML 4Page - Rohm BD6387EFV Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3/4
REV. A
○Package outline
○Block diagram
○Pin No. / Pin name
Pin No.
Pin name
Pin No.
Pin name
1
NC
21
VCC0
2
RNF1
22
NC
3
RNF1S
23
GND
4
NC
24
MODE0
5
OUT1B
25
MODE1
6
NC
26
ENABLE
7
OUT1A
27
VREF2
8
NC
28
MTH2
9
VCC1
29
NC
10
NC
30
CR2
11
CR1
31
NC
12
NC
32
VCC2
13
MTH1
33
NC
14
VREF1
34
OUT2A
15
SELECT
35
NC
16
CW_CCW
36
OUT2B
17
NC
37
NC
18
CLK
38
RNF2S
19
PS
39
RNF2
20
TEST
40
GND
NC : Non Connection
BD6387EFV
Lot No.
HTSSOP-B40 (Unit:mm)
Product No.
Predriver
OCP
Current Limit Comp.
Buffer
9
VCC1
CR
Timer
Buffer
Current Limit Comp.
Logic
Translator
DAC
OCP
CR
Timer
Predriver
DAC
Logic
TSD
UVLO
OVLO
Reg
RESET
23
GND
27
VREF2
30
CR2
28
MTH2
21
VCC0
19
PS
18
CLK
24
MODE0
25
MODE1
11
CR1
13
MTH1
16
CW_CCW
26
ENABLE
15
SELECT
VREF1 14
5
OUT1B
3
RNF1S
7
OUT1A
2
RNF1
32
VCC2
34
OUT2A
38
RNF2S
40
GND
36
OUT2B
39
RNF2
20
TEST


Similar Part No. - BD6387EFV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6387EFV ROHM-BD6387EFV Datasheet
301Kb / 6P
   Bipolar stepping motor driver
BD6387EFV ROHM-BD6387EFV Datasheet
277Kb / 9P
   High Performance, High Reliability 36V Stepping Motor Driver Series
More results

Similar Description - BD6387EFV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6389FM ROHM-BD6389FM_11 Datasheet
188Kb / 5P
   Silicon monolithic integrated circuits
BD6395FP ROHM-BD6395FP_11 Datasheet
979Kb / 5P
   Silicon monolithic integrated circuits
BD5431EFS ROHM-BD5431EFS_11 Datasheet
159Kb / 5P
   Silicon monolithic integrated circuits
BA6868FM ROHM-BA6868FM_11 Datasheet
143Kb / 5P
   Silicon monolithic integrated circuits
BD63843EFV ROHM-BD63843EFV Datasheet
147Kb / 5P
   Silicon monolithic integrated circuits
BD6423EFV ROHM-BD6423EFV_11 Datasheet
603Kb / 5P
   Silicon monolithic integrated circuits
BD63960EFV ROHM-BD63960EFV Datasheet
295Kb / 5P
   Silicon monolithic integrated circuits
BH6452GUL ROHM-BH6452GUL Datasheet
335Kb / 5P
   Silicon monolithic integrated circuits
BH6453GUL ROHM-BH6453GUL Datasheet
243Kb / 5P
   Silicon monolithic integrated circuits
BH6456GUL ROHM-BH6456GUL Datasheet
394Kb / 5P
   Silicon monolithic integrated circuits
BD63873EFV ROHM-BD63873EFV Datasheet
132Kb / 5P
   Silicon monolithic integrated circuits
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com