Electronic Components Datasheet Search |
|
B3F-4050 Datasheet(PDF) 5 Page - Omron Electronics LLC |
|
B3F-4050 Datasheet(HTML) 5 Page - Omron Electronics LLC |
5 / 12 page Tactile Switch B3F 225 Dimensions Note: 1. Unless otherwise specified, all units are in millimeters and a tolerance of ± 0.4 mm applies to all dimensions. 2. Terminal numbers are not indicated on this switch. With the switch turned over so that the logo mark “OMRON” is visible on the upper part of the rear side of the switch base, the terminal on the right of the logo mark is numbered “1” and that on the bottom right is “3.” Accordingly, two terminals on the left side are numbered “2” and “4” respectively. ■ 6 x 6 mm Models Terminal Arrangement /Internal Connections (Top View) PCB Mounting (Top View) (Single-sided PCB, t=1.6) Terminal Arrangement/Internal Connections (Top View) *The height of B3F-1120, B3F-1122, and B3F-1125 is 5 ±0.2 mm. PCB Mounting (Top View) (Single-sided PCB, t=1.6) Terminal Arrangement/Internal Connections (Top View) * The height of B3F-1020, B3F-1022, B3F-1025, and B3F-1026 is 5 ±0.2 mm. Standard, Flat Plunger Type (with Ground Terminal, Pitch: 7.5 mm) B3F-1110 PCB Mounting (Top View) (Single-sided PCB, t=1.6) B3F-1100, B3F-1102, B3F-1105, B3F-1120*, B3F-1122*, B3F-1125*, B3F-1102-G, B3F-1122-G* Standard, Flat Plunger Type (with Ground Terminal, Pitch: 6.5 mm) B3F-1000, B3F-1002, B3F-1005, B3F-1020*, B3F-1022*, B3F-1025*, B3F-1002-G, B3F-1022-G* Standard, Flat Plunger Type (without Ground Terminal) 6±0.2 4.3±0.2 3.5 3.4 3.5 dia. 4 2 3 1 0.7 0.7 0.3 6.5±0.5 7.7±0.5 (See note.) 6±0.2 4.5±0.2 6.5±0.1 4.5±0.1 Four, 1±0.1 dia. 4.3±0.2 3.5 6±0.2 6±0.2 1.5 0.7 6.5±0.5 7.7±0.5 6.5±0.1 4.5±0.1 4.1±0.1 Five, 1±0.05 dia. 4 2 3 5 1 3.5 dia. 0.7 0.7 0.3 0.3 (See note.) 4.5±0.2 3.4 0.3 0.3 5±0.2 3.5 0.7 7.5±0.5 9±0.5 6±0.2 6±0.2 4.5±0.2 1.5 3.5 dia. 0.7 0.7 Four, 1.2±0.05 dia. 1±0.05 dia. 7.5±0.1 4.5±0.1 4.1±0.1 4 2 3 5 1 3.4 PCB Mounting (Top View) (Single-sided PCB, t=1.6) Terminal Arrangement/Internal Connections (Top View) Standard, Projected Plunger Type (without Ground Terminal) B3F-1050, B3F-1052, B3F-1055 4.3±0.2 1.8±0.1 7.3±0.2 3.5 3.4 0.3 6.5±0.5 7.7±0.5 6±0.2 6±0.2 4.5±0.2 3.5 dia. 0.7 0.7 6.5±0.1 4.5±0.2 Four, 1±0.05 dia. 2.4 2.4±0.1 4 2 3 1 B3F-1150, B3F-1152, B3F-1155 Standard, Projected Plunger Type (with Ground Terminal) PCB Mounting (Top View) (Single-sided PCB, t=1.6) Terminal Arrangement/ Internal Connections (Top View) 0.3 2.4 2.4±0.1 4.3±0.2 1.8±0.1 7.3±0.2 3.5 3.4 0.3 0.7 6.5±0.5 7.7±0.5 1.5 4 2 3 5 1 6±0.2 6±0.2 4.5±0.2 3.5 dia. 6.5±0.1 4.5±0.1 4.1±0.1 Five, 1±0.05 dia. 0.7 0.7 |
Similar Part No. - B3F-4050 |
|
Similar Description - B3F-4050 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |