Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D6F-10A Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # D6F-10A
Description  MEMS Airflow Sensor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D6F-10A Datasheet(HTML) 3 Page - Omron Electronics LLC

  D6F-10A Datasheet HTML 1Page - Omron Electronics LLC D6F-10A Datasheet HTML 2Page - Omron Electronics LLC D6F-10A Datasheet HTML 3Page - Omron Electronics LLC D6F-10A Datasheet HTML 4Page - Omron Electronics LLC D6F-10A Datasheet HTML 5Page - Omron Electronics LLC D6F-10A Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MEMS Airflow Sensor
D6F-10A, -20A, -50A
25
Test Results (typical performance)
D6F-20A
@
(5 samples, repeated 10 times each)
Installation: D6F-
@A5-000
Recommendation for right-angle, manifold mount connection;
Use M3 panhead screws for mounting, and tighten them to a maximum
torque of 0.59 N•m. Please seal INLET and OUTLET with ‘O’ rings.
Please install the product as shown below. Incorrect mounting may
cause product failure and make it impossible to obtain correct measure-
ments.
Recommended ‘O’ ring for sealing inlet and outlet orifice;
• Material: NBR70 (recommended for all applications including
medical and food processing.)
• Example part number: JASO part number: CO 0003
• Alternative manufacturers with similar DO and W dimensions may
be used
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
0
2
4
6
8
10
1214161820
Flow Rate (lpm)
Inlet
Outlet
O ring
5.8
1.9 ± 0.07


Similar Part No. - D6F-10A

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D6F-10A OMRON-D6F-10A Datasheet
1Mb / 8P
   MEMS Airflow Sensor
D6F-10A5 OMRON-D6F-10A5 Datasheet
1Mb / 8P
   MEMS Airflow Sensor
D6F-10A6 OMRON-D6F-10A6 Datasheet
1Mb / 8P
   MEMS Airflow Sensor
D6F-10A7D-000-0 OMRON-D6F-10A7D-000-0 Datasheet
1Mb / 12P
   Sensor Evaluation Board
2019
More results

Similar Description - D6F-10A

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D6F-10A OMRON-D6F-10A Datasheet
1Mb / 8P
   MEMS Airflow Sensor
logo
List of Unclassifed Man...
AWM5104VN ETC2-AWM5104VN Datasheet
131Kb / 1P
   MASS AIRFLOW SENSOR
logo
Honeywell Accelerometer...
AWM1100V HONEYWELL-ACC-AWM1100V Datasheet
58Kb / 1P
   MASS AIRFLOW SENSOR
logo
Honeywell Solid State E...
AWM5104VA HONEYWELL-AWM5104VA Datasheet
130Kb / 1P
   MASS AIRFLOW SENSOR
logo
Honeywell Accelerometer...
AWM1200V HONEYWELL-ACC-AWM1200V Datasheet
57Kb / 1P
   MASS AIRFLOW SENSOR
AWM1300V HONEYWELL-ACC-AWM1300V Datasheet
59Kb / 1P
   MASS AIRFLOW SENSOR
logo
Analog Devices
TMP12 AD-TMP12_15 Datasheet
710Kb / 12P
   Airflow and Temperature Sensor
TMP12 AD-TMP12 Datasheet
446Kb / 14P
   Airflow and Temperature Sensor
REV. 0
logo
Omron Electronics LLC
D6F-P0010A OMRON-D6F-P0010A Datasheet
405Kb / 5P
   MEMS Flow Sensor
logo
ALPS ELECTRIC CO.,LTD.
HSPPAR ALPS-HSPPAR Datasheet
370Kb / 1P
   MEMS Pressure Sensor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com