Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD6150MUV Datasheet(PDF) 4 Page - Rohm

Part # BD6150MUV
Description  White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD6150MUV Datasheet(HTML) 4 Page - Rohm

  BD6150MUV_11 Datasheet HTML 1Page - Rohm BD6150MUV_11 Datasheet HTML 2Page - Rohm BD6150MUV_11 Datasheet HTML 3Page - Rohm BD6150MUV_11 Datasheet HTML 4Page - Rohm BD6150MUV_11 Datasheet HTML 5Page - Rohm BD6150MUV_11 Datasheet HTML 6Page - Rohm BD6150MUV_11 Datasheet HTML 7Page - Rohm BD6150MUV_11 Datasheet HTML 8Page - Rohm BD6150MUV_11 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
Technical Note
4/28
www.rohm.com
2011.06 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
BD6150MUV
Fig 14. LED Current vs LED Voltage
Fig 13. LED Max Current
Fig 15. LED Current Matching
Fig 16. Efficiency
10LEDx6CH
Fig 17. LED Current vs PWM Duty
PWM Freq=200Hz LED 10x6CH
30
35
40
45
50
34
56
7
VBAT [V]
-40℃
25℃
85℃
0
2
4
6
8
10
12
14
16
18
20
0
0.2
0.4
0.6
0.8
1
VLED [V]
85℃
-40℃
25℃
-3
-2
-1
0
1
2
3
0
20406080
100
Duty [%]
85℃
25℃
-40℃
40
50
60
70
80
90
100
010
20
30
VBAT [V]
85℃
-40℃
25℃
0.1
1
10
100
1
10
100
Duty [%]
6V
12V, 26V


Similar Part No. - BD6150MUV_11

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6150MUV ROHM-BD6150MUV Datasheet
138Kb / 5P
   Silicon Monolithic Integrated Circuit
More results

Similar Description - BD6150MUV_11

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6583MUV-A ROHM-BD6583MUV-A_11 Datasheet
1Mb / 27P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD6581GU ROHM-BD6581GU Datasheet
751Kb / 27P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD8113EFV ROHM-BD8113EFV_11 Datasheet
389Kb / 20P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD8119FM-M ROHM-BD8119FM-M_11 Datasheet
365Kb / 21P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD6142AMUV ROHM-BD6142AMUV Datasheet
630Kb / 28P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD6590MUV ROHM-BD6590MUV_11 Datasheet
873Kb / 27P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD8119FM-M ROHM-BD8119FM-M Datasheet
449Kb / 21P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD6586MUV ROHM-BD6586MUV_11 Datasheet
489Kb / 20P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD6592MUV ROHM-BD6592MUV_11 Datasheet
833Kb / 26P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD8112EFV-M ROHM-BD8112EFV-M_11 Datasheet
615Kb / 23P
   White Backlight LED Drivers for Medium to Large LCD Panels (Switching Regulator Type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com