Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD6150MUV Datasheet(PDF) 11 Page - Rohm

Part # BD6150MUV
Description  White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD6150MUV Datasheet(HTML) 11 Page - Rohm

Back Button BD6150MUV_11 Datasheet HTML 7Page - Rohm BD6150MUV_11 Datasheet HTML 8Page - Rohm BD6150MUV_11 Datasheet HTML 9Page - Rohm BD6150MUV_11 Datasheet HTML 10Page - Rohm BD6150MUV_11 Datasheet HTML 11Page - Rohm BD6150MUV_11 Datasheet HTML 12Page - Rohm BD6150MUV_11 Datasheet HTML 13Page - Rohm BD6150MUV_11 Datasheet HTML 14Page - Rohm BD6150MUV_11 Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
Technical Note
11/28
www.rohm.com
2011.06 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
BD6150MUV
soft start of Over current limit for application
When the capacitor of OCPSET is set as figure, over current limit can become setting value slowly.
This effect is same as internal soft start.
When you want to reduce peak current than internal soft start on start up, this way is effective.
But, this action repeat when the timing that PWMPOW change L to H, so to do PWM control with PWMPOW terminal,
rise time of over current limit must be set into Hi time of PWM control, and please don’t connect the capacitor.
Show example of rising wave form with OCPSET 330pF.
Fig.25 Rising wave form with VBAT=5V, 6parallel 10serial 20mA/ch, OCPSET=68kΩ,330pF
Current Sence
OCPSET
+
-
Detect
R(OCPSET)
1.5A
VOUT
PWMPOW
Coil current
OCPSET
36m


Similar Part No. - BD6150MUV_11

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6150MUV ROHM-BD6150MUV Datasheet
138Kb / 5P
   Silicon Monolithic Integrated Circuit
More results

Similar Description - BD6150MUV_11

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6583MUV-A ROHM-BD6583MUV-A_11 Datasheet
1Mb / 27P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD6581GU ROHM-BD6581GU Datasheet
751Kb / 27P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD8113EFV ROHM-BD8113EFV_11 Datasheet
389Kb / 20P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD8119FM-M ROHM-BD8119FM-M_11 Datasheet
365Kb / 21P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD6142AMUV ROHM-BD6142AMUV Datasheet
630Kb / 28P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD6590MUV ROHM-BD6590MUV_11 Datasheet
873Kb / 27P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD8119FM-M ROHM-BD8119FM-M Datasheet
449Kb / 21P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD6586MUV ROHM-BD6586MUV_11 Datasheet
489Kb / 20P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD6592MUV ROHM-BD6592MUV_11 Datasheet
833Kb / 26P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD8112EFV-M ROHM-BD8112EFV-M_11 Datasheet
615Kb / 23P
   White Backlight LED Drivers for Medium to Large LCD Panels (Switching Regulator Type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com