Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD6150MUV Datasheet(PDF) 10 Page - Rohm

Part # BD6150MUV
Description  White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD6150MUV Datasheet(HTML) 10 Page - Rohm

Back Button BD6150MUV_11 Datasheet HTML 6Page - Rohm BD6150MUV_11 Datasheet HTML 7Page - Rohm BD6150MUV_11 Datasheet HTML 8Page - Rohm BD6150MUV_11 Datasheet HTML 9Page - Rohm BD6150MUV_11 Datasheet HTML 10Page - Rohm BD6150MUV_11 Datasheet HTML 11Page - Rohm BD6150MUV_11 Datasheet HTML 12Page - Rohm BD6150MUV_11 Datasheet HTML 13Page - Rohm BD6150MUV_11 Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
Technical Note
10/28
www.rohm.com
2011.06 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
BD6150MUV
Over Current Limit
Over current flows the current detection resistor that is connected to internal switching transistor source and between
PGND, Current sense voltage turns more than detection voltage decided with OCPSET, over current protection is
operating and it is prevented from flowing more than detection current by reducing ON duty of switching Tr without
stopping boost.
As over current detector of This IC is detected peak current, current more than over current setting value does not flow.
And, over current value can decide freely by changing OCPSET voltage.
The range of over current setting is from 0.5A to 2.5A.
<Derivation sequence of detection resistor>
R (OCPSET)=34kΩ×Over current setting
TYP value of over current is 2A, MIN = 1.4A and MAX = 2.6A and after
the current value which was necessary for the normal operation was decided, detection resistor is derived by using MIN
value of over current detection value.
For example, detection resistor when typ value was set at 2A is given as shown below.
Detection resistor =34kΩ×2A=68kΩ
MAX current dispersion of this detection resistor value is
MAX current = 2A×1.3=2.6A
For example, 34kΩ  1A, 68kΩ  2A
<The estimate of the current value which need for the normal operation >
As over current detector of This IC is detected the peak current, it have to estimate peak current to flow to the coil by
operating condition.
In case of, ○ Supply voltage of coil = VIN
○ Inductance value of coil = L
○ Switching frequency = fsw
MIN=1.0MHz, Typ=1.25MHz, MAX=1.5MHz
○ Output voltage = VOUT
○ Total LED current = IOUT
○ Average current of coil = Iave
○ Peak current of coil = Ipeak
○ Efficiency = eff
○ ON time of switching transistor = Ton
Ipeak = (VIN / L) × (1 / fsw) × (1-(VIN / VOUT))
Iave=(VOUT × IOUT / VIN) / eff
Ton=(Iave × (1-VIN/VOUT) × (1/fsw) × (L/VIN) × 2)
1/2
Each current is calculated.
As peak current varies according to whether there is the direct current superposed, the next is decided.
(1-VIN/VOUT) × (1/fsw) < Ton
peak current = Ipeak /2 + Iave
(1-VIN/VOUT) × (1/fsw) > Ton
peak current = (VIN / L) ×Ton
(Example 1)
In case of, VIN=6.0V, L=4.7µH, fsw=1.25MHz, VOUT=39V, IOUT=80mA, Efficiency=85%
Ipeak = (6.0V / 4.7µH) × (1 / 1.25MHz) × (1-(6.0V / 39V)) =0.86A
Iave = (39V × 80mA / 6.0V) / 85% = 0.61A
Ton = (0.61A × (1-6.0V / 39V) × (1 / 1.25MHz) × (4.7µH /6.0V) × 2)
1/2 = 0.81µs
(1-VIN/VOUT) × (1/fsw)=0.68µs < Ton
Peak current = 0.68A/2+0.61A = 1.04A
(Example 2)
In case of, VIN=12.0V, L=4.7µH, fsw=1.25MHz, VOUT=39V, IOUT=80mA, Efficiency=85%
Ipeak = (12.0V / 4.7µH) × (1 / 1.25MHz) × (1-(12V / 39V)) =1.41A
Iave = (39V × 80mA / 12.0V) / 85% = 0.31A
Ton = (0.31A × (1-12 V / 39V) × (1 / 1.25MHz) × (4.7µH /12V) × 2)
1/2 = 0.36µs
(1-VIN/VOUT) × (1/fsw)=0.55µs > Ton
Peak current = 12V/4.7µH × 0.36µs = 0.92A
* When too large current is set, output overshoot is caused, be careful enough because it is led to break down of the IC in
case of the worst.
Current Sence
OCPSET
+
-
detect
R(OCPSET)
Fig. 24 Architecture


Similar Part No. - BD6150MUV_11

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6150MUV ROHM-BD6150MUV Datasheet
138Kb / 5P
   Silicon Monolithic Integrated Circuit
More results

Similar Description - BD6150MUV_11

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6583MUV-A ROHM-BD6583MUV-A_11 Datasheet
1Mb / 27P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD6581GU ROHM-BD6581GU Datasheet
751Kb / 27P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD8113EFV ROHM-BD8113EFV_11 Datasheet
389Kb / 20P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD8119FM-M ROHM-BD8119FM-M_11 Datasheet
365Kb / 21P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD6142AMUV ROHM-BD6142AMUV Datasheet
630Kb / 28P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD6590MUV ROHM-BD6590MUV_11 Datasheet
873Kb / 27P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD8119FM-M ROHM-BD8119FM-M Datasheet
449Kb / 21P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD6586MUV ROHM-BD6586MUV_11 Datasheet
489Kb / 20P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD6592MUV ROHM-BD6592MUV_11 Datasheet
833Kb / 26P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD8112EFV-M ROHM-BD8112EFV-M_11 Datasheet
615Kb / 23P
   White Backlight LED Drivers for Medium to Large LCD Panels (Switching Regulator Type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com