Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD6150MUV Datasheet(PDF) 1 Page - Rohm

Part # BD6150MUV
Description  White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD6150MUV Datasheet(HTML) 1 Page - Rohm

  BD6150MUV_11 Datasheet HTML 1Page - Rohm BD6150MUV_11 Datasheet HTML 2Page - Rohm BD6150MUV_11 Datasheet HTML 3Page - Rohm BD6150MUV_11 Datasheet HTML 4Page - Rohm BD6150MUV_11 Datasheet HTML 5Page - Rohm BD6150MUV_11 Datasheet HTML 6Page - Rohm BD6150MUV_11 Datasheet HTML 7Page - Rohm BD6150MUV_11 Datasheet HTML 8Page - Rohm BD6150MUV_11 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
1/28
www.rohm.com
2011.06 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
LED Drivers for LCD Backlights
White Backlight LED Driver
for Medium to Large LCD Panels
(Switching Regulator Type)
BD6150MUV
Description
BD6150MUV is white LED driver IC with PWM step-up DC/DC converter that can boost max 40V and current driver that can
drive max 30mA. The wide and precision brightness can be controlled by external PWM pulse. BD6150MUV has very
accurate current drivers, and it has few current errors between each strings. So, it will be helpful to reduce brightness spots
on the LCD. Small package type is suited for saving space.
Features
1) High efficiency PWM step-up DC/DC converter (fsw=1.25MHz / 0.75MHz)
2) High accuracy & good matching current drivers (MAX30mA/ch)
3) Integrated 50V power Nch MOSFET
4) Soft start
5) Drive up to 10 in series 6strings in parallel
6) Wide input voltage range (4.2V ~ 26V)
7) Rich safety functions
Over-voltage protection
Over current limit
LED terminal open/short protect
External SBD open detect / Output short protection
UVLO
Thermal shutdown
8) Small & thin package (VQFN024V4040) 4.0 × 4.0 × 1.0mm
Applications
All middle size LCD equipments backlight of Notebook PC, portable DVD player, car navigation systems, etc.
Absolute maximum ratings (Ta=25℃)
Parameter
Symbol
Ratings
Unit
Condition
Maximum applied voltage 1
VMAX1
7
V
VREG, ISET, PWMDRV, FSEL,
OCPSET, VDET, TEST
Maximum applied voltage 2
VMAX2
25
V
LED1, LED2, LED3,
LED4, LED5, LED6
Maximum applied voltage 3
VMAX3
30.5
V
VBAT, FAILFLAG, PWMPOW
Maximum applied voltage 4
VMAX4
41
V
SW
Power dissipation 1
Pd1
500
*1
mW
Power dissipation 2
Pd2
780
*2
mW
Power dissipation 3
Pd3
1510
*3
mW
Operating temperature range
Topr
-40 ~ +85
Storage temperature range
Tstg
-55 ~ +150
*1
Reduced 4.0mW/℃ With Ta>25℃ when not mounted on a heat radiation Board.
*2
1 layer (ROHM Standard board) has been mounted. Copper foil area 0mm
2, When it’s used by more than Ta=25℃, it’s reduced by 6.2mW/℃.
*3
4 layer (JEDEC Compliant board) has been mounted. Copper foil area 1layer 6.28mm
2, Copper foil area 2~4layers 5655.04mm2,
When it’s used by more than Ta=25℃, it’s reduced by 12.1mW/℃.
No.11040EBT06


Similar Part No. - BD6150MUV_11

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6150MUV ROHM-BD6150MUV Datasheet
138Kb / 5P
   Silicon Monolithic Integrated Circuit
More results

Similar Description - BD6150MUV_11

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6583MUV-A ROHM-BD6583MUV-A_11 Datasheet
1Mb / 27P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD6581GU ROHM-BD6581GU Datasheet
751Kb / 27P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD8113EFV ROHM-BD8113EFV_11 Datasheet
389Kb / 20P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD8119FM-M ROHM-BD8119FM-M_11 Datasheet
365Kb / 21P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD6142AMUV ROHM-BD6142AMUV Datasheet
630Kb / 28P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD6590MUV ROHM-BD6590MUV_11 Datasheet
873Kb / 27P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD8119FM-M ROHM-BD8119FM-M Datasheet
449Kb / 21P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD6586MUV ROHM-BD6586MUV_11 Datasheet
489Kb / 20P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD6592MUV ROHM-BD6592MUV_11 Datasheet
833Kb / 26P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD8112EFV-M ROHM-BD8112EFV-M_11 Datasheet
615Kb / 23P
   White Backlight LED Drivers for Medium to Large LCD Panels (Switching Regulator Type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com