Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B3F-1022 Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # B3F-1022
Description  Tactile Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B3F-1022 Datasheet(HTML) 8 Page - Omron Electronics LLC

Back Button B3F-1022 Datasheet HTML 4Page - Omron Electronics LLC B3F-1022 Datasheet HTML 5Page - Omron Electronics LLC B3F-1022 Datasheet HTML 6Page - Omron Electronics LLC B3F-1022 Datasheet HTML 7Page - Omron Electronics LLC B3F-1022 Datasheet HTML 8Page - Omron Electronics LLC B3F-1022 Datasheet HTML 9Page - Omron Electronics LLC B3F-1022 Datasheet HTML 10Page - Omron Electronics LLC B3F-1022 Datasheet HTML 11Page - Omron Electronics LLC B3F-1022 Datasheet HTML 12Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
228
Tactile Switch
B3F
■ 6 x 6 mm Radial Taped Models: Sold in units of 1,000 switches
Note: Terminal numbers are not indicated on this switch. With the switch turned over so that the logo mark “OMRON” is visible on the upper part
of the rear side of the switch base, the terminal on the top of the logo mark is numbered “1” and that on the bottom is “2.”
Flat Plunger Type
(without Ground Terminal)
B3F-6000, B3F-6002
Flat Plunger Type
(with Ground Terminal)
B3F-6100, B3F-6102
Flat Plunger Type
(without Ground Terminal)
B3F-6020, B3F-6022
5
±0.2
PCB Mounting
(Top View)
(Single-sided PCB, t=1.6)
Terminal Arrangement
/Internal Connections
(Top View)
PCB Mounting
(Top View)
(Single-sided PCB, t=1.6)
Terminal Arrangement
/Internal Connections
(Top View)
PCB Mounting
(Top View)
(Single-sided PCB, t=1.6)
Terminal Arrangement
/Internal Connections
(Top View)
Note: The tape is random
between
surface A
and surface B.
Note: The tape is random
between
surface A
and surface B.
0.5
(1.1)
0.9
0.2 max.
0.3
4.3
3.4
0.5 max.
5
+0.8
−0.2
12.7±1
9±0.5
6
12.7±0.3
4 dia. ±0.2
9
0.5 max.
2 max.
6.35±1
18
+1
−0.5
18
+1
0
Support
tape
Carrier tape
6±0.3
3.5 dia.
6±0.3
5±0.2
2
0.5
(1.1)
0.9
0.2 dia.
0.3
0.6
4.3
3.4
0.5 max.
5
+0.8
−0.2
3.1
5±0.1
5±0.1
Three, 1
+0.1
0 dia.
21
3
12.7±1
9±0.5
6
12.7±0.3
4±0.2 dia.
11
20±0.5
0.5 max.
2 max.
6.35±1
18
+1
−0.5
Support
tape
Support
tape
Carrier tape
6±0.3
3.5 dia.
Surface A
Surface B
6±0.3
6±0.3
3.5 dia.
Surface A
Surface B
6±0.3
0.5
(1.1)
0.9
0.2 max.
0.3
5
3.4
0.5 max.
5
+0.8
−0.2
5±0.1
Two, 1
+0.1
0 dia.
21
5±0.1
Two, 1
+0.1
0 dia.
21
12.7±1
9±0.5
6
12.7±0.3
4±0.2 dia.
9
0.5 max.
2 max.
6.35±1
18
+1
0
18
+1
−0.5
Carrier tape


Similar Part No. - B3F-1022

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
B3F-1022 OMRON-B3F-1022 Datasheet
328Kb / 5P
   Mechanical Key Switch
B3F-1022 OMRON-B3F-1022 Datasheet
1Mb / 12P
   Tactile Switch
B3F-1022 OMRON-B3F-1022 Datasheet
1,008Kb / 9P
   Tactile Switch
B3F-1022S OMRON-B3F-1022S Datasheet
328Kb / 5P
   Mechanical Key Switch
More results

Similar Description - B3F-1022

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
B3M OMRON-B3M Datasheet
261Kb / 4P
   Tactile Switch
B3W OMRON-B3W Datasheet
800Kb / 6P
   Tactile Switch
logo
CUI INC
TS04 CUI-TS04 Datasheet
429Kb / 5P
   TACTILE SWITCH
11/03/2021
TS16 CUI-TS16 Datasheet
389Kb / 5P
   TACTILE SWITCH
04/13/2022
TS02 CUI-TS02 Datasheet
467Kb / 5P
   TACTILE SWITCH
logo
Omron Electronics LLC
B3F OMRON-B3F_1 Datasheet
1Mb / 12P
   Tactile Switch
logo
CUI INC
TS13 CUI-TS13 Datasheet
345Kb / 4P
   TACTILE SWITCH
04/13/2022
TS12 CUI-TS12 Datasheet
971Kb / 6P
   TACTILE SWITCH
04/14/2022
TS19 CUI-TS19 Datasheet
424Kb / 4P
   TACTILE SWITCH
05/10/2022
TS05 CUI-TS05 Datasheet
470Kb / 4P
   TACTILE SWITCH
09/20/2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com