Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD6062GU Datasheet(PDF) 11 Page - Rohm

Part # BD6062GU
Description  Chopper type for Flash
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD6062GU Datasheet(HTML) 11 Page - Rohm

Back Button BD6062GU Datasheet HTML 7Page - Rohm BD6062GU Datasheet HTML 8Page - Rohm BD6062GU Datasheet HTML 9Page - Rohm BD6062GU Datasheet HTML 10Page - Rohm BD6062GU Datasheet HTML 11Page - Rohm BD6062GU Datasheet HTML 12Page - Rohm BD6062GU Datasheet HTML 13Page - Rohm BD6062GU Datasheet HTML 14Page - Rohm BD6062GU Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Technical Note
11/15
www.rohm.com
2011.05 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
BD6062GU
7) Soft start
BD6062GU has soft start function.
Soft start function will prevent the big peak current from IC and coil.
The detail of soft start is as follows.
Fig.32 Soft start Diagram and Timing
8) Soft Current Limiter
BD6062GU has Soft Current Limiter function.
Soft current limiter function will change the value of current gradually.
It has four steps. And the steps are as follows;
4Step of soft current limiter
Action
Start
2nd step
3rd step
4th step
Normal
Time
0~500us
500~700us
700~800us
800~900us
900us~
Current Limit
(DC)
0A* always
0.5A
1A
1.5A
2A
Current Limit “H (peak)
1.125A
1.75A
2.375A
3.0A
3.625A
Current Limit “L (peak)
0.675A
1.05A
1.425A
1.8A
2.175A
Peak current of BD6062GU depends on only soft current limiter.
Switching frequency or VBAT voltage does not affect Peak current of BD6062GU.
9) Thermal shut down
BD6062GU has a thermal shut down function.
It works above 175℃, and while, IC will change the status from active to inactive.
When the temperature will be under 175℃, IC will return to normal operation.
EN
VOUT
A
B (dashed)
C
duty width increase little by little
Q
B
C
S
RQ
Q
OSC
PGND
ERRAMP
L
SW
VOUT
A


Similar Part No. - BD6062GU

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6062GU ROHM-BD6062GU Datasheet
355Kb / 6P
   Flash LED Driver for mobile phone with camera
More results

Similar Description - BD6062GU

ManufacturerPart #DatasheetDescription
logo
Rohm
BD7700GU ROHM-BD7700GU_11 Datasheet
299Kb / 13P
   Charge Pump type for Flash
logo
Sharp Corporation
PQ1CG21H2FZ SHARP-PQ1CG21H2FZ_01 Datasheet
69Kb / 6P
   Chopper Regulators TO-220 Type Chopper Regulators
logo
Renesas Technology Corp
HA16114P RENESAS-HA16114P Datasheet
499Kb / 38P
   Switching Regulator for Chopper Type DC/DC Converter
logo
Hitachi Semiconductor
HA16116FP HITACHI-HA16116FP Datasheet
250Kb / 34P
   Switching Regulator for Chopper Type DC/DC Converter
logo
Renesas Technology Corp
HA16116FP RENESAS-HA16116FP Datasheet
439Kb / 34P
   Switching Regulator for Chopper Type DC/DC Converter
logo
Hitachi Semiconductor
HA16114P HITACHI-HA16114P Datasheet
275Kb / 38P
   Switching Regulator for Chopper Type DC/DC Converter
logo
Sanyo Semicon Device
STK795 SANYO-STK795 Datasheet
96Kb / 4P
   Chopper Type Voltage Regulator???
logo
Sanken electric
STR20000 SANKEN-STR20000 Datasheet
32Kb / 2P
   Switching Type(Chopper Self Oscillation Type)
STR2000 SANKEN-STR2000 Datasheet
40Kb / 3P
   Switching Type(Chopper * Self Oscillation Type)
logo
Sharp Corporation
PQ1CZ1T SHARP-PQ1CZ1T Datasheet
79Kb / 8P
   Surface Mount Type Chopper Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com