Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD6062GU Datasheet(PDF) 8 Page - Rohm

Part # BD6062GU
Description  Chopper type for Flash
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD6062GU Datasheet(HTML) 8 Page - Rohm

Back Button BD6062GU_11 Datasheet HTML 4Page - Rohm BD6062GU_11 Datasheet HTML 5Page - Rohm BD6062GU_11 Datasheet HTML 6Page - Rohm BD6062GU_11 Datasheet HTML 7Page - Rohm BD6062GU_11 Datasheet HTML 8Page - Rohm BD6062GU_11 Datasheet HTML 9Page - Rohm BD6062GU_11 Datasheet HTML 10Page - Rohm BD6062GU_11 Datasheet HTML 11Page - Rohm BD6062GU_11 Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Technical Note
8/15
www.rohm.com
2011.05 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
BD6062GU
2-3) Flash delay timer setting
Tdelay[2:0]
tFlash1
Default
000
0ms
*
001
5ms
010
10ms
011
15ms
100
20ms
101
25ms
110
30ms
111
35ms
tFLASH1 : Flash on delay timer
It control the period from flash enable to
light up.
2-4) Flash ON timer setting
Tflash[2:0]
TFlash2
Default
000
50ms
*
001
100ms
010
150ms
011
200ms
100
400ms
101
600ms
110
800ms
111
1000ms
tFLASH2 : Flash on timer
It control the period from light up to off.
*When IFMODE=H, it does not use timer function. Flash period is controlled by CPU directly.
Address”02(H)”, Flash and Torch current setting
2-5) Output current setting for the Torch current driver
Itorch[1:0]
Output current
Default
IFMODE=H
00
50mA
*
01
100mA
10
150mA
11
200mA
*
2-6) Output current setting for the Flash current driver
Iflash[1:0]
Output current
Default
IFMODE=H
00
400mA
*
01
500mA
10
600mA
11
800mA
*
2-7) Over power protection enable
CLMT
Current Limit
Default
IFMODE=H
0
disable
*
*
1
enable


Similar Part No. - BD6062GU_11

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6062GU ROHM-BD6062GU Datasheet
355Kb / 6P
   Flash LED Driver for mobile phone with camera
More results

Similar Description - BD6062GU_11

ManufacturerPart #DatasheetDescription
logo
Rohm
BD7700GU ROHM-BD7700GU_11 Datasheet
299Kb / 13P
   Charge Pump type for Flash
logo
Sharp Corporation
PQ1CG21H2FZ SHARP-PQ1CG21H2FZ_01 Datasheet
69Kb / 6P
   Chopper Regulators TO-220 Type Chopper Regulators
logo
Renesas Technology Corp
HA16114P RENESAS-HA16114P Datasheet
499Kb / 38P
   Switching Regulator for Chopper Type DC/DC Converter
logo
Hitachi Semiconductor
HA16116FP HITACHI-HA16116FP Datasheet
250Kb / 34P
   Switching Regulator for Chopper Type DC/DC Converter
logo
Renesas Technology Corp
HA16116FP RENESAS-HA16116FP Datasheet
439Kb / 34P
   Switching Regulator for Chopper Type DC/DC Converter
logo
Hitachi Semiconductor
HA16114P HITACHI-HA16114P Datasheet
275Kb / 38P
   Switching Regulator for Chopper Type DC/DC Converter
logo
Sanyo Semicon Device
STK795 SANYO-STK795 Datasheet
96Kb / 4P
   Chopper Type Voltage Regulator???
logo
Sanken electric
STR20000 SANKEN-STR20000 Datasheet
32Kb / 2P
   Switching Type(Chopper Self Oscillation Type)
STR2000 SANKEN-STR2000 Datasheet
40Kb / 3P
   Switching Type(Chopper * Self Oscillation Type)
logo
Sharp Corporation
PQ1CZ1T SHARP-PQ1CZ1T Datasheet
79Kb / 8P
   Surface Mount Type Chopper Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com