Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2637-HZ12 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2637-HZ12
Description  Octal 12-/10-/8-Bit I2C VOUT DACs with 10ppm/째C Reference
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2637-HZ12 Datasheet(HTML) 1 Page - Linear Technology

  LTC2637-HZ12 Datasheet HTML 1Page - Linear Technology LTC2637-HZ12 Datasheet HTML 2Page - Linear Technology LTC2637-HZ12 Datasheet HTML 3Page - Linear Technology LTC2637-HZ12 Datasheet HTML 4Page - Linear Technology LTC2637-HZ12 Datasheet HTML 5Page - Linear Technology LTC2637-HZ12 Datasheet HTML 6Page - Linear Technology LTC2637-HZ12 Datasheet HTML 7Page - Linear Technology LTC2637-HZ12 Datasheet HTML 8Page - Linear Technology LTC2637-HZ12 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
LTC2637
1
2637fb
Octal 12-/10-/8-Bit I2C VOUT
DACs with 10ppm/°C Reference
FEATURES
APPLICATIONS
DESCRIPTION
The LTC®2637 is a family of octal 12-, 10-, and 8-bit
voltage-output DACs with an integrated, high-accuracy,
low-drift 10ppm/°C reference in 14-lead DFN and 16-lead
MSOP packages. It has a rail-to-rail output buffer and is
guaranteed monotonic. The LTC2637-L has a full-scale
output of 2.5V, and operates from a single 2.7V to 5.5V
supply. The LTC2637-H has a full-scale output of 4.096V,
and operates from a 4.5V to 5.5V supply. Each DAC can
also operate with an external reference, which sets the DAC
full-scale output to the external reference voltage.
These DACs communicate via a 2-wire I2C-compatible
serial interface. The LTC2637 operates in both the standard
mode (clock rate of 100kHz) and the fast mode (clock rate
of 400kHz). The LTC2637 incorporates a power-on reset
circuit. Options are available for reset to zero-scale or
reset to mid-scale in internal reference mode, or reset to
mid-scale in external reference mode after power-up.
n Integrated Precision Reference:
2.5V Full-Scale 10ppm/°C (LTC2637-L)
4.096V Full-Scale 10ppm/°C (LTC2637-H)
n Maximum INL Error: 2.5LSB (LTC2637-12)
n Low Noise: 0.75mVP-P 0.1Hz to 200KHz
n Guaranteed Monotonic Over –40°C to 125°C
Temperature Range
n Selectable Internal or External Reference
n 2.7V to 5.5V Supply Range (LTC2637-L)
n Ultralow Crosstalk Between DACs (<3nV•s)
n Low Power: 100μA per DAC at 3V (LTC2637-L)
n Power-On-Reset to Zero-Scale/Mid-Scale
n Double-Buffered Data Latches
n Tiny 14-Lead 4mm
× 3mm DFN and 16-Lead MSOP
Packages
n Mobile Communications
n Process Control and Industrial Automation
n Automatic Test Equipment
n Portable Equipment
n Automotive
n Optical Networking
BLOCK DIAGRAM
Integral Nonlinearity (LTC2637-LZ12)
2637 BD
GND
VOUTA
VOUTB
VOUTC
VOUTD
CAO
(CA1)
(CA2)
REF
VCC
VOUTH
VOUTG
VOUTF
VOUTE
SCL
INTERNAL REFERENCE
SWITCH
DAC A
DECODE
POWER-ON RESET
VREF
VREF
VREF
VREF
VREF
VREF
VREF
DAC B
DAC C
DAC D
DAC H
DAC G
DAC F
DAC E
I2C
ADDRESS
DECODE
( ) MSOP PACKAGE ONLY
SDA
I2C INTERFACE
CODE
0
2
1
0
–1
–2
1024
3072
2637 TA01
4095
2048
VCC = 3V
INTERNAL REF.
L, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks and
ThinSOT is a trademark of Linear Technology Corporation. All other trademarks are the property
of their respective owners. Protected by U.S. Patents including 5396245, 5859606, 6891433,
6937178, 7414561.


Similar Part No. - LTC2637-HZ12

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2637 LINER-LTC2637 Datasheet
1Mb / 28P
   Mobile Communications
LTC2637 LINER-LTC2637 Datasheet
584Kb / 24P
   Dual 12-/10-/8-Bit I2C VOUT DACs with 10ppm/째C Reference
logo
Analog Devices
LTC2637 AD-LTC2637 Datasheet
702Kb / 30P
   Octal 12-/10-/8-Bit I2C VOUT DACs Reference
logo
Linear Technology
LTC2637 LINER-LTC2637_15 Datasheet
436Kb / 28P
   Octal 12-/10-/8-Bit I2C VOUT DACs with 10ppm/C Reference
More results

Similar Description - LTC2637-HZ12

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2633 LINER-LTC2633 Datasheet
584Kb / 24P
   Dual 12-/10-/8-Bit I2C VOUT DACs with 10ppm/째C Reference
LTC2631 LINER-LTC2631 Datasheet
354Kb / 28P
   Single 12-/10-/8-Bit I2C VOUT DACs with 10ppm/째C Reference
LTC2635 LINER-LTC2635_1 Datasheet
526Kb / 32P
   Quad 12-/10-/8-Bit I2C VOUT DACs with 10ppm/째C Reference
LTC2637 LINER-LTC2637_15 Datasheet
436Kb / 28P
   Octal 12-/10-/8-Bit I2C VOUT DACs with 10ppm/C Reference
LTC2640 LINER-LTC2640 Datasheet
345Kb / 24P
   Single 12-/10-/8-Bit SPI VOUT DACs with 10ppm/째C Reference
logo
Analog Devices
LTC2637 AD-LTC2637 Datasheet
702Kb / 30P
   Octal 12-/10-/8-Bit I2C VOUT DACs Reference
logo
Linear Technology
LTC2636 LINER-LTC2636_15 Datasheet
412Kb / 24P
   Octal 12-/10-/8-Bit SPI VOUT DACs with 10ppm/C Reference
LTC2635 LINER-LTC2635_15 Datasheet
531Kb / 32P
   Quad 12-/10-/8-Bit I2C VOUT DACs with 10ppm/C Reference
LTC2631 LINER-LTC2631_15 Datasheet
404Kb / 28P
   Single 12-/10-/8-Bit I2C VOUT DACs with 10ppm/C Reference
LTC2633 LINER-LTC2633_15 Datasheet
588Kb / 24P
   Dual 12-/10-/8-Bit I2C VOUT DACs with 10ppm/C Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com