Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2656CCUFD-L16PBF Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2656CCUFD-L16PBF
Description  Octal 16-/12-Bit Rail-to-Rail DACs with 10ppm/째C Max Reference
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2656CCUFD-L16PBF Datasheet(HTML) 1 Page - Linear Technology

  LTC2656CCUFD-L16PBF Datasheet HTML 1Page - Linear Technology LTC2656CCUFD-L16PBF Datasheet HTML 2Page - Linear Technology LTC2656CCUFD-L16PBF Datasheet HTML 3Page - Linear Technology LTC2656CCUFD-L16PBF Datasheet HTML 4Page - Linear Technology LTC2656CCUFD-L16PBF Datasheet HTML 5Page - Linear Technology LTC2656CCUFD-L16PBF Datasheet HTML 6Page - Linear Technology LTC2656CCUFD-L16PBF Datasheet HTML 7Page - Linear Technology LTC2656CCUFD-L16PBF Datasheet HTML 8Page - Linear Technology LTC2656CCUFD-L16PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
LTC2656
1
2656fa
BLOCK DIAGRAM
FEATURES
APPLICATIONS
DESCRIPTION
Octal 16-/12-Bit Rail-to-Rail
DACs with 10ppm/°C
Max Reference
n
Mobile Communications
n
Process Control and Industrial Automation
n
Instrumentation
n
Automatic Test Equipment
n
Automotive
n
Precision 10ppm/°C Max Reference
n
Maximum INL Error: ±4LSB at 16 Bits
n
Guaranteed Monotonic over Temperature
n
Selectable Internal or External Reference
n
2.7V to 5.5V Supply Range (LTC2656-L)
n
Integrated Reference Buffers
n
UltralowCrosstalkBetweenDACs(<1nV•s)
n
Power-On-Reset to Zero-Scale/Mid-scale
n
Asynchronous LDAC Update Pin
n
Tiny 20-Lead 4mm × 5mm QFN and 20-Lead
Thermally Enhanced TSSOP Packages
The LTC®2656 is a family of octal 16-/12-bit rail-to-rail
DACs with a precision integrated reference. The DACs have
built-in high performance, rail-to-rail, output buffers and
are guaranteed monotonic. The LTC2656-L has a full-scale
output of 2.5V with the integrated 10ppm/°C reference and
operates from a single 2.7V to 5.5V supply. The LTC2656-H
has a full-scale output of 4.096V with the integrated refer-
enceandoperatesfroma4.5Vto5.5Vsupply.EachDACcan
also operate with an external reference, which sets the DAC
full-scaleoutputtotwotimestheexternalreferencevoltage.
These DACs communicate via a SPI/MICROWIRE™ com-
patible4-wireserialinterfacewhichoperatesatclockrates
up to 50MHz. The LTC2656 incorporates a power-on reset
circuit that is controlled by the PORSEL pin. If PORSEL
is tied to GND the DACs reset to zero-scale. If PORSEL is
tied to VCC, the DACs reset to mid-scale.
INTERNAL REFERENCE
DECODE
CONTROL LOGIC
POWER-ON RESET
32-BIT SHIFT REGISTER
REFCOMP
REFIN/OUT
VCC
GND
DAC A
REF
REF
REF
REF
REF
REF
REF
REF
DAC H
VOUTH
DAC G
VOUTG
DAC F
VOUTF
DAC E
VOUTE
PORSEL
SDO
SDI
2656 TA01a
CLR
REFLO
VOUTA
DAC B
VOUTB
DAC C
VOUTC
DAC D
VOUTD
SCK
LDAC
CS/LD
CODE
128
0
1
2
65535
2656 TA01b
–1
–2
–4
16384
32768
49152
–3
4
3
DAC A
DAC B
DAC C
DAC D
DAC E
DAC F
DAC G
DAC H
INL vs Code
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.
Protected by U.S. Patents, including 5396245, 6891433.


Similar Part No. - LTC2656CCUFD-L16PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2656CFE-H12PBF LINER-LTC2656CFE-H12PBF Datasheet
292Kb / 24P
   Octal 16-/12-Bit Rail-to-Rail DACs with 10ppm/째C Max Reference
LTC2656CFE-H12TRPBF LINER-LTC2656CFE-H12TRPBF Datasheet
292Kb / 24P
   Octal 16-/12-Bit Rail-to-Rail DACs with 10ppm/째C Max Reference
LTC2656CFE-L12PBF LINER-LTC2656CFE-L12PBF Datasheet
292Kb / 24P
   Octal 16-/12-Bit Rail-to-Rail DACs with 10ppm/째C Max Reference
LTC2656CFE-L12TRPBF LINER-LTC2656CFE-L12TRPBF Datasheet
292Kb / 24P
   Octal 16-/12-Bit Rail-to-Rail DACs with 10ppm/째C Max Reference
LTC2656CUFD-H12PBF LINER-LTC2656CUFD-H12PBF Datasheet
292Kb / 24P
   Octal 16-/12-Bit Rail-to-Rail DACs with 10ppm/째C Max Reference
More results

Similar Description - LTC2656CCUFD-L16PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2656 LINER-LTC2656 Datasheet
292Kb / 24P
   Octal 16-/12-Bit Rail-to-Rail DACs with 10ppm/째C Max Reference
LTC2657 LINER-LTC2657 Datasheet
1Mb / 24P
   Octal I2C 16-/12-Bit Rail-to-Rail DACs with 10ppm/째C Max Reference
LTC2654 LINER-LTC2654 Datasheet
339Kb / 24P
   Quad 16-/12-Bit Rail-to-Rail DACs with 10ppm/째C Max Reference
LTC2656 LINER-LTC2656_15 Datasheet
1Mb / 26P
   Octal 16-/12-Bit Rail-to-Rail DACs with 10ppm/C Max Reference
LTC2655 LINER-LTC2655 Datasheet
363Kb / 28P
   Quad I짼C 16-/12-Bit Rail-to-Rail DACs with 10ppm/째C Max Reference
LTC2657 LINER-LTC2657_15 Datasheet
1Mb / 24P
   Octal I2C 16-/12-Bit Rail-to-Rail DACs with 10ppm/C Max Reference
LTC2654 LINER-LTC2654_15 Datasheet
353Kb / 24P
   Quad 16-/12-Bit Rail-to-Rail DACs with 10ppm/C Max Reference
LTC2655 LINER-LTC2655_15 Datasheet
368Kb / 28P
   Quad I2C 16-/12-Bit Rail-to-Rail DACs with 10ppm/C Max Reference
LTC2634 LINER-LTC2634 Datasheet
382Kb / 28P
   Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/째C Reference
LTC2634 LINER-LTC2634_2 Datasheet
454Kb / 30P
   Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/째C Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com