Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD5445EFV Datasheet(PDF) 3 Page - Rohm

Part # BD5445EFV
Description  Analog Input / Single End Output Class-D Speaker Amplifier
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD5445EFV Datasheet(HTML) 3 Page - Rohm

  BD5445EFV Datasheet HTML 1Page - Rohm BD5445EFV Datasheet HTML 2Page - Rohm BD5445EFV Datasheet HTML 3Page - Rohm BD5445EFV Datasheet HTML 4Page - Rohm BD5445EFV Datasheet HTML 5Page - Rohm BD5445EFV Datasheet HTML 6Page - Rohm BD5445EFV Datasheet HTML 7Page - Rohm BD5445EFV Datasheet HTML 8Page - Rohm BD5445EFV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
Technical Note
3/31
BD5445EFV
www.rohm.com
2010.05 - Rev.B
© 2010 ROHM Co., Ltd. All rights reserved.
●Electrical characteristics ( Unless otherwise specified Ta=25℃, Vcc=24V, f=1kHz, RL=8Ω, Po=1W, Gain=20dB,
PDX=24V, MUTEX=24V, MS=0V, Single-ended outputs)
Item
Symbol
Limit
Unit
Conditions
Min
Typ
Max
Whole circuit
Circuit current 1
ICC1
-
25
50
mA
Pin 1, 15, 16, 27, 28
No load, No signal
Circuit current 2
(Power down mode)
ICC2
-
2
4
mA
Pin 1, 15, 16, 27, 28
PDX=0V,MUTEX=0V, No load, No
signal
Control circuit
High level input voltage for control
VIH
2.5
-
24
V
Pin 2, 3, 10, 11, 13
Low level input voltage for control
VIL
0
-
0.8
V
Pin 2, 3, 10, 11, 13
High level input voltage for clock
VIHC
2.5
-
5
V
Pin 12
Low level input voltage for clock
VILC
0
-
0.8
V
Pin 12
Audio circuit
Momentary maximum output power
PO1
-
10
-
W
RL=8Ω, THD+n=10%
※7
PO2
-
17
-
RL=4Ω, THD+n=10%
※7
Voltage gain
GV0
12
14
16
dB
Gain1=0V, Gain0=0V
※7
GV1
18
20
22
Gain1=0V, Gain0=24V
※7
GV2
24
26
28
Gain1=24V, Gain0=0V
※7
GV3
30
32
34
Gain1=24V, Gain0=24V
※7
Total harmonic distortion
THD
-
0.05
-
%
BW=20~20kHz
※7
Crosstalk
CT
60
75
-
dB
Rg=0
Ω, BW=IHF-A
※7
Output noise voltage
VNO
-
80
160
μVrms
Rg=0
Ω, BW=IHF-A
※7
Residual noise voltage
(Power down mode)
VNOR
-
1
10
μVrms
PDX=0V, MUTEX=0V
Rg=0
Ω, BW=IHF-A
※7
Mute attenuation
GVM
80
94
-
dB
MUTEX=0V, BW= IHF-A
※7
Power supply rejection ratio
PSRR
-
60
-
dB
Vripple=1Vrms, BW= IHF-A
Rg=0
Ω, fripple=100Hz
※7
Internal oscillation frequency
FOSC
480
600
720
kHz
Pin 12, MS=0V
※7
External clock frequency
FEXT
480
-
720
kHz
Pin 12, MS=24V
※7
※7 These items show the typical performance of device and depend on board layout, parts, power supply.
The standard value is in mounting device and parts on surface of ROHM’s board directly.


Similar Part No. - BD5445EFV

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
BD544 POINN-BD544 Datasheet
84Kb / 6P
   PNP SILICON POWER TRANSISTORS
logo
Transys Electronics
BD544 TRSYS-BD544 Datasheet
422Kb / 5P
   PNP SILICON POWER TRANSISTORS
logo
Bourns Electronic Solut...
BD544 BOURNS-BD544 Datasheet
103Kb / 5P
   PNP SILICON POWER TRANSISTORS
logo
Inchange Semiconductor ...
BD544 ISC-BD544 Datasheet
121Kb / 2P
   isc Silicon PNP Power Transistors
logo
Foshan Blue Rocket Elec...
BD544 FOSHAN-BD544 Datasheet
887Kb / 7P
   Silicon PNP transistor in a TO-220 Plastic Package.
More results

Similar Description - BD5445EFV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD5444EFV ROHM-BD5444EFV Datasheet
833Kb / 32P
   Analog Input / Single End Output Class-D Speaker Amplifier
BD5423AEFS ROHM-BD5423AEFS_10 Datasheet
612Kb / 18P
   Analog Input / BTL Output Class-D Speaker Amplifier
BD5424EFS ROHM-BD5424EFS_10 Datasheet
565Kb / 18P
   Analog Input/BTL Output Class-D Speaker Amplifier
BD5426MUV ROHM-BD5426MUV_10 Datasheet
454Kb / 16P
   Analog Input / BTL Output Class-D Speaker Amplifier
BD5413EFV ROHM-BD5413EFV_10 Datasheet
591Kb / 15P
   Analog Input / BTL Output Class-D Speaker Amplifier
BD5423MUV ROHM-BD5423MUV_10 Datasheet
591Kb / 17P
   Analog Input / BTL Output Class-D Speaker Amplifier
BD5426EFS ROHM-BD5426EFS_10 Datasheet
529Kb / 17P
   Analog Input / BTL Output Class-D Speaker Amplifier
BD5427EFS ROHM-BD5427EFS_10 Datasheet
520Kb / 16P
   Analog Input / BTL Output Class-D Speaker Amplifier
BD5427MUV ROHM-BD5427MUV_10 Datasheet
412Kb / 16P
   Analog Input / BTL Output Class-D Speaker Amplifier
BD5471MUV ROHM-BD5471MUV_10 Datasheet
530Kb / 22P
   Analog Input Stereo Class-D Speaker Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com