Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2635-LMO8 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC2635-LMO8
Description  Quad 12-/10-/8-Bit I2C VOUT DACs with 10ppm/째C Reference
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2635-LMO8 Datasheet(HTML) 5 Page - Linear Technology

  LTC2635-LMO8 Datasheet HTML 1Page - Linear Technology LTC2635-LMO8 Datasheet HTML 2Page - Linear Technology LTC2635-LMO8 Datasheet HTML 3Page - Linear Technology LTC2635-LMO8 Datasheet HTML 4Page - Linear Technology LTC2635-LMO8 Datasheet HTML 5Page - Linear Technology LTC2635-LMO8 Datasheet HTML 6Page - Linear Technology LTC2635-LMO8 Datasheet HTML 7Page - Linear Technology LTC2635-LMO8 Datasheet HTML 8Page - Linear Technology LTC2635-LMO8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
LTC2635

2635fb
electrical characteristics The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 2.7V to 5.5V, VOUT unloaded unless otherwise specified.
LTC2635-LMI12/-LMI10/-LMI8/-LMX12/-LMX10/-LMX8/-LZ12/-LZ10/-LZ8/-LMO12/-LMO10/-LM08 (VFS = 2.5V)
SYMBOL PARAMETER
CONDITIONS
LTC2635-8
LTC2635-10
LTC2635-12
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
DC Performance
Resolution
l
8
10
12
Bits
Monotonicity
VCC = 3V, Internal Ref. (Note 4) l
8
10
12
Bits
DNL
Differential Nonlinearity VCC = 3V, Internal Ref. (Note 4) l
±0.5
±0.5
±1
LSB
INL
Integral Nonlinearity
VCC = 3V, Internal Ref. (Note 4) l
±0.05 ±0.5
±0.2
±1
±1
±2.5
LSB
ZSE
Zero-Scale Error
VCC = 3V, Internal Ref., Code=0 l
0.5
5
0.5
5
0.5
5
mV
VOS
Offset Error
VCC = 3V, Internal Ref. (Note 5) l
±0.5
±5
±0.5
±5
±0.5
±5
mV
VOSTC
VOS Temperature
Coefficient
VCC = 3V, Internal Ref.
±10
±10
±10
µV/°C
GE
Gain Error
VCC = 3V, Internal Ref.
l
±0.2
±0.8
±0.2
±0.8
±0.2
±0.8
%FSR
GETC
Gain Temperature
Coefficient
VCC = 3V, Internal Ref. (Note 10)
C-Grade
H-Grade
10
10
10
10
10
10
ppm/°C
ppm/°C
Load Regulation
Internal Ref., Mid-Scale,
VCC = 3V ± 10%,
–5mA ≤ IOUT ≤ 5mA
VCC = 5V±10%,
–10mA ≤ IOUT ≤ 10mA
l
l
0.009
0.009
0.016
0.016
0.035
0.035
0.064
0.064
0.14
0.14
0.256
0.256
LSB/mA
LSB/mA
ROUT
DC Output Impedance
Internal Ref., Mid-Scale,
VCC = 3V ± 10%,
–5mA ≤ IOUT ≤ 5mA
VCC = 5V±10%,
–10mA ≤ IOUT ≤ 10mA
l
l
0.09
0.09
0.156
0.156
0.09
0.09
0.156
0.156
0.09
0.09
0.156
0.156
Ω
Ω
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOUT
DAC Output Span
External Reference
Internal Reference
0 to VREF
0 to 2.5
V
V
PSR
Power Supply Rejection
VCC = 3V ± 10% or 5V ± 10%
–80
dB
ISC
Short Circuit Output Current (Note 6)
Sinking
Sourcing
VFS = VCC = 5.5V
Zero-Scale; VOUT Shorted to VCC
Full-Scale; VOUT Shorted to GND
l
l
27
–28
48
–48
mA
mA
DAC ISD
DAC Output Current in High Impedance Mode
Sinking
Sourcing
MO Options Only
l
l
0.05
–0.001
2
–0.1
µA
µA
Power Supply
VCC
Positive Supply Voltage
For Specified Performance
l
2.7
5.5
V
ICC
Supply Current (Note 7)
VCC = 3V, VREF = 2.5V, External Reference
VCC = 3V, Internal Reference
VCC = 5V VREF = 2.5V, External Reference
VCC = 5V, Internal Reference
l
l
l
l
0.5
0.6
0.6
0.7
0.7
0.8
0.8
0.9
mA
mA
mA
mA
ISD
Supply Current in Power-Down Mode
(Note 7)
VCC = 5V, C-Grade
VCC = 5V, H-Grade
l
l
1
1
20
30
µA
µA


Similar Part No. - LTC2635-LMO8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2635 LINER-LTC2635 Datasheet
440Kb / 32P
   Mobile Communications
LTC2635 LINER-LTC2635 Datasheet
584Kb / 24P
   Dual 12-/10-/8-Bit I2C VOUT DACs with 10ppm/째C Reference
LTC2635 LINER-LTC2635 Datasheet
758Kb / 20P
   Quad 12-/10-/8-Bit PWM to VOUT DACs with 10ppm/째C Reference
logo
Analog Devices
LTC2635 AD-LTC2635 Datasheet
736Kb / 32P
   Quad 12-/10-/8-Bit I2C DACs Reference
logo
Linear Technology
LTC2635 LINER-LTC2635_15 Datasheet
531Kb / 32P
   Quad 12-/10-/8-Bit I2C VOUT DACs with 10ppm/C Reference
More results

Similar Description - LTC2635-LMO8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2637 LINER-LTC2637_1 Datasheet
431Kb / 28P
   Octal 12-/10-/8-Bit I2C VOUT DACs with 10ppm/째C Reference
LTC2633 LINER-LTC2633 Datasheet
584Kb / 24P
   Dual 12-/10-/8-Bit I2C VOUT DACs with 10ppm/째C Reference
LTC2631 LINER-LTC2631 Datasheet
354Kb / 28P
   Single 12-/10-/8-Bit I2C VOUT DACs with 10ppm/째C Reference
LTC2635 LINER-LTC2635_15 Datasheet
531Kb / 32P
   Quad 12-/10-/8-Bit I2C VOUT DACs with 10ppm/C Reference
LTC2645 LINER-LTC2645 Datasheet
758Kb / 20P
   Quad 12-/10-/8-Bit PWM to VOUT DACs with 10ppm/째C Reference
LTC2637 LINER-LTC2637_15 Datasheet
436Kb / 28P
   Octal 12-/10-/8-Bit I2C VOUT DACs with 10ppm/C Reference
LTC2640 LINER-LTC2640 Datasheet
345Kb / 24P
   Single 12-/10-/8-Bit SPI VOUT DACs with 10ppm/째C Reference
LTC2631 LINER-LTC2631_15 Datasheet
404Kb / 28P
   Single 12-/10-/8-Bit I2C VOUT DACs with 10ppm/C Reference
LTC2633 LINER-LTC2633_15 Datasheet
588Kb / 24P
   Dual 12-/10-/8-Bit I2C VOUT DACs with 10ppm/C Reference
LTC2644 LINER-LTC2644 Datasheet
747Kb / 20P
   Dual 12-/10-/8-Bit PWM to VOUT DACs with 10ppm/째C Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com