Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2637-LMX10 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC2637-LMX10
Description  Octal 12-/10-/8-Bit I2C VOUT DACs with 10ppm/째C Reference
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2637-LMX10 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC2637-LMX10 Datasheet HTML 6Page - Linear Technology LTC2637-LMX10 Datasheet HTML 7Page - Linear Technology LTC2637-LMX10 Datasheet HTML 8Page - Linear Technology LTC2637-LMX10 Datasheet HTML 9Page - Linear Technology LTC2637-LMX10 Datasheet HTML 10Page - Linear Technology LTC2637-LMX10 Datasheet HTML 11Page - Linear Technology LTC2637-LMX10 Datasheet HTML 12Page - Linear Technology LTC2637-LMX10 Datasheet HTML 13Page - Linear Technology LTC2637-LMX10 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
LTC2637
10
2637fb
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: All voltages are with respect to GND.
Note 3: High temperatures degrade operating lifetimes. Operating lifetime
is derated at temperatures greater than 105°C. Operating at temperatures
above 110°C and with VCC > 4V requires VCC slew rates to be no greater
than 110mV/ms.
Note 4: Linearity and monotonicity are defined from code kL to code 2N–1,
where N is the resolution and kL is given by kL = 0.016•(2N/ VFS), rounded
to the nearest whole code. For VFS = 2.5V and N = 12, kL = 26 and linearity
is defined from code 26 to code 4,095. For VFS = 4.096V and N = 12, kL =
16 and linearity is defined from code 16 to code 4,095.
Note 5: Inferred from measurement at code 16 (LTC2637-12), code 4
(LTC2637-10) or code 1 (LTC2637-8), and at full-scale.
Note 6: This IC includes current limiting that is intended to protect the
device during momentary overload conditions. Junction temperature can
exceed the rated maximum during current limiting. Continuous operation
above the specified maximum operating junction temperature may impair
device reliability.
Note 7: Digital inputs at 0V or VCC.
Note 8: Guaranteed by design and not production tested.
Note 9: Internal Reference mode. DAC is stepped 1/4 scale to 3/4 scale
and 3/4 scale to 1/4 scale. Load is 2kΩ in parallel with 100pF to GND.
Note 10: Temperature coefficient is calculated by dividing the maximum
change in output voltage by the specified temperature range.
Note 11: Maximum VIH = VCC(MAX) + 0.5V.
Note 12: CB = Capacitance of one bus line in pF.
Note 13: All values refer to VIH = VIN(MIN) and VIL = VIL(MAX) levels.
Note 14: Minimum VIL exceeds Absolute Maximum rating. This condition
won’t damage the IC, but could degrade performance.
Note 15: Thermal resistance of MSOP package limits IOUT to
–5mA ≤ IOUT ≤ 5mA for H-grade MSOP parts and VCC = 5V ±10%.
LTC2637-HMI12/ LTC2637-HMI10/ LTC2637-HMI8/ LTC2637-HMX12/ LTC2637-HMX10/ LTC2637-HMX8/ LTC2637-HZ12/ LTC2637-HZ10/
LTC2637-HZ8 (VFS =4.096V)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
fSCL
SCL Clock Frequency
l
0
400
kHz
tHD(STA)
Hold Time (Repeated) Start Condition
l
0.6
μs
tLOW
Low Period of the SCL Clock Pin
l
1.3
μs
tHIGH
High Period of the SCL Clock Pin
l
0.6
μs
tSU(STA)
Set-Up Time for a Repeated Start Condition
l
0.6
μs
tHD(DAT)
Data Hold Time
l
0
0.9
μs
tSU(DAT)
Data Set-Up Time
l
100
ns
tr
Rise Time of Both SDA and SCL Signals
(Note 12)
l 20 + 0.1CB
300
ns
tf
Fall Time of Both SDA and SCL Signals
(Note 12)
l 20 + 0.1CB
300
ns
tSU(STO)
Set-Up Time for Stop Condition
l
0.6
μs
tBUF
Bus Free Time Between a Stop and Start Condition
l
1.3
μs
TIMING CHARACTERISTICS The l denotes specifications that apply over the full operating temperature range,
otherwise specifications are at TA = 25°C. VCC =4.5V to 5.5V. (See Figure 1) (Note 13).


Similar Part No. - LTC2637-LMX10

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2637 LINER-LTC2637 Datasheet
1Mb / 28P
   Mobile Communications
LTC2637 LINER-LTC2637 Datasheet
584Kb / 24P
   Dual 12-/10-/8-Bit I2C VOUT DACs with 10ppm/째C Reference
logo
Analog Devices
LTC2637 AD-LTC2637 Datasheet
702Kb / 30P
   Octal 12-/10-/8-Bit I2C VOUT DACs Reference
logo
Linear Technology
LTC2637 LINER-LTC2637_15 Datasheet
436Kb / 28P
   Octal 12-/10-/8-Bit I2C VOUT DACs with 10ppm/C Reference
More results

Similar Description - LTC2637-LMX10

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2633 LINER-LTC2633 Datasheet
584Kb / 24P
   Dual 12-/10-/8-Bit I2C VOUT DACs with 10ppm/째C Reference
LTC2631 LINER-LTC2631 Datasheet
354Kb / 28P
   Single 12-/10-/8-Bit I2C VOUT DACs with 10ppm/째C Reference
LTC2635 LINER-LTC2635_1 Datasheet
526Kb / 32P
   Quad 12-/10-/8-Bit I2C VOUT DACs with 10ppm/째C Reference
LTC2637 LINER-LTC2637_15 Datasheet
436Kb / 28P
   Octal 12-/10-/8-Bit I2C VOUT DACs with 10ppm/C Reference
LTC2640 LINER-LTC2640 Datasheet
345Kb / 24P
   Single 12-/10-/8-Bit SPI VOUT DACs with 10ppm/째C Reference
logo
Analog Devices
LTC2637 AD-LTC2637 Datasheet
702Kb / 30P
   Octal 12-/10-/8-Bit I2C VOUT DACs Reference
logo
Linear Technology
LTC2636 LINER-LTC2636_15 Datasheet
412Kb / 24P
   Octal 12-/10-/8-Bit SPI VOUT DACs with 10ppm/C Reference
LTC2635 LINER-LTC2635_15 Datasheet
531Kb / 32P
   Quad 12-/10-/8-Bit I2C VOUT DACs with 10ppm/C Reference
LTC2631 LINER-LTC2631_15 Datasheet
404Kb / 28P
   Single 12-/10-/8-Bit I2C VOUT DACs with 10ppm/C Reference
LTC2633 LINER-LTC2633_15 Datasheet
588Kb / 24P
   Dual 12-/10-/8-Bit I2C VOUT DACs with 10ppm/C Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com