Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2635-LMX8 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC2635-LMX8
Description  Quad 12-/10-/8-Bit I2C VOUT DACs with 10ppm/째C Reference
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2635-LMX8 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC2635-LMX8 Datasheet HTML 5Page - Linear Technology LTC2635-LMX8 Datasheet HTML 6Page - Linear Technology LTC2635-LMX8 Datasheet HTML 7Page - Linear Technology LTC2635-LMX8 Datasheet HTML 8Page - Linear Technology LTC2635-LMX8 Datasheet HTML 9Page - Linear Technology LTC2635-LMX8 Datasheet HTML 10Page - Linear Technology LTC2635-LMX8 Datasheet HTML 11Page - Linear Technology LTC2635-LMX8 Datasheet HTML 12Page - Linear Technology LTC2635-LMX8 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
LTC2635

2635fb
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Reference Input
Input Voltage Range
l
1
VCC
V
Resistance
l
120
160
200
Capacitance
14
pF
IREF
Reference Current, Power-Down Mode
DAC Powered Down
l
0.005
1.5
µA
Reference Output
Output Voltage
l
2.032
2.048
2.064
V
Reference Temperature Coefficient
±10
ppm/°C
Output Impedance
0.5
Capacitive Load Driving
10
µF
Short Circuit Current
VCC = 5.5V, REF Shorted to GND
4
mA
Digital I/O
VIL
Low Level Input Voltage
(SDA and SCL)
(Note 14)
l
–0.5
0.3VCC
V
VIH
High Level Input Voltage
(SDA and SCL)
(Note 11)
l
0.7VCC
V
VIL(CAn)
Low Level Input Voltage on CAn
(n = 0, 1,2)
See Test Circuit 1
l
0.15VCC
V
VIH(CAn)
High Level Input Voltage on CAn
(n = 0, 1,2)
See Test Circuit 1
l
0.85VCC
V
RINH
Resistance from CAn (n = 0, 1,2)
to VCC to Set CAn = VCC
See Test Circuit 2
l
10
RINL
Resistance from CAn (n = 0, 1,2)
to GND to Set CAn = GND
See Test Circuit 2
l
10
RINF
Resistance from CAn (n = 0, 1,2)
to VCC or GND to Set CAn = Float
See Test Circuit 2
l
2
VOL
Low Level Output Voltage
Sink Current = 3mA
l
0
0.4
V
tOF
Output Fall Time
VO = VIH(MIN) to VO = VIL(MAX),
CB = 10pF to 400pF (Note 12)
l
20 + 0.1CB
250
ns
tSP
Pulse Width of Spikes Suppressed
by Input Filter
l
0
50
ns
IIN
Input Leakage
0.1VCC ≤ VIN ≤ 0.9VCC
l
1
µA
CIN
I/O Pin Capacitance
(Note 8)
l
10
pF
CB
Capacitive Load for Each Bus Line
l
400
pF
CCAn
External Capacitive Load on Address
Pin CAn (n=0, 1,2)
l
10
pF
electrical characteristics The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 4.5V to 5.5V, VOUT unloaded unless otherwise specified.
LTC2635-HMI12/-HMI10/-HMI8/-HZ12/-HZ10/-HZ8 (VFS = 4.096V)


Similar Part No. - LTC2635-LMX8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2635 LINER-LTC2635 Datasheet
440Kb / 32P
   Mobile Communications
LTC2635 LINER-LTC2635 Datasheet
584Kb / 24P
   Dual 12-/10-/8-Bit I2C VOUT DACs with 10ppm/째C Reference
LTC2635 LINER-LTC2635 Datasheet
758Kb / 20P
   Quad 12-/10-/8-Bit PWM to VOUT DACs with 10ppm/째C Reference
logo
Analog Devices
LTC2635 AD-LTC2635 Datasheet
736Kb / 32P
   Quad 12-/10-/8-Bit I2C DACs Reference
logo
Linear Technology
LTC2635 LINER-LTC2635_15 Datasheet
531Kb / 32P
   Quad 12-/10-/8-Bit I2C VOUT DACs with 10ppm/C Reference
More results

Similar Description - LTC2635-LMX8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2637 LINER-LTC2637_1 Datasheet
431Kb / 28P
   Octal 12-/10-/8-Bit I2C VOUT DACs with 10ppm/째C Reference
LTC2633 LINER-LTC2633 Datasheet
584Kb / 24P
   Dual 12-/10-/8-Bit I2C VOUT DACs with 10ppm/째C Reference
LTC2631 LINER-LTC2631 Datasheet
354Kb / 28P
   Single 12-/10-/8-Bit I2C VOUT DACs with 10ppm/째C Reference
LTC2635 LINER-LTC2635_15 Datasheet
531Kb / 32P
   Quad 12-/10-/8-Bit I2C VOUT DACs with 10ppm/C Reference
LTC2645 LINER-LTC2645 Datasheet
758Kb / 20P
   Quad 12-/10-/8-Bit PWM to VOUT DACs with 10ppm/째C Reference
LTC2637 LINER-LTC2637_15 Datasheet
436Kb / 28P
   Octal 12-/10-/8-Bit I2C VOUT DACs with 10ppm/C Reference
LTC2640 LINER-LTC2640 Datasheet
345Kb / 24P
   Single 12-/10-/8-Bit SPI VOUT DACs with 10ppm/째C Reference
LTC2631 LINER-LTC2631_15 Datasheet
404Kb / 28P
   Single 12-/10-/8-Bit I2C VOUT DACs with 10ppm/C Reference
LTC2633 LINER-LTC2633_15 Datasheet
588Kb / 24P
   Dual 12-/10-/8-Bit I2C VOUT DACs with 10ppm/C Reference
LTC2644 LINER-LTC2644 Datasheet
747Kb / 20P
   Dual 12-/10-/8-Bit PWM to VOUT DACs with 10ppm/째C Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com