Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2637-LMI8 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC2637-LMI8
Description  Octal 12-/10-/8-Bit I2C VOUT DACs with 10ppm/째C Reference
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2637-LMI8 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC2637-LMI8 Datasheet HTML 3Page - Linear Technology LTC2637-LMI8 Datasheet HTML 4Page - Linear Technology LTC2637-LMI8 Datasheet HTML 5Page - Linear Technology LTC2637-LMI8 Datasheet HTML 6Page - Linear Technology LTC2637-LMI8 Datasheet HTML 7Page - Linear Technology LTC2637-LMI8 Datasheet HTML 8Page - Linear Technology LTC2637-LMI8 Datasheet HTML 9Page - Linear Technology LTC2637-LMI8 Datasheet HTML 10Page - Linear Technology LTC2637-LMI8 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
LTC2637
7
2637fb
LTC2637-LMI12/ LTC2637-LMI10/ LTC2637-LMI8/ LTC2637-LMX12/ LTC2637-LMX10/ LTC2637-LMX8/ LTC2637-LZ12/
LTC2637-LZ10/ LTC2637-LZ8 (VFS = 2.5V)
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
AC Performance
tS
Settling Time
VCC = 3V (Note 9)
±0.39% (±1LSB at 8 Bits)
±0.098% (±1LSB at 10 Bits)
±0.024% (±1LSB at 12 Bits)
3.5
4.1
4.5
μs
μs
μs
Voltage Output Slew Rate
1.0
V/μs
Capacitive Load Driving
500
pF
Glitch Impulse
At Mid-Scale Transition
2.1
nV•s
DAC-to-DAC Crosstalk
1 DAC held at FS, 1 DAC Switched 0 to FS
2.6
nV•s
Multiplying Bandwidth
External Reference
320
kHz
en
Output Voltage Noise Density
At f = 1kHz, External Reference
At f = 10kHz, External Reference
At f = 1kHz, Internal Reference
At f = 10kHz, Internal Reference
180
160
200
180
nV/√Hz
nV/√Hz
nV/√Hz
nV/√Hz
Output Voltage Noise
0.1Hz to 10Hz, External Reference
0.1Hz to 10Hz, Internal Reference
0.1Hz to 200kHz, External Reference
0.1Hz to 200kHz, Internal Reference
35
40
680
730
μVP-P
μVP-P
μVP-P
μVP-P
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 2.7V to 5.5V, VOUT unloaded unless otherwise specified.
LTC2637-LMI12/ LTC2637-LMI10/ LTC2637-LMI8/ LTC2637-LMX12/ LTC2637-LMX10/ LTC2637-LMX8/ LTC2637-LZ12/
LTC2637-LZ10/ LTC2637-LZ8 (VFS = 2.5V)
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
fSCL
SCL Clock Frequency
l
0
400
kHz
tHD(STA)
Hold Time (Repeated) Start Condition
l
0.6
μs
tLOW
Low Period of the SCL Clock Pin
l
1.3
μs
tHIGH
High Period of the SCL Clock Pin
l
0.6
μs
tSU(STA)
Set-Up Time for a Repeated Start Condition
l
0.6
μs
tHD(DAT)
Data Hold Time
l
0
0.9
μs
tSU(DAT)
Data Set-Up Time
l
100
ns
tr
Rise Time of Both SDA and SCL Signals
(Note 12)
l 20 + 0.1CB
300
ns
tf
Fall Time of Both SDA and SCL Signals
(Note 12)
l 20 + 0.1CB
300
ns
tSU(STO)
Set-Up Time for Stop Condition
l
0.6
μs
tBUF
Bus Free Time Between a Stop and Start Condition
l
1.3
μs
TIMING CHARACTERISTICS The l denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. VCC = 2.7V to 5.5V. (See Figure 1) (Note 13)


Similar Part No. - LTC2637-LMI8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2637 LINER-LTC2637 Datasheet
1Mb / 28P
   Mobile Communications
LTC2637 LINER-LTC2637 Datasheet
584Kb / 24P
   Dual 12-/10-/8-Bit I2C VOUT DACs with 10ppm/째C Reference
logo
Analog Devices
LTC2637 AD-LTC2637 Datasheet
702Kb / 30P
   Octal 12-/10-/8-Bit I2C VOUT DACs Reference
logo
Linear Technology
LTC2637 LINER-LTC2637_15 Datasheet
436Kb / 28P
   Octal 12-/10-/8-Bit I2C VOUT DACs with 10ppm/C Reference
More results

Similar Description - LTC2637-LMI8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2633 LINER-LTC2633 Datasheet
584Kb / 24P
   Dual 12-/10-/8-Bit I2C VOUT DACs with 10ppm/째C Reference
LTC2631 LINER-LTC2631 Datasheet
354Kb / 28P
   Single 12-/10-/8-Bit I2C VOUT DACs with 10ppm/째C Reference
LTC2635 LINER-LTC2635_1 Datasheet
526Kb / 32P
   Quad 12-/10-/8-Bit I2C VOUT DACs with 10ppm/째C Reference
LTC2637 LINER-LTC2637_15 Datasheet
436Kb / 28P
   Octal 12-/10-/8-Bit I2C VOUT DACs with 10ppm/C Reference
LTC2640 LINER-LTC2640 Datasheet
345Kb / 24P
   Single 12-/10-/8-Bit SPI VOUT DACs with 10ppm/째C Reference
logo
Analog Devices
LTC2637 AD-LTC2637 Datasheet
702Kb / 30P
   Octal 12-/10-/8-Bit I2C VOUT DACs Reference
logo
Linear Technology
LTC2636 LINER-LTC2636_15 Datasheet
412Kb / 24P
   Octal 12-/10-/8-Bit SPI VOUT DACs with 10ppm/C Reference
LTC2635 LINER-LTC2635_15 Datasheet
531Kb / 32P
   Quad 12-/10-/8-Bit I2C VOUT DACs with 10ppm/C Reference
LTC2631 LINER-LTC2631_15 Datasheet
404Kb / 28P
   Single 12-/10-/8-Bit I2C VOUT DACs with 10ppm/C Reference
LTC2633 LINER-LTC2633_15 Datasheet
588Kb / 24P
   Dual 12-/10-/8-Bit I2C VOUT DACs with 10ppm/C Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com