Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2635-LMX12 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC2635-LMX12
Description  Quad 12-/10-/8-Bit I2C VOUT DACs with 10ppm/째C Reference
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2635-LMX12 Datasheet(HTML) 3 Page - Linear Technology

  LTC2635-LMX12 Datasheet HTML 1Page - Linear Technology LTC2635-LMX12 Datasheet HTML 2Page - Linear Technology LTC2635-LMX12 Datasheet HTML 3Page - Linear Technology LTC2635-LMX12 Datasheet HTML 4Page - Linear Technology LTC2635-LMX12 Datasheet HTML 5Page - Linear Technology LTC2635-LMX12 Datasheet HTML 6Page - Linear Technology LTC2635-LMX12 Datasheet HTML 7Page - Linear Technology LTC2635-LMX12 Datasheet HTML 8Page - Linear Technology LTC2635-LMX12 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
LTC2635

2635fb
orDer inFormation
LTC2635
C
UD
–L
Z
12
#TR
PBF
LEAD FREE DESIGNATOR
PBF = Lead Free
TAPE AND REEL
TR = 2,500-Piece Tape and Reel
RESOLUTION
12 = 12-Bit
10 = 10-Bit
8 = 8-Bit
POWER-0N RESET
MI = Reset to Mid-Scale in Internal Reference Mode
MX = Reset to Mid-Scale in External Reference Mode (LMX Only)
MO = Reset to Mid-Scale in Internal Reference Mode, DAC Outputs Hi-Z (LMO Only)
Z = Reset to Zero-Scale in Internal Reference Mode
FULL-SCALE VOLTAGE, INTERNAL REFERENCE MODE
L = 2.5V
H = 4.096V
PACKAGE TYPE
UD = 16-Pin QFN
MSE = 10-Lead MSOP
TEMPERATURE GRADE
C = Commercial Temperature Range (0°C to 70°C)
H = Automotive Temperature Range (–40°C to 125°C)
PRODUCT PART NUMBER
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/


Similar Part No. - LTC2635-LMX12

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2635 LINER-LTC2635 Datasheet
440Kb / 32P
   Mobile Communications
LTC2635 LINER-LTC2635 Datasheet
584Kb / 24P
   Dual 12-/10-/8-Bit I2C VOUT DACs with 10ppm/째C Reference
LTC2635 LINER-LTC2635 Datasheet
758Kb / 20P
   Quad 12-/10-/8-Bit PWM to VOUT DACs with 10ppm/째C Reference
logo
Analog Devices
LTC2635 AD-LTC2635 Datasheet
736Kb / 32P
   Quad 12-/10-/8-Bit I2C DACs Reference
logo
Linear Technology
LTC2635 LINER-LTC2635_15 Datasheet
531Kb / 32P
   Quad 12-/10-/8-Bit I2C VOUT DACs with 10ppm/C Reference
More results

Similar Description - LTC2635-LMX12

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2637 LINER-LTC2637_1 Datasheet
431Kb / 28P
   Octal 12-/10-/8-Bit I2C VOUT DACs with 10ppm/째C Reference
LTC2633 LINER-LTC2633 Datasheet
584Kb / 24P
   Dual 12-/10-/8-Bit I2C VOUT DACs with 10ppm/째C Reference
LTC2631 LINER-LTC2631 Datasheet
354Kb / 28P
   Single 12-/10-/8-Bit I2C VOUT DACs with 10ppm/째C Reference
LTC2635 LINER-LTC2635_15 Datasheet
531Kb / 32P
   Quad 12-/10-/8-Bit I2C VOUT DACs with 10ppm/C Reference
LTC2645 LINER-LTC2645 Datasheet
758Kb / 20P
   Quad 12-/10-/8-Bit PWM to VOUT DACs with 10ppm/째C Reference
LTC2637 LINER-LTC2637_15 Datasheet
436Kb / 28P
   Octal 12-/10-/8-Bit I2C VOUT DACs with 10ppm/C Reference
LTC2640 LINER-LTC2640 Datasheet
345Kb / 24P
   Single 12-/10-/8-Bit SPI VOUT DACs with 10ppm/째C Reference
LTC2631 LINER-LTC2631_15 Datasheet
404Kb / 28P
   Single 12-/10-/8-Bit I2C VOUT DACs with 10ppm/C Reference
LTC2633 LINER-LTC2633_15 Datasheet
588Kb / 24P
   Dual 12-/10-/8-Bit I2C VOUT DACs with 10ppm/C Reference
LTC2644 LINER-LTC2644 Datasheet
747Kb / 20P
   Dual 12-/10-/8-Bit PWM to VOUT DACs with 10ppm/째C Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com