Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD3989FV Datasheet(PDF) 2 Page - Rohm

Part # BD3989FV
Description  Silicon Monolithic Integrated Circuit
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD3989FV Datasheet(HTML) 2 Page - Rohm

  BD3989FV_11 Datasheet HTML 1Page - Rohm BD3989FV_11 Datasheet HTML 2Page - Rohm BD3989FV_11 Datasheet HTML 3Page - Rohm BD3989FV_11 Datasheet HTML 4Page - Rohm BD3989FV_11 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2/4
REV. B
○ELECTRICAL CHARACTERISTICS(Unless otherwise specified, Ta=25℃, VCC=16.5V, VEE=-10V, Set REG1=15V, Set REG2=-7.5V)
Parameter
Symbol
Limits
Unit
Conditions
MIN
Typ
MAX
【Bias current】
Bias Current (VCC)
ICC
500
850
μA
Io1=0mA
Bias Current (VEE)
IEE
200
300
μA
Io2=0mA
【STB】
STB OFF Voltage
STBOFF
0
0.6
V
Io1,2=0mA
STB ON Voltage
STBON
1.6
3.5
V
Io1,2=0mA
STB OFF Bias Current (VEE)
IOFF
0.7
1.6
2.5
mA
Io1,2=0mA
STB ON Input Current
Iin
10
30
60
μA
VSTB=2V, Io1,2=0mA
【Discharge block】
Discharge Current
Idis
1.5
3.5
6.0
mA
【REG1】
CTL1 Voltage
Vctl1
1.379
1.400
1.421
V
Io1=10mA
Dropout Voltage 1
ΔVd1
0.25
0.35
V
Vcc=14.2V, Io1=25mA
Peak Output Current 1
Io1
25
mA
Load Regulation 1
Vload1
100
mV
Io1=0~25mA
Short –
Circuit Output Current 1
Ishort1
50
mA
Vo1=0V
Ripple Rejection 1
R.R.1
50
dB
f=120Hz, ein=1Vrms, Io1=2mA
Temperature Coefficient of Output Voltage 1 ※
Tcvo1
±0.02
%/℃ Io1=1mA, Tj=0~125℃
【REG2】
CTL2 Voltage
Vctl1
-1.269
-1.250
-1.231
V
Io2=10mA
Dropout Voltage2
ΔVd2
0.35
0.45
V
VEE=-7.1V, Io2=50mA
Peak Output Current2
Io2
50
mA
Load Regulation2
Vload2
100
mV
Io2=0~50mA
Short –
Circuit Output Current 2
Ishort2
120
mA
Vo2=0V
Ripple Rejection2
R.R.2
50
dB
f=120Hz, ein=1Vrms, Io2=2mA
Temperature Coefficient of Output Voltage 2 ※
Tcvo2
±0.02
%/℃ Io2=1mA, Tj=0~125℃
◎ Discharge time
t=(Reg2×Co)/Idis
[s]
(VEE=-10V)
Co:Reg2 Output capacitor(μF)
※ Design Guarantee (Shipment inspection is not done on all products.)
This product is not designed for protection against radio active rays.
○PHYSICAL DIMENSIONS・MARKING
SSOP-B8 (UNIT:mm)
Lot No.
3989
Part No.


Similar Part No. - BD3989FV_11

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3989FV ROHM-BD3989FV Datasheet
236Kb / 6P
   Positive and Negative Variable Linear Regulator
More results

Similar Description - BD3989FV_11

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3490FV ROHM-BD3490FV Datasheet
296Kb / 5P
   Silicon Monolithic Integrated Circuit
BD822EFV ROHM-BD822EFV Datasheet
131Kb / 5P
   Silicon Monolithic Integrated Circuit
BD3985FV ROHM-BD3985FV_11 Datasheet
96Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6041GUL ROHM-BD6041GUL_11 Datasheet
182Kb / 5P
   Silicon Monolithic Integrated Circuit
BD8676KN ROHM-BD8676KN Datasheet
231Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6369GUL ROHM-BD6369GUL_11 Datasheet
150Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6607KN ROHM-BD6607KN_11 Datasheet
139Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6712AF ROHM-BD6712AF_11 Datasheet
109Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6973FV ROHM-BD6973FV Datasheet
100Kb / 5P
   Silicon Monolithic Integrated Circuit
BD9745EKN ROHM-BD9745EKN Datasheet
385Kb / 22P
   Silicon Monolithic Integrated Circuit
BD9885FV ROHM-BD9885FV_09 Datasheet
154Kb / 5P
   Silicon Monolithic Integrated Circuit
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com