Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD3925HFP-C Datasheet(PDF) 4 Page - Rohm

Part # BD3925HFP-C
Description  Voltage Tracker
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD3925HFP-C Datasheet(HTML) 4 Page - Rohm

  BD3925HFP-C Datasheet HTML 1Page - Rohm BD3925HFP-C Datasheet HTML 2Page - Rohm BD3925HFP-C Datasheet HTML 3Page - Rohm BD3925HFP-C Datasheet HTML 4Page - Rohm BD3925HFP-C Datasheet HTML 5Page - Rohm BD3925HFP-C Datasheet HTML 6Page - Rohm BD3925HFP-C Datasheet HTML 7Page - Rohm BD3925HFP-C Datasheet HTML 8Page - Rohm BD3925HFP-C Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Technical Note
4/9
BD3925FP-C,BD3925HFP-C
www.rohm.com
2011.03 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
Block Diagram
TO252-5
HRP5
Pin No.
Pin Name
Function
Pin No.
Pin Name
Function
1
Vcc
Power supply pin
1
Vcc
Power supply pin
2
SW
Vo on/off function pin
2
SW
Vo on/off function pin
3
N.C.
No Connection
3
GND
Grand
4
ADJ
Input voltage
4
ADJ
Input voltage
5
Vo
Output Voltage
5
Vo
Output Voltage
Fin
GND
Grand
Fin
GND
Grand
Top View (Package dimension)
I/O equivalence circuit (All resistance values are typical.)
Fig.13 (FP)
(Unit : mm)
TO252-5
1 2 3
5
4
0.5
1.27
FIN
6.5
±0.2
2.3
±0.2
0.5
±0.1
1.0
±0.2
0.5
±0.1
C0.5
5.1
+0.2
-0.1
Fig.14 (HFP)
START UP
OCP
TSD
Fin
Vcc
SW
GND
ADJ
Vo
START UP
OCP
TSD
Fin
Vcc
SW
N.C.
ADJ
Vo
SW
210kΩ
200kΩ
1kΩ
2PIN[SW]
Vo
1kΩ
30pF
5PIN[Vo]
1kΩ
1.4PIN[Vcc、ADJ]
1kΩ
Vcc
ADJ
(Unit : mm)
HRP5
S
0.08 S
(MAX 9.745 include BURR)
5
4
3
2
1
1.905
±0.1
−0.05
+0.1
0.27
4.5
°
(6.5)
8.82
± 0.1
9.395
±0.125
0.73
±0.1
1.72
1.2575
−4.5°
+5.5°


Similar Part No. - BD3925HFP-C

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3925HFP-C ROHM-BD3925HFP-C Datasheet
136Kb / 5P
   Voltage Tracker
More results

Similar Description - BD3925HFP-C

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3925HFP-C ROHM-BD3925HFP-C Datasheet
136Kb / 5P
   Voltage Tracker
logo
Infineon Technologies A...
TLE4251 INFINEON-TLE4251 Datasheet
110Kb / 12P
   Low Drop Voltage Tracker
Rev. 2.4 2001-05-07
TLS115B0 INFINEON-TLS115B0 Datasheet
994Kb / 25P
   High Precision Voltage Tracker
Rev. 1.00 2016-10-13
logo
Rohm
BD42530XXX-C ROHM-BD42530XXX-C Datasheet
1Mb / 30P
   250 mA Output Voltage Tracker
08.Nov.2021 Rev.004
logo
Infineon Technologies A...
TLS105B0 INFINEON-TLS105B0 Datasheet
1Mb / 22P
   High Precision Voltage Tracker
Rev. 1.0 2018-01-22
TLS115D0 INFINEON-TLS115D0 Datasheet
1Mb / 26P
   High Precision Voltage Tracker
Rev. 1.00 2016-10-13
TLE4250G INFINEON-TLE4250G Datasheet
84Kb / 12P
   Low-Drop Voltage Tracker
Rev. 2.2 2000-10-04
TLS102B0 INFINEON-TLS102B0 Datasheet
1Mb / 22P
   High Precision Voltage Tracker
Rev. 1.0 2018-01-22
logo
SHENZHEN KYL COMMUNICAT...
GSM KYL-GSM Datasheet
168Kb / 15P
   Tracker
logo
Rohm
BD42530EFJ-C ROHM-BD42530EFJ-C Datasheet
1Mb / 29P
   250 mA Output Voltage Tracker
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com