Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD3871FS Datasheet(PDF) 11 Page - Rohm

Part # BD3871FS
Description  Sound Processors with Built-in 3-band Equalizers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD3871FS Datasheet(HTML) 11 Page - Rohm

Back Button BD3871FS Datasheet HTML 7Page - Rohm BD3871FS Datasheet HTML 8Page - Rohm BD3871FS Datasheet HTML 9Page - Rohm BD3871FS Datasheet HTML 10Page - Rohm BD3871FS Datasheet HTML 11Page - Rohm BD3871FS Datasheet HTML 12Page - Rohm BD3871FS Datasheet HTML 13Page - Rohm BD3871FS Datasheet HTML 14Page - Rohm BD3871FS Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Technical Note
11/15
www.rohm.com
2010.10 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
BD3870FS,BD3871FS,BD3872FS,BD3873FS
1)Sound generation using Loud Speaker Equalizer (BD3872FS)
Using external components, one of the following two functions can be established; one having an effect to localize the
vocal forward and enhance it (Loud Speaker Equalizer) and the other having an effect to clarify the vocal quality and
improve the Articulation Index (Cinema Surround). Those characteristic values can be adjusted by choosing the external
components with desirable constants. Details of above two functions are described below:
Cinema Surround
Constructing the external components as shown below allows the vocals to be moved forward and enhanced.
Surround effect with enhanced vocal is achieved by turning on the built-in surround simultaneously.
Merging this effect, while playing movies on a DVD player, will make vocal listening clearer and surround effect
more impactful.
Fig.10
Loud Speaker Equalizer (SEQ)
BOOM BOX and Micro-sound systems are often restricted to using small-diameter speakers because of location space.
These speakers, where the vocal range are attenuated, may give an impression of having a muffled vocal sound
with respect to its audibility. Using the Loud Speaker Equalizer, the vocal quality which degrades in small-diameter
speakers, can be improved and the Articulation Index is also increased.
Fig.11
C1 can be selected to determine the frequency where the phase should be inverted.
C1
Frequency where the phase is inverted
Larger value
Set to the lower frequency side
Smaller value
Set to the higher frequency side
C2 can be selected to determine the HPF cut-off frequency fc. The SEQ gain remains constant.
1
fc =
(Hz)
2
RC
(Where R is a built-in resistance of 10kΩ)
Fig.12
32
Loud speaker
equalizer1
Loud speaker
equalizer2
31
30
29
HPF
C2
SOUT (29. 31pin)
Phase Shifter
C1
SEQ (30, 32pin)
IN
OUT
FREQUENCY
Fc
G=5dB
(Constant)
3dB


Similar Part No. - BD3871FS

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3871FS ROHM-BD3871FS Datasheet
94Kb / 3P
   Sound processor for CD radio cassette player
BD3871FS ROHM-BD3871FS Datasheet
218Kb / 6P
   Audio Sound Processor for home audio
BD3871FS ROHM-BD3871FS_1 Datasheet
218Kb / 6P
   Audio Sound Processor for home audio
More results

Similar Description - BD3871FS

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3403FV ROHM-BD3403FV Datasheet
378Kb / 16P
   Sound Processors with Built-in 3-band Equalizers
BD37531FV_1003 ROHM-BD37531FV_1003 Datasheet
755Kb / 38P
   Sound Processors with Built-in 3-band Equalizer
BD37532FV ROHM-BD37532FV_15 Datasheet
3Mb / 34P
   Sound Processor with Built-in 3-band Equalizer
BD37524FS_1003 ROHM-BD37524FS_1003 Datasheet
527Kb / 26P
   Sound Processor with Built-in 3-band Equalizer
BD37531FV ROHM-BD37531FV_15 Datasheet
3Mb / 34P
   Sound Processor with Built-in 3-band Equalizer
BD37524FS ROHM-BD37524FS_15 Datasheet
3Mb / 35P
   Sound Processor with Built-in 3-band Equalizer
BD37534FV ROHM-BD37534FV_15 Datasheet
4Mb / 39P
   Sound Processor with Built-in 3-band Equalizer
BD37533FV ROHM-BD37533FV_15 Datasheet
3Mb / 37P
   Sound Processor with Built-in 3-band Equalizer
BD37542FS ROHM-BD37542FS_15 Datasheet
3Mb / 37P
   Sound Processor with Built-in 3-band Equalizer
BD37544FS ROHM-BD37544FS_15 Datasheet
4Mb / 41P
   Sound Processor with Built-in 3-band Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com