Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD3650FP-M Datasheet(PDF) 5 Page - Rohm

Part # BD3650FP-M
Description  LDO Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD3650FP-M Datasheet(HTML) 5 Page - Rohm

  BD3650FP-M Datasheet HTML 1Page - Rohm BD3650FP-M Datasheet HTML 2Page - Rohm BD3650FP-M Datasheet HTML 3Page - Rohm BD3650FP-M Datasheet HTML 4Page - Rohm BD3650FP-M Datasheet HTML 5Page - Rohm BD3650FP-M Datasheet HTML 6Page - Rohm BD3650FP-M Datasheet HTML 7Page - Rohm BD3650FP-M Datasheet HTML 8Page - Rohm BD3650FP-M Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Technical Note
5/10
BD3650FP-M
www.rohm.com
2010.11 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
Block Diagram
Fig.10
Pin No.
Pin Name
Function
1
Vcc
Power supply pin
2
N.C.
N.C. pin
3
Vo
Output pin
FIN
GND
GND
Package dimension (TOP VIEW)
I/O Equivalent Circuits (Resistance value is typical value.)
FIN
1
2
Vcc
N.C.
3
Vo
GND
VREF:Bandgap Reference
TSD:Thermal Shut Down Circuit
Driver:Power Transistor Driver
OCP:Over Current Protection Circuit
TSD
OCP
DRIVER
VREF
100 kΩ
Vo pin
Vcc
Vcc pin
IC
Vcc
Vo
83.5 kΩ
15kΩ


Similar Part No. - BD3650FP-M

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BD360S PANJIT-BD360S Datasheet
124Kb / 3P
   THROUGH HOLE SCHOTTKY BARRIER RECTIFIERS
BD360T PANJIT-BD360T Datasheet
48Kb / 2P
   THROUGH HOLE SCHOTTKY BARRIER RECTIFIERS
BD360YS PANJIT-BD360YS Datasheet
90Kb / 2P
   THROUGH HOLE SCHOTTKY BARRIER RECTIFIERS
BD360YT PANJIT-BD360YT Datasheet
47Kb / 2P
   THROUGH HOLE SCHOTTKY BARRIER RECTIFIERS
logo
Inchange Semiconductor ...
BD369 ISC-BD369 Datasheet
188Kb / 2P
   isc Silicon PNP Power Transistor
More results

Similar Description - BD3650FP-M

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT7M8202 PERICOM-PT7M8202 Datasheet
351Kb / 11P
   LDO Regulator
PT7M8206 PERICOM-PT7M8206 Datasheet
373Kb / 12P
   LDO Regulator
PT7M8205 PERICOM-PT7M8205 Datasheet
315Kb / 10P
   LDO Regulator
PT7M8208 PERICOM-PT7M8208 Datasheet
396Kb / 10P
   LDO Regulator
logo
Rohm
BD50FA1MG-M ROHM-BD50FA1MG-M Datasheet
1Mb / 23P
   LDO Regulator
logo
Unisonic Technologies
UR1171 UTC-UR1171 Datasheet
173Kb / 5P
   1.5A LDO REGULATOR
logo
HuaXinAn Electronics CO...
AP1153ADSXX HUAXINAN-AP1153ADSXX Datasheet
1Mb / 29P
   Output LDO Regulator
logo
RICOH electronics devic...
R1183Z RICOH-R1183Z Datasheet
407Kb / 26P
   150mA LDO REGULATOR
logo
SemiWell Semiconductor
S1117 SEMIWELL-S1117 Datasheet
336Kb / 5P
   LDO Linear Regulator
logo
ON Semiconductor
NCP705 ONSEMI-NCP705_17 Datasheet
1Mb / 20P
   LDO Voltage Regulator
December, 2017 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com