Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD3538F Datasheet(PDF) 3 Page - Rohm

Part # BD3538F
Description  Termination Regulators for DDR-SDRAMs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD3538F Datasheet(HTML) 3 Page - Rohm

  BD3538F Datasheet HTML 1Page - Rohm BD3538F Datasheet HTML 2Page - Rohm BD3538F Datasheet HTML 3Page - Rohm BD3538F Datasheet HTML 4Page - Rohm BD3538F Datasheet HTML 5Page - Rohm BD3538F Datasheet HTML 6Page - Rohm BD3538F Datasheet HTML 7Page - Rohm BD3538F Datasheet HTML 8Page - Rohm BD3538F Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Technical Note
BD3538F,BD3538HFN
3/10
www.rohm.com
2010.05 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
Fig.1 DDR1 (-1A→1A)
Fig.3 DDR2 (-1A→1A)
Fig.2 DDR1 (1A→-1A)
VTT(20mV/Div)
ITT(1A/Div)
10µsec/Div
VTT(20mV/Div)
ITT(1A/Div)
10µsec/Div
VTT(20mV/Div)
ITT(1A/Div)
10µsec/Div
1.248
1.249
1.250
1.251
1.252
-10
-5
0
5
10
IREF(mA)
Fig.4 DDR2 (1A→-1A)
Fig.5 IREF-VREF (DDR1)
Fig.6 IREF-VREF (DDR2)
Fig.7 ITT-VTT (DDR1)
Fig.8 ITT-VTT (DDR2)
Fig.9 Input Sequence 1
Fig.10 Input Sequence 2
Fig.11 Input Sequence 3
Fig.12 Start up Wave Form
VTT(20mV/Div)
ITT(1A/Div)
10µsec/Div
0.897
0.898
0.899
0.900
0.901
0.902
-10
-5
0
5
10
IREF(mA)
1.240
1.245
1.250
1.255
1.260
-2
-1
0
1
2
ITT(A)
0.880
0.885
0.890
0.895
0.900
0.905
0.910
0.915
0.920
-2
-1
0
1
2
ITT(A)
VCC
EN
VDDQ
VTT IN
VTT
VCC
EN
VDDQ
VTT IN
VTT
VCC
EN
VDDQ
VTT IN
VTT
VTT_IN
VREF
VTT
(1A/div)
1234
ITT_IN
Reference Data


Similar Part No. - BD3538F

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3538F ROHM-BD3538F Datasheet
373Kb / 6P
   Silicon Monolithic Integrated Circuit
BD3538F ROHM-BD3538F Datasheet
535Kb / 12P
   Termination Regulators for DDR-SDRAM
BD3538F ROHM-BD3538F Datasheet
1Mb / 20P
   Termination Regulators for DDR-SDRAMs
BD3538F-E2 ROHM-BD3538F-E2 Datasheet
1Mb / 20P
   Termination Regulators for DDR-SDRAMs
BD3538F-TR ROHM-BD3538F-TR Datasheet
1Mb / 20P
   Termination Regulators for DDR-SDRAMs
More results

Similar Description - BD3538F

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3538F ROHM-BD3538F_15 Datasheet
1Mb / 20P
   Termination Regulators for DDR-SDRAMs
BD3537F ROHM-BD3537F_08 Datasheet
581Kb / 11P
   Termination Regulators for DDR-SDRAMs
BD3533F ROHM-BD3533F_08 Datasheet
678Kb / 17P
   Termination Regulators for DDR-SDRAMs
BD3539FVM ROHM-BD3539FVM_10 Datasheet
441Kb / 12P
   Termination Regulators for DDR-SDRAMs
BD35390FJ ROHM-BD35390FJ_09 Datasheet
379Kb / 11P
   Termination Regulator for DDR-SDRAMs
BD3532F ROHM-BD3532F_15 Datasheet
1Mb / 19P
   Termination Regulator for DDR-SDRAMs
BD35390FJ ROHM-BD35390FJ Datasheet
379Kb / 11P
   Termination Regulator for DDR-SDRAMs
BD3537F ROHM-BD3537F_15 Datasheet
1Mb / 19P
   Termination Regulator for DDR-SDRAMs
BD3531F ROHM-BD3531F_15 Datasheet
1Mb / 19P
   Termination Regulator for DDR-SDRAMs
BD3538F ROHM-BD3538F_08 Datasheet
535Kb / 12P
   Termination Regulators for DDR-SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com