Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD3509MUV Datasheet(PDF) 9 Page - Rohm

Part # BD3509MUV
Description  Nch FET Ultra LDO for PC Chipsets
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD3509MUV Datasheet(HTML) 9 Page - Rohm

Back Button BD3509MUV Datasheet HTML 5Page - Rohm BD3509MUV Datasheet HTML 6Page - Rohm BD3509MUV Datasheet HTML 7Page - Rohm BD3509MUV Datasheet HTML 8Page - Rohm BD3509MUV Datasheet HTML 9Page - Rohm BD3509MUV Datasheet HTML 10Page - Rohm BD3509MUV Datasheet HTML 11Page - Rohm BD3509MUV Datasheet HTML 12Page - Rohm BD3509MUV Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
9/20
Technical Note
www.rohm.com
2010.04 - Rev.C
© 2010 ROHM Co., Ltd. All rights reserved.
BD3508MUV,BD3509MUV
Reference Data
Block Diagram
BD3508MUV
BD3509MUV
Fig.49 Tj-RON
(Vcc=5V/Vo=1.2V)
Fig.50 Vcc-RON
0
5
10
15
20
25
30
35
40
45
50
-50 -25
0
25
50
75 100 125 150
Ta(℃)
25
30
35
40
45
50
44.3
55.5
VCC[V]
2.5V
1.8V
1.25V
1.0V
Reference
Block
Thermal
Shutdown
NRCS
Current
Limit
CL
UVLO
TSD
EN
VCC
UVLO
VCC
CL
EN
VCC
VCC
VIN1
VIN2
VIN3
Vo1
Vo2
Vo3
FB
GATE
GND
NRCS
Vo
VIN
TSD
7
6
20
12
11
8
9
10
16
17
18
19
Reference
Block
Thermal
Shutdown
NRCS
Current
Limit
7
6
9
10
12
14
15
16
19
11
2
1
20
CL
UVLO
TSD
EN
VCC
UVLO
VCC
CL
EN
VCC
VCC
VIN1
VIN2
VIN3
Vo1
Vo2
Vo3
FB
GATE
GND
NRCS
Vo
VIN
TSD
13
8
VIN4
VIN5
17
18
Vo4
Vo5
4
POWER
GOOD
PGOOD
VCC
5
VDD


Similar Part No. - BD3509MUV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3509MUV ROHM-BD3509MUV Datasheet
379Kb / 6P
   Silicon monolithic integrated circuit 1ch Series Regulator Driver IC
BD3509MUV ROHM-BD3509MUV Datasheet
689Kb / 21P
   Ultra Low Dropout Linear Regulators for PC Chipsets
More results

Similar Description - BD3509MUV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3506F ROHM-BD3506F_10 Datasheet
534Kb / 15P
   Nch FET Ultra LDO for PC Chipsets
BD3507HFV ROHM-BD3507HFV_10 Datasheet
479Kb / 16P
   Nch FET Ultra LDO for PC Chipsets
BD3504FVM ROHM-BD3504FVM_10 Datasheet
549Kb / 17P
   Nch FET Ultra LDO Controllers for PC Chipsets
BD35281HFN ROHM-BD35281HFN_11 Datasheet
384Kb / 16P
   Nch FET Ultra LDO for Desktop PCs
BD3540NUV ROHM-BD3540NUV_09 Datasheet
642Kb / 17P
   Nch FET Ultra LDOs for Desktop PCs Chipsets with Power Good
BD3507HFV ROHM-BD3507HFV_08 Datasheet
633Kb / 16P
   Ultra Low Dropout Linear Regulators for PC Chipsets
BD3506F ROHM-BD3506F_08 Datasheet
702Kb / 17P
   Ultra Low Dropout Linear Regulators for PC Chipsets
BD3508MUV ROHM-BD3508MUV_09 Datasheet
689Kb / 21P
   Ultra Low Dropout Linear Regulators for PC Chipsets
BD3504FVM ROHM-BD3504FVM_08 Datasheet
681Kb / 17P
   Ultra Low Dropout Linear Regulator Controllers for PC Chipsets
BD3523HFN ROHM-BD3523HFN_09 Datasheet
788Kb / 21P
   Nch FET Ultra LDOs for Desktop PCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com