Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD3461FS Datasheet(PDF) 4 Page - Rohm

Part # BD3461FS
Description  General-Purpose Electronic Volume with Built-in Advanced Switch
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD3461FS Datasheet(HTML) 4 Page - Rohm

  BD3461FS Datasheet HTML 1Page - Rohm BD3461FS Datasheet HTML 2Page - Rohm BD3461FS Datasheet HTML 3Page - Rohm BD3461FS Datasheet HTML 4Page - Rohm BD3461FS Datasheet HTML 5Page - Rohm BD3461FS Datasheet HTML 6Page - Rohm BD3461FS Datasheet HTML 7Page - Rohm BD3461FS Datasheet HTML 8Page - Rohm BD3461FS Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
Technical Note
4/28
BD3460FS,BD3461FS,BD3464FV,BD3465FV
www.rohm.com
2011.04 - Rev.B
© 2010 ROHM Co., Ltd. All rights reserved.
Electrical characteristic curves (Reference data)
1
10
100
-40
-30
-20
-10
0
10
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
5
10
100
1k
10k
100k
-110
-100
-90
-80
-70
-60
-50
-40
-30
10
100
1k
10k
100k
-100
-80
-60
-40
-20
0
10
100
1k
10k
100k
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
2
10
100
1k
10k
100k
1000k
-120
-100
-80
-60
-40
-20
0
10
100
1k
10k
100k
-5
0
5
10
15
20
25
30
10
100
1k
10k
100k
0
10
20
30
40
50
02
4
6
8
10
Fig.12 CMRR vs freq
(BD3460FS, BD3461FS)
FREQUENCY :f [Hz]
Fig.11 Thd vs freq
FREQUENCY :f [Hz]
Fig.10 Volume gain of large
output level vs freq
FREQUENCY :f [Hz]
Fig.7 Cross-Talk vs Freq
FREQUENCY :f [Hz]
Fig.8 Ripple Rejection Ratio
FREQUENCY :f [Hz]
Fig.6 Volume Gain vs freq 2
(-41~-79dB)
FREQUENCY :f [Hz]
SUPPLY VOLTAGE : VCC[V]
Fig.2 Thd vs Vo
OUTPUT VOLTAGE : Vo[Vrms]
Fig.3 Gain vs Freq
FREQUENCY :f [Hz]
Fig.4 Volume Gain vs Freq
(0~+23dB)
FREQUENCY :f [Hz]
Fig.5 Volume Gain vs freq 1
(0~-40dB)
FREQUENCY :f [Hz]
Fig.9 Volume Gain vs Noise
VOLUME ATTENUATION :ATT [dB]
Fig.1 Iq vs Vcc
Gain=0dB
VCC=8.5V
Vo=2Vrms
Volume=0dB
-5
-4
-3
-2
-1
0
1
2
3
4
5
10
100
1k
10k
100k
0.0001
0.001
0.01
0.1
1
10
100
1k
10k
100k
-80
-70
-60
-50
-40
-30
-20
-10
0
10
100
1k
10k
100k
0.0001
0.001
0.01
0.1
1
10
0.001
0.01
0.1
1
10


Similar Part No. - BD3461FS

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3461FS ROHM-BD3461FS Datasheet
2Mb / 32P
   General-Purpose 6ch Electronic Volume with Built-in Advanced Switch
BD3461FS-E2 ROHM-BD3461FS-E2 Datasheet
2Mb / 32P
   General-Purpose 6ch Electronic Volume with Built-in Advanced Switch
BD3461FS ROHM-BD3461FS_15 Datasheet
2Mb / 32P
   General-Purpose 6ch Electronic Volume with Built-in Advanced Switch
More results

Similar Description - BD3461FS

ManufacturerPart #DatasheetDescription
logo
Rohm
BD37034FV-M ROHM-BD37034FV-M Datasheet
1Mb / 47P
   General-Purpose Electronic Volume with Built-in Advanced Switch
BD3461FS ROHM-BD3461FS_15 Datasheet
2Mb / 32P
   General-Purpose 6ch Electronic Volume with Built-in Advanced Switch
BD3460FS ROHM-BD3460FS_15 Datasheet
2Mb / 30P
   General-Purpose 6ch Electronic Volume with Built-in Advanced Switch
BD3465FV ROHM-BD3465FV Datasheet
2Mb / 31P
   General-Purpose 4ch Electronic Volume with Built-in Advanced Switch
BD3464FV ROHM-BD3464FV Datasheet
2Mb / 30P
   General-Purpose 4ch Electronic Volume with Built-in Advanced Switch
logo
Mitsubishi Electric Sem...
M62496FP MITSUBISHI-M62496FP Datasheet
218Kb / 11P
   ELECTRONIC VOLUME CONTROL WITH BUILT-IN SPEATEN FILTER
logo
Renesas Technology Corp
M62496FP RENESAS-M62496FP Datasheet
187Kb / 14P
   Electronic Volume Control with Built-in Speaten Filter
M61508FP RENESAS-M61508FP Datasheet
233Kb / 25P
   The Electric Volume of Built-in Non Fader Volume with Tone
logo
Sony Corporation
CXA2125Q SONY-CXA2125Q Datasheet
399Kb / 35P
   Audio/Video Switch with Electronic Volume for 3 Scart
CXA2126Q SONY-CXA2126Q Datasheet
370Kb / 34P
   Audio/Video Switch with Electronic Volume for 2 Scart
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com