Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD3861FS Datasheet(PDF) 6 Page - Rohm

Part # BD3861FS
Description  Sound Processors with Built-in 3-band Equalizers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD3861FS Datasheet(HTML) 6 Page - Rohm

Back Button BD3861FS Datasheet HTML 2Page - Rohm BD3861FS Datasheet HTML 3Page - Rohm BD3861FS Datasheet HTML 4Page - Rohm BD3861FS Datasheet HTML 5Page - Rohm BD3861FS Datasheet HTML 6Page - Rohm BD3861FS Datasheet HTML 7Page - Rohm BD3861FS Datasheet HTML 8Page - Rohm BD3861FS Datasheet HTML 9Page - Rohm BD3861FS Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Technical Note
6/15
www.rohm.com
2010.10 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
BD3403FV,BD3861FS,BD3883FS
Control data format list
(BD3403FV)
Address 1
D10
D11
D12
D13
D14
D15
D16
D17
OUTPUT Volume 1
OUTPUT Volume 2
Function Select
0
0
Address 2
D20
D21
D22
D23
D24
D25
D26
D27
INPUT Volume
Surround
0:OFF
1:ON
Function Select
0
1
0
Address 3
D30
D31
D32
D33
D34
D35
D36
D37
Input Selector
6dB SW
0: 0dB
1:+6dB
IN E MUTE
0:OFF
1:ON
Function Select
0
0
1
Address 4
D40
D41
D42
D43
D44
D45
D46
D47
Input Gain/Bass
0: Input
Gain
1: Bass
Function Select
1
0
1
Address 5
D50
D51
D52
D53
D54
D55
D56
D57
Middle/Treble
0: Middle
1: Treble
Function Select
0
1
1
(BD3861FS)
Address 1
D10
D11
D12
D13
D14
D15
D16
D17
OUTPUT Volume
OUTPUT Volume 2
Function Select
0
0
Address 2
D20
D21
D22
D23
D24
D25
D26
D27
INPUT Volume
Function Select
0
1
0
Address 3
D30
D31
D32
D33
D34
D35
D36
D37
Input Selector
6dBSW
0: 0dB
1:+6dB
IN E MUTE
0:OFF
1:ON
Function Select
0
0
1
Address 4
D40
D41
D42
D43
D44
D45
D46
D47
Input Gain/Bass
0: Input
Gain
1: Bass
Function Select
1
0
1
Address 5
D50
D51
D52
D53
D54
D55
D56
D57
Middle/Treble
0: Middle
1: Treble
Function Select
0
1
1


Similar Part No. - BD3861FS

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3861FS ROHM-BD3861FS Datasheet
149Kb / 14P
   Audio sound controller
BD3861FS ROHM-BD3861FS Datasheet
344Kb / 6P
   Audio Sound Controller for home audio
BD3861FS ROHM-BD3861FS_1 Datasheet
344Kb / 6P
   Audio Sound Controller for home audio
More results

Similar Description - BD3861FS

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3870FS ROHM-BD3870FS_10 Datasheet
456Kb / 16P
   Sound Processors with Built-in 3-band Equalizers
BD37531FV_1003 ROHM-BD37531FV_1003 Datasheet
755Kb / 38P
   Sound Processors with Built-in 3-band Equalizer
BD37532FV ROHM-BD37532FV_15 Datasheet
3Mb / 34P
   Sound Processor with Built-in 3-band Equalizer
BD37524FS_1003 ROHM-BD37524FS_1003 Datasheet
527Kb / 26P
   Sound Processor with Built-in 3-band Equalizer
BD37531FV ROHM-BD37531FV_15 Datasheet
3Mb / 34P
   Sound Processor with Built-in 3-band Equalizer
BD37524FS ROHM-BD37524FS_15 Datasheet
3Mb / 35P
   Sound Processor with Built-in 3-band Equalizer
BD37534FV ROHM-BD37534FV_15 Datasheet
4Mb / 39P
   Sound Processor with Built-in 3-band Equalizer
BD37533FV ROHM-BD37533FV_15 Datasheet
3Mb / 37P
   Sound Processor with Built-in 3-band Equalizer
BD37542FS ROHM-BD37542FS_15 Datasheet
3Mb / 37P
   Sound Processor with Built-in 3-band Equalizer
BD37544FS ROHM-BD37544FS_15 Datasheet
4Mb / 41P
   Sound Processor with Built-in 3-band Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com