Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD2270HFV Datasheet(PDF) 2 Page - Rohm

Part # BD2270HFV
Description  Controller ICs for High Side NMOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD2270HFV Datasheet(HTML) 2 Page - Rohm

  BD2270HFV Datasheet HTML 1Page - Rohm BD2270HFV Datasheet HTML 2Page - Rohm BD2270HFV Datasheet HTML 3Page - Rohm BD2270HFV Datasheet HTML 4Page - Rohm BD2270HFV Datasheet HTML 5Page - Rohm BD2270HFV Datasheet HTML 6Page - Rohm BD2270HFV Datasheet HTML 7Page - Rohm BD2270HFV Datasheet HTML 8Page - Rohm BD2270HFV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Technical Note
2/12
BD2270HFV
www.rohm.com
2011.05 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
Electrical Characteristics
(Vcc =3.0V, Ta=25°C unless otherwise specified)
Parameter
Symbol
Limits
Unit
Condition
Min.
Typ.
Max.
Operating current
ICC
-
50
75
μA
VAEN = 2.5V
Standby current
ISTB
-
5
10
μA
VAEN = 0V
AEN input voltage
VAENH
1.55
2
2.45
V
High level input
VAENL
1.35
1.9
2.35
V
Low level input
AEN input current
IAEN
-
3
5
μA
VAEN = 3V
GATE output voltage
VGATE
10
13.5
15
V
VCC=5V
6.6
9.5
9.9
V
VCC=3.3V
6
8.5
9
V
VCC=3V
GATE rise time
TON
-
130
750
μs
CGATE=500pF VCC=3V
VGATE > 4V
GATE fall time
TOFF
-
18
60
μs
CGATE = 500pF VCC=3V
VGATE < 0.5V
DISC discharge resistance
RDISC
-
200
300
VAEN=0V
Measurement Circuit
Fig.1 Measurement Circuit
Timing Diagram
Fig.2 Timing Diagram
VCC
DISC
GND
GATE
AEN
BD2270HFV
CGATE
ON/OFF
TON1
TOFF
VAENH
VAENL
VAEN
VCC+1V
0.5V
VGATE
TON2
VCC+2V


Similar Part No. - BD2270HFV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD2270HFV ROHM-BD2270HFV Datasheet
262Kb / 13P
   MOSFET Controller IC for Load Switching
BD2270HFV ROHM-BD2270HFV Datasheet
829Kb / 22P
   Controller ICs for High Side NMOSFET
BD2270HFV-GTR ROHM-BD2270HFV-GTR Datasheet
829Kb / 22P
   Controller ICs for High Side NMOSFET
BD2270HFV-LB ROHM-BD2270HFV-LB Datasheet
547Kb / 21P
   Controller ICs for High Side NMOSFET
BD2270HFV-LBTR ROHM-BD2270HFV-LBTR Datasheet
547Kb / 21P
   Controller ICs for High Side NMOSFET
More results

Similar Description - BD2270HFV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD2270HFV ROHM-BD2270HFV_14 Datasheet
829Kb / 22P
   Controller ICs for High Side NMOSFET
BD2270HFV-LB ROHM-BD2270HFV-LB Datasheet
547Kb / 21P
   Controller ICs for High Side NMOSFET
BD2061AFJ ROHM-BD2061AFJ_13 Datasheet
488Kb / 25P
   High Side Switch ICs
logo
Sanken electric
SPF5017 SANKEN-SPF5017 Datasheet
48Kb / 1P
   High-side Power Switch ICs
SPF5004 SANKEN-SPF5004 Datasheet
45Kb / 1P
   High-side Power Switch ICs
SPF5004 SANKEN-SPF5004_06 Datasheet
44Kb / 1P
   High-side Power Switch ICs
SPF5007 SANKEN-SPF5007 Datasheet
46Kb / 1P
   High-side Power Switch ICs
SPF5018 SANKEN-SPF5018 Datasheet
47Kb / 1P
   High-side Power Switch ICs
logo
Rohm
BD6516F-E2 ROHM-BD6516F-E2 Datasheet
716Kb / 41P
   High Side Switch ICs 2ch
logo
Sanken electric
SPF5003 SANKEN-SPF5003_06 Datasheet
45Kb / 1P
   High-side Power Switch ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com