Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD2202G Datasheet(PDF) 6 Page - Rohm

Part # BD2202G
Description  Load Switch ICs for Portable Equipment
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD2202G Datasheet(HTML) 6 Page - Rohm

Back Button BD2202G Datasheet HTML 2Page - Rohm BD2202G Datasheet HTML 3Page - Rohm BD2202G Datasheet HTML 4Page - Rohm BD2202G Datasheet HTML 5Page - Rohm BD2202G Datasheet HTML 6Page - Rohm BD2202G Datasheet HTML 7Page - Rohm BD2202G Datasheet HTML 8Page - Rohm BD2202G Datasheet HTML 9Page - Rohm BD2202G Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
BD2202G,BD2206G
Technical Note
6/12
www.rohm.com
2011.05 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
Waveform data
IOUT
(0.1A/div.)
VOUT
(1V/div.)
VEN
(1V/div.)
V/EN
(1/div.)
V/EN
(1/div.)
VIN=3.3V
RL=500Ω
CL=0.1uF
VIN=3.3V
RL=500
CL=0.1
VOUT
(1/div.)
VOUT
(1/div.)
VOUT
(1V/div.)
IOUT
(0.2A/div.)
TIME (0.5div.)
Fig.28 Output turn on response
TIME (0.5div.)
Fig.29 Output turn off response
TIME (2ms/div.)
Fig.32 Current limit response
Output shorted to GND
(BD2202G)
TIME (2ms/div.)
Fig.33 Current limit response
Output shorted to GND
(BD2206G)
TIME (5ms/div.)
Fig.34 Current limit response
Ramped load (1A/10ms)
(BD2202G)
VIN
(1V/div.)
VOUT
(1V/div.)
IOUT
(10mA/div.)
TIME (5ms/div.)
Fig.35 Current limit response
Ramped load (1A/10ms)
(BD2206G)
TIME (5ms/div.)
Fig.36 UVLO VIN rising
VIN
(1V/div.)
VOUT
(1V/div.)
IOUT
(10mA/div.)
TIME (500ms/div.)
Fig.37 UVLO VIN falling
VOUT
(1V/div.)
IOUT
(0.2A/div.)
TIME (2ms/div.)
Fig.30 Current limit response
Enable into short circuit
(BD2202G)
TIME (2ms/div.)
Fig.31 Current limit response
Enable into short circuit
(BD2206G)
IOUT
(0.2A/div.)
VOUT
(1V/div.)
VEN
(1V/div.)
IOUT
(0.1A/div.)
VOUT
(1V/div.)
IOUT
(0.2A/div.)
VOUT
(1V/div.)
RL=500Ω
CL=0.1uF
RL=500Ω
CL=0.1uF
VIN=3.3V
CIN=10uF
CL=0.1uF
VIN=3.3V
CIN=10uF
CL=0.1uF
VIN=3.3V
CIN=10uF
CL=0.1uF
VIN=3.3V
CIN=10uF
CL=0.1uF
VIN=3.3V
CIN=10uF
CL=0.1uF
VIN=3.3V
CIN=10uF
CL=0.1uF


Similar Part No. - BD2202G

ManufacturerPart #DatasheetDescription
logo
Rohm
BD2202G ROHM-BD2202G Datasheet
917Kb / 26P
   0.2A, 0.5A Current Load Switch ICs
BD2202G-LB ROHM-BD2202G-LB Datasheet
542Kb / 25P
   Load Switch ICs for Portable Equipment
BD2202G-LBTR ROHM-BD2202G-LBTR Datasheet
542Kb / 25P
   Load Switch ICs for Portable Equipment
BD2202G-TR ROHM-BD2202G-TR Datasheet
917Kb / 26P
   0.2A, 0.5A Current Load Switch ICs
BD2202G ROHM-BD2202G_09 Datasheet
453Kb / 13P
   1ch Small Current Output Power Management Switch ICs
More results

Similar Description - BD2202G

ManufacturerPart #DatasheetDescription
logo
Rohm
BD2202G-LB ROHM-BD2202G-LB Datasheet
542Kb / 25P
   Load Switch ICs for Portable Equipment
BD2200GUL ROHM-BD2200GUL_11 Datasheet
383Kb / 10P
   Load Switch ICs for Portable Equipment
BD6520F ROHM-BD6520F_11 Datasheet
422Kb / 17P
   Load Switch ICs for Portable Equipment
BD6528HFV ROHM-BD6528HFV_11 Datasheet
316Kb / 12P
   Load Switch ICs for Portable Equipment
BD6524HFV ROHM-BD6524HFV_11 Datasheet
392Kb / 10P
   Load Switch IC for Portable Equipment
logo
Guangdong Youtai Semico...
FDV301N UMW-FDV301N Datasheet
390Kb / 7P
   Load Switch for Portable Applications
logo
Sanyo Semicon Device
LV2400X SANYO-LV2400X Datasheet
249Kb / 1P
   Ultraminiature FM Radio ICs for Portable Equipment LV2400X Series
logo
Rohm
BD2200GUL ROHM-BD2200GUL_14 Datasheet
1,004Kb / 22P
   0.5A, 1.0A Load Switch ICs
BD6524HFV ROHM-BD6524HFV_14 Datasheet
821Kb / 21P
   0.5A Current Load Switch ICs
BD6528HFV ROHM-BD6528HFV_14 Datasheet
1Mb / 26P
   0.5A Current Load Switch ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com