Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD2046AFJ Datasheet(PDF) 9 Page - Rohm

Part # BD2046AFJ
Description  2ch High Side Switch ICs for USB Devices and Memory Cards
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD2046AFJ Datasheet(HTML) 9 Page - Rohm

Back Button BD2046AFJ_11 Datasheet HTML 5Page - Rohm BD2046AFJ_11 Datasheet HTML 6Page - Rohm BD2046AFJ_11 Datasheet HTML 7Page - Rohm BD2046AFJ_11 Datasheet HTML 8Page - Rohm BD2046AFJ_11 Datasheet HTML 9Page - Rohm BD2046AFJ_11 Datasheet HTML 10Page - Rohm BD2046AFJ_11 Datasheet HTML 11Page - Rohm BD2046AFJ_11 Datasheet HTML 12Page - Rohm BD2046AFJ_11 Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
BD2046AFJ, BD2056AFJ
Technical Note
9/13
www.rohm.com
2011.05 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
Functional description
1. Switch operation
IN terminal and OUT terminal are connected to the drain and the source of switch MOSFET respectively. And the IN
terminal is used also as power source input to internal control circuit.
When the switch is turned on from EN/EN control input, IN terminal and OUT terminal are connected by a 100mΩ switch.
In on status, the switch is bidirectional. Therefore, when the potential of OUT terminal is higher than that of IN terminal,
current flows from OUT terminal to IN terminal.
Since a parasitic diode between the drain and the source of switch MOSFET is canceled, in the off status, it is possible to
prevent current from flowing reversely from OUT to IN.
2. Thermal shutdown circuit (TSD)
Thermal shut down circuit have dual thermal shutdown threshold. Since thermal shutdown works at a lower junction
temperature when an overcurrent occurs, only the switch of an overcurrent state become off and error flag is output.
Thermal shut down action has hysteresis. Therefore, when the junction temperature goes down, switch on and error flag
output automatically recover. However, until cause of junction temperature increase such as output shortcircuit is removed
or the switch is turned off, thermal shut down detection and recovery are repeated. The thermal shut down circuit works
when the switch of either OUT1 or OUT2 is on (EN,/EN signal is active).
3. Over current detection (OCD)
The over current detection circuit limits current (ISC) and outputs error flag (/OC) when current flowing in each switch
MOSFET exceeds a specified value. There are three types of response against over current. The over current detection
circuit works when the switch is on (EN,/EN signal is active).
3-1. When the switch is turned on while the output is in shortcircuit status
When the switch is turned on while the output is in shortcircuit status or so, the switch gets in current limit status soon.
3-2. When the output shortcircuits while the switch is on
When the output shortcircuits or large capacity is connected while the switch is on, very large current flows until the
over current limit circuit reacts. When the current detection, limit circuit works, current limitation is carried out.
3-3. When the output current increases gradually
When the output current increases gradually, current limitation does not work until the output current exceeds the over
current detection value. When it exceeds the detection value, current limitation is carried out.
4. Under voltage lockout (UVLO)
UVLO circuit prevents the switch from turning on until the VIN exceeds 2.3V(Typ.). If the VIN drops below 2.2V(Typ.) while
the switch turns on, then UVLO shuts off the switch. UVLO has hysteresis of a 100mV(Typ).
Under voltage lockout circuit works when the switch of either OUT1 or OUT2 is on (EN,/EN signal is active).
5. Error flag (/OC) output
Error flag output is N-MOS open drain output. At detection of over current, thermal shutdown, low level is output.
Over current detection has delay filter. This delay filter prevents instantaneous current detection such as inrush current at
switch on, hot plug from being informed to outside.


Similar Part No. - BD2046AFJ_11

ManufacturerPart #DatasheetDescription
logo
Rohm
BD2046AFJ ROHM-BD2046AFJ_14 Datasheet
1,011Kb / 27P
   0.5A Current Limit High Side Switch ICs
More results

Similar Description - BD2046AFJ_11

ManufacturerPart #DatasheetDescription
logo
Rohm
BD2062FJ ROHM-BD2062FJ_11 Datasheet
331Kb / 17P
   2ch High Side Switch ICs for USB Devices and Memory Cards
BD2062FJ-LB ROHM-BD2062FJ-LB Datasheet
535Kb / 25P
   2ch High Side Switch ICs for USB Devices and Memory Cards
BD6512F ROHM-BD6512F_11 Datasheet
413Kb / 21P
   2ch High Side Switch ICs for USB Devices and Memory Cards
BD2041AFJ ROHM-BD2041AFJ_11 Datasheet
449Kb / 19P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD2061AFJ ROHM-BD2061AFJ_11 Datasheet
314Kb / 13P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD82061FVJ ROHM-BD82061FVJ_11 Datasheet
399Kb / 17P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD82000FVJ ROHM-BD82000FVJ_11 Datasheet
408Kb / 17P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD2045AFJ ROHM-BD2045AFJ_11 Datasheet
334Kb / 13P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD2232G ROHM-BD2232G Datasheet
324Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2226G ROHM-BD2226G Datasheet
310Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com