Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD2045AFJ Datasheet(PDF) 4 Page - Rohm

Part # BD2045AFJ
Description  1ch High Side Switch ICs for USB Devices and Memory Cards
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD2045AFJ Datasheet(HTML) 4 Page - Rohm

  BD2045AFJ Datasheet HTML 1Page - Rohm BD2045AFJ Datasheet HTML 2Page - Rohm BD2045AFJ Datasheet HTML 3Page - Rohm BD2045AFJ Datasheet HTML 4Page - Rohm BD2045AFJ Datasheet HTML 5Page - Rohm BD2045AFJ Datasheet HTML 6Page - Rohm BD2045AFJ Datasheet HTML 7Page - Rohm BD2045AFJ Datasheet HTML 8Page - Rohm BD2045AFJ Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
BD2045AFJ, BD2055AFJ
Technical Note
4/12
www.rohm.com
2011.06 - Rev.C
© 2011 ROHM Co., Ltd. All rights reserved.
Reference data
0
20
40
60
80
100
120
23
4
56
SUPPLY VOLTAGE : VIN[V]
Ta=25°C
Fig.6 Operating current
EN,/EN Disable
Fig.7 Operating current
EN,/EN Disable
Fig.4 Operating current
EN,/EN Enable
0
20
40
60
80
100
120
-50
0
50
100
AMBIENT TEMPERATURE : Ta[℃]
VIN=5.0V
0.0
0.2
0.4
0.6
0.8
1.0
23
45
6
SUPPLY VOLTAGE : VIN[V]
Ta=25°C
Fig.5 Operating current
EN,/EN Enable
0.0
0.5
1.0
1.5
2.0
23
456
SUPPLY VOLTAGE : VIN[V]
Low to High
High to Low
Ta=25°C
Fig.8 EN,/EN input voltage
0.0
0.5
1.0
1.5
2.0
-50
0
50
100
AMBIENT TEMPERATURE : Ta[℃]
VIN=5.0V
High to Low
Low to High
Fig.9 EN,/EN input voltage
0.0
0.1
0.2
0.3
0.4
0.5
23
45
6
SUPPLY VOLTAGE : VIN[V]
Ta=25°C
Fig.10 /OC output LOW voltage
0.0
0.1
0.2
0.3
0.4
0.5
-50
0
50
100
AMBIENT TEMPERATURE : Ta[℃]
VIN=5.0V
Fig.11 /OC output LOW voltage
Fig.12 ON resistance
0
50
100
150
200
-50
0
50
100
AMBIENT TEMPERATURE : Ta[℃]
VIN=5.0V
Fig.13 ON resistance
0.0
0.2
0.4
0.6
0.8
1.0
-50
0
50
100
AMBIENT TEMPERATURE : Ta[℃]
VIN=5.0V
0
50
100
150
200
23
456
SUPPLY VOLTAGE : VIN[V]
Ta=25°C
0.00
0.25
0.50
0.75
1.00
23
456
SUPPLY VOLTAGE : VIN[V]
Ta=25°C
Fig.14 Output current at shortcircuit
0.00
0.25
0.50
0.75
1.00
-50
0
50
100
AMBIENT TEMPERATURE : Ta[℃]
VIN=5.0V
Fig.15 Output current at shortcircuit


Similar Part No. - BD2045AFJ

ManufacturerPart #DatasheetDescription
logo
Rohm
BD2045AFJ ROHM-BD2045AFJ Datasheet
315Kb / 6P
   Silicon monolithic integrated circuit USB high side switch IC
BD2045AFJ ROHM-BD2045AFJ Datasheet
366Kb / 13P
   1ch Small Current Output USB High Side Switch ICs
BD2045AFJ ROHM-BD2045AFJ Datasheet
1Mb / 26P
   0.5A Current Limit High Side Switch ICs
BD2045AFJ-E2 ROHM-BD2045AFJ-E2 Datasheet
1Mb / 26P
   0.5A Current Limit High Side Switch ICs
BD2045AFJ ROHM-BD2045AFJ_09 Datasheet
366Kb / 13P
   1ch Small Current Output USB High Side Switch ICs
More results

Similar Description - BD2045AFJ

ManufacturerPart #DatasheetDescription
logo
Rohm
BD2041AFJ ROHM-BD2041AFJ_11 Datasheet
449Kb / 19P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD2061AFJ ROHM-BD2061AFJ_11 Datasheet
314Kb / 13P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD82061FVJ ROHM-BD82061FVJ_11 Datasheet
399Kb / 17P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD82000FVJ ROHM-BD82000FVJ_11 Datasheet
408Kb / 17P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD2232G ROHM-BD2232G Datasheet
324Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2248G ROHM-BD2248G Datasheet
646Kb / 23P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2220G ROHM-BD2220G_11 Datasheet
359Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2226G ROHM-BD2226G Datasheet
310Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2226G-LB ROHM-BD2226G-LB Datasheet
539Kb / 24P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2240G ROHM-BD2240G Datasheet
309Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com