Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD00KA5F Datasheet(PDF) 3 Page - Rohm

Part # BD00KA5F
Description  500mA Secondary LDO Regulators for Local Power Supplies
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD00KA5F Datasheet(HTML) 3 Page - Rohm

  BD00KA5F Datasheet HTML 1Page - Rohm BD00KA5F Datasheet HTML 2Page - Rohm BD00KA5F Datasheet HTML 3Page - Rohm BD00KA5F Datasheet HTML 4Page - Rohm BD00KA5F Datasheet HTML 5Page - Rohm BD00KA5F Datasheet HTML 6Page - Rohm BD00KA5F Datasheet HTML 7Page - Rohm BD00KA5F Datasheet HTML 8Page - Rohm BD00KA5F Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
BD□□KA5,BD□□KA5W Series,BD00KA5W Series
Technical Note
3/9
www.rohm.com
2009.04 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
Reference Data (Unless specified otherwise, Vcc=25V,VCTL =2V,and Io=0mA)
Fig.12 Thermal Shutdown
Circuit Characteristics (Io=5mA)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
-40
-20
0
20
40
60
80
100
TEMPERATURE:Ta[℃]
1.4
1.4
1.4
1.5
1.5
1.5
1.5
1.5
1.6
1.6
1.6
-40
-20
0
20
40
60
80
100
TEMPERATURE:Ta[℃]
0
2
4
6
8
10
0.0
0.1
0.2
0.3
0.4
0.5
OUTPUT CURRENT:IOUT[A]
Fig.2 Input Stability
Fig.3 Input Stability
Fig.5 Input/Output Voltage Difference
Fig.6 Ripple Rejection
ein=10dBV,Io=100mA)
Vcc=3.135V)
0.0
0.1
0.2
0.3
0.4
0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
SUPPLY VOLTAGE:VCC[V]
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
SUPPLY VOLTAGE:VCC[V]
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
SUPPLY VOLTAGE:VCC[V]
[BD15KA5WFP]
[BD15KA5WFP]
[BD15KA5WFP]
[BD15KA5WFP]
[BD15KA5WFP]
[BD15KA5WFP]
0
5
10
15
20
25
30
35
40
45
50
55
60
10 15 20 25 30 35 40 45 50 55 60 65 70 75 80 85 90
FREQUENCY:f[Hz]
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4 1.5
OUTPUT CURRENT:IOUT[A]
0
50
100
150
200
250
300
0
50
100
150 200
250 300
350 400
450 500
OUTPUT CURRENT:IOUT[mA]
Io=500mA)
Io=0mA)
100
1000
10000
100000
[BD15KA5WFP]
[BD15KA5WFP]
[BD33KA5WFP]
Fig.1 Circuit current
Fig.4 Load Stability
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
100
120
140
160
180
200
TEMPERATURE:[℃]
Fig.7 Output Voltage
Fig.9 Circuit Current by load Level
[BD15KA5WFP]
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
CONTROL VOLTAGE:VCTL[V]
0
20
40
60
80
100
120
140
160
180
200
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
CONTROL VOLTAGE:VCTL[V]
Fig.8 Circuit Current
Temperature Characteristics
Io=5mA)
[BD15KA5WFP]
[BD15KA5WFP]
Fig.10 CTL Voltage vs. Output Voltage
Fig.11 CTL Voltage vs. Output Current


Similar Part No. - BD00KA5F

ManufacturerPart #DatasheetDescription
logo
Rohm
BD00KA5W ROHM-BD00KA5W Datasheet
616Kb / 18P
   500mA Variable/Fixed Output LDO Regulators Built-in thermal shutdown circuit
BD00KA5WF ROHM-BD00KA5WF Datasheet
212Kb / 6P
   Low ESR Capacitor Built in shut down SW, Low Dropout 500mA Regulator IC
BD00KA5WF-E2 ROHM-BD00KA5WF-E2 Datasheet
616Kb / 18P
   500mA Variable/Fixed Output LDO Regulators Built-in thermal shutdown circuit
BD00KA5WF-E2 ROHM-BD00KA5WF-E2 Datasheet
616Kb / 18P
   low-saturation regulators that are available for output currents up to 500mA.
BD00KA5WFP ROHM-BD00KA5WFP Datasheet
210Kb / 6P
   Low ESR Capacitor Built in shut down SW, Low Dropout 500mA Regulator IC
More results

Similar Description - BD00KA5F

ManufacturerPart #DatasheetDescription
logo
Rohm
BDXXKA5 ROHM-BDXXKA5 Datasheet
364Kb / 10P
   500mA Secondary LDO Regulators for Local Power Supplies
BD00HA5WEFJ ROHM-BD00HA5WEFJ Datasheet
457Kb / 12P
   500mA Secondary Variable Output LDO Regulators for Local Power Supplies
BD00GA5WEFJ ROHM-BD00GA5WEFJ Datasheet
463Kb / 12P
   500mA Secondary Variable Output LDO Regulators for Local Power Supplies
BAXXBC0 ROHM-BAXXBC0_10 Datasheet
392Kb / 10P
   1A Secondary LDO Regulators for Local Power Supplies
BAXXJC5 ROHM-BAXXJC5_09 Datasheet
381Kb / 10P
   1.5A Secondary LDO Regulators for Local Power Supplies
BA15NC0WT ROHM-BA15NC0WT Datasheet
392Kb / 10P
   1A Secondary LDO Regulators for Local Power Supplies
BD00HC5WEFJ ROHM-BD00HC5WEFJ Datasheet
492Kb / 12P
   1.5A Secondary Variable Output LDO Regulators for Local Power Supplies
BD00GA3WEFJ ROHM-BD00GA3WEFJ Datasheet
523Kb / 12P
   300mA Secondary Variable Output LDO Regulators for Local Power Supplies
BD00HC0WEFJ ROHM-BD00HC0WEFJ Datasheet
491Kb / 12P
   1A Secondary Variable Output LDO Regulators for Local Power Supplies
BD00GC0WEFJ ROHM-BD00GC0WEFJ Datasheet
543Kb / 12P
   1A Secondary Variable Output LDO Regulators for Local Power Supplies
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com