Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD1601MUV Datasheet(PDF) 6 Page - Rohm

Part # BD1601MUV
Description  Backlight LED Driver for Small LCD Panels (Charge Pump Type)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD1601MUV Datasheet(HTML) 6 Page - Rohm

Back Button BD1601MUV_11 Datasheet HTML 2Page - Rohm BD1601MUV_11 Datasheet HTML 3Page - Rohm BD1601MUV_11 Datasheet HTML 4Page - Rohm BD1601MUV_11 Datasheet HTML 5Page - Rohm BD1601MUV_11 Datasheet HTML 6Page - Rohm BD1601MUV_11 Datasheet HTML 7Page - Rohm BD1601MUV_11 Datasheet HTML 8Page - Rohm BD1601MUV_11 Datasheet HTML 9Page - Rohm BD1601MUV_11 Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Technical Note
6/12
www.rohm.com
2011.06 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
BD1601MUV
Reference Data
0.0
0.4
0.8
1.2
1.6
2.0
2.53
3.544.5
55.5
Input voltage: Vin[V]
Ta=25
oC
Ta=85
oC
Ta=-30
oC
Fig.5 Circuit Current
(Standby)
Fig.6 Circuit Current
(operation in × 1.0Mode)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
2.5
3
3.5
4
4.5
5
5.5
Input voltge: Vin[V]
Ta=85
oC
Ta=-30
oC
Ta=25
oC
40
50
60
70
80
90
100
2.5
3
3.5
4
4.5
5
5.5
Input voltage: Vin[V]
Down
Up
Fig.7 Efficiency
(20mA × 4Lights)
Fig.8 Efficiency
(5mA × 4Lights)
0
10
20
30
40
50
60
70
80
90
100
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Input voltage: Vin[V]
Ta=85
oC
Ta=-30
oC
Ta=25
oC
0
10
20
30
40
50
60
70
80
90
100
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Input voltage: Vin[V]
Ta=85
oC
Ta=-30
oC
Ta=25
oC
Fig.9 Efficiency
(15mA × 4 Lights)
Fig.10 Efficiency
(30mA × 4Lights
0
10
20
30
40
50
60
70
80
90
100
2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 6.5 7.0
Input voltage: Vin[V]
Ta=-30
oC
Ta=25
oC
Ta=85
oC
Fig.11 LED Current Characteristics
(LED current 15.5mA)
0.0
2.5
5.0
7.5
10.0
12.5
15.0
17.5
20.0
0.0
0.4
0.8
1.2
1.6
2.0
LED voltage: VLED[V]
Ta=85
oC
Ta=-30
oC
Ta=25
oC
Fig.12 LED Current Characteristics
(Differential Linearity error)
Fig.13 LED Current Characteristics
(Integral Linearity Error)
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
0
102030405060
STATE[DEC]
Ta=-30
oC
Ta=25
oC
Ta=85
oC
Fig.14 LED current matching
Fig.15 LED Current – Input voltage
(LED current 15.5mA)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
102030
405060
STATE[DEC]
Ta=85
oC
Ta=-30
oC
Ta=25
oC
0.0
2.5
5.0
7.5
10.0
12.5
15.0
17.5
20.0
2.533.544.555.5
Input voltage: Vin[V]
Ta=-30
oC
Ta=25
oC
Ta=85
oC
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
0
102030405060
STATE[DEC]
Ta=-30
oC
Ta=25
oC
Ta=85
oC


Similar Part No. - BD1601MUV_11

ManufacturerPart #DatasheetDescription
logo
Rohm
BD1601MUV ROHM-BD1601MUV_1 Datasheet
276Kb / 5P
   4 - Parallel white-LED Driver for mobile phone
More results

Similar Description - BD1601MUV_11

ManufacturerPart #DatasheetDescription
logo
Rohm
BD1603NUV ROHM-BD1603NUV_11 Datasheet
324Kb / 9P
   Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD1206GUL ROHM-BD1206GUL Datasheet
392Kb / 13P
   Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD1204GWL ROHM-BD1204GWL Datasheet
412Kb / 13P
   Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD1606MVV ROHM-BD1606MVV_11 Datasheet
306Kb / 12P
   Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD82103GWL ROHM-BD82103GWL_11 Datasheet
287Kb / 10P
   Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD6083GUL ROHM-BD6083GUL_10 Datasheet
667Kb / 46P
   Multifunction Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD6088GUL ROHM-BD6088GUL_11 Datasheet
821Kb / 52P
   Mulitifunction Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD6095GUL ROHM-BD6095GUL_11 Datasheet
657Kb / 42P
   Mulitifunction Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD1604MUV ROHM-BD1604MUV_11 Datasheet
393Kb / 11P
   Backlight LED Drivers for Small LCD Panels (Charge Pump Type)
BD6085GUL ROHM-BD6085GUL_11 Datasheet
477Kb / 29P
   Multifunction Backlight LED Drivers for Small LCD Panels (Charge Pump Type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com