Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD87A41FVM Datasheet(PDF) 7 Page - Rohm

Part # BD87A41FVM
Description  Voltage Detector ICs with Watchdog Timer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD87A41FVM Datasheet(HTML) 7 Page - Rohm

Back Button BD87A41FVM Datasheet HTML 3Page - Rohm BD87A41FVM Datasheet HTML 4Page - Rohm BD87A41FVM Datasheet HTML 5Page - Rohm BD87A41FVM Datasheet HTML 6Page - Rohm BD87A41FVM Datasheet HTML 7Page - Rohm BD87A41FVM Datasheet HTML 8Page - Rohm BD87A41FVM Datasheet HTML 9Page - Rohm BD87A41FVM Datasheet HTML 10Page - Rohm BD87A41FVM Datasheet HTML 11Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Technical Note
7/10
www.rohm.com
2010.12 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
BD37A19FVM, BD37A41FVM, BD87A28FVM, BD87A29FVM,
BD87A34FVM, BD87A41FVM, BD99A41F
Explanation
1) The RESET pin voltage (RESET) switches to low when the power supply voltage (VDD) falls to 0.8 V.
2) The external capacitor connected to the CT pin begins to charge when VDD rises above the reset detection voltage
(VDETH). The RESET signal stays low until VDD reaches the VDETH voltage and switches to high when VDD reaches
or exceeds the VDETH voltage. The RESET transmission delay time TPLH allowed to elapse before RESET switches
from low to high is given by the following equation:
TPLH (s)
 0.69 × Rrst × CT (µF)   [1]
Rrst denotes the IC's built-in resistance and is designed to be 10 MΩ (Typ.). CT denotes the external capacitor
connected to the CT pin.
3) The external capacitor connected to the CTW pin begins to charge when RESET rises, triggering the watchdog timer.
4) The CTW pin state switches from charge to discharge when the CTW pin voltage (VCTW) reaches VthH, and RESET
switches from high to low. The watchdog timer monitor time TWH is given by the following equation:
TWH (s)
 (0.5 × CTW (µF))/(ICTWC)   [2]
ICTWC denotes the CTW charge current and is designed to be 0.50 µA (Typ.). CTW denotes the external capacitor
connected to the CTW pin.
5) The CTW pin state switches from charge to discharge when VCTW reaches VthL, and RESET switches from low to high.
The watchdog timer reset time TWL is given by the following equation:
TWL (s)
 (0.5 × CTW (µF))/(ICTWO)   [3]
ICTWO denotes the CTW discharge current and is designed to be 1.50 µA (Typ.).
6) The CTW pin state may not switch from charge to discharge when the CLK input pulse width TWCLK is short. Use a
TWCLK input pulse width of at least 500 ns.
TWCLK ≥ 500 ns (Min.)
7) When a pulse (positive edge trigger) of at least 500 ns is input to the CLK pin while the CTW pin is charging, the CTW
state switches from charge to discharge. Once it discharges to VthL, it will charge again.
8) Watchdog timer operation is forced off when the INH pin switches to low:BD37A□□FVM (Switches to high:
BD87A□□FVM, BD97A41F). At that time, only the watchdog timer is turned off. Reset detection is performed normally.
9) The watchdog timer function turns on when the INH pin switches to high. The external capacitor connected to the CTW
pin begins to charge at that time.
10) RESET switches from high to low when VDD falls to the RESET detection voltage (VDET) or lower.
11) When VDD falls to 0 V, the RESET signal stays low until VDD reaches 0.8 V.
Heat reduction curve
MSOP8
SOP8
Fig.17
AMBIENT TEMPERATURE: Ta [℃]
0
400
200
25
50
75
125
100
0
600
470mW
800
105℃
When mounted on a glass epoxy board
(70 mm
 70 mm  1.6mm) ja = 212.8 (°C /W)
AMBIENT TEMPERATURE: Ta [℃]
0
400
200
25
50
75
125
100
0
600
550mW
800
105℃
When mounted on a glass epoxy board
(70 mm
 70 mm  1.6mm) ja = 181.8 (°C /W)


Similar Part No. - BD87A41FVM

ManufacturerPart #DatasheetDescription
logo
Rohm
BD87A41FVM ROHM-BD87A41FVM Datasheet
321Kb / 6P
   Voltage Detector with Watchdog Timer
BD87A41FVM-TR ROHM-BD87A41FVM-TR Datasheet
555Kb / 18P
   Voltage Detector ICs with Watchdog Timer Built-in watchdog timer
BD87A41FVM-TR ROHM-BD87A41FVM-TR Datasheet
1Mb / 19P
   Voltage Detector ICs with Watchdog Timer
More results

Similar Description - BD87A41FVM

ManufacturerPart #DatasheetDescription
logo
Rohm
BD37A19FVM-TR ROHM-BD37A19FVM-TR Datasheet
1Mb / 19P
   Voltage Detector ICs with Watchdog Timer
BD37A19FVM ROHM-BD37A19FVM_13 Datasheet
555Kb / 18P
   Voltage Detector ICs with Watchdog Timer Built-in watchdog timer
BD37A19FVM ROHM-BD37A19FVM Datasheet
321Kb / 6P
   Voltage Detector with Watchdog Timer
BD87A28FVM ROHM-BD87A28FVM Datasheet
322Kb / 6P
   Voltage Detector with Watchdog Timer
BD37A41FVM ROHM-BD37A41FVM Datasheet
322Kb / 6P
   Voltage Detector with Watchdog Timer
BD87A41FVM ROHM-BD87A41FVM Datasheet
321Kb / 6P
   Voltage Detector with Watchdog Timer
BD99A41F ROHM-BD99A41F Datasheet
321Kb / 6P
   Voltage Detector with Watchdog Timer
BD87A29FVM ROHM-BD87A29FVM Datasheet
323Kb / 6P
   Voltage Detector with Watchdog Timer
BD87A34FVM ROHM-BD87A34FVM Datasheet
321Kb / 6P
   Voltage Detector with Watchdog Timer
BD3010AFV-M ROHM-BD3010AFV-M Datasheet
561Kb / 22P
   Regulator with Voltage Detector and Watchdog Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com