Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD822EFV Datasheet(PDF) 1 Page - Rohm

Part # BD822EFV
Description  Silicon Monolithic Integrated Circuit
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD822EFV Datasheet(HTML) 1 Page - Rohm

  BD822EFV Datasheet HTML 1Page - Rohm BD822EFV Datasheet HTML 2Page - Rohm BD822EFV Datasheet HTML 3Page - Rohm BD822EFV Datasheet HTML 4Page - Rohm BD822EFV Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1/4
REV. A
Structure
Silicon Monolithic Integrated Circuit
Product Series
Power Driver for Compact disc player
type
BD8220EFV
Feature
4CH BTL Driver.
Employs the HTSSOP-B24PIN power package for compaction.
Has a wide dynamic range.(PowVcc1=8V, RL=8Ω、6.0V(typ.))
The thermal shutdown circuit contained.
Switches CH2 input by Control input terminal(CNT).
Incorporates mute function by CNT terminal and mute terminal.
Absolute maximum ratings(Ta=25℃)
Parameter
Symbol
Limits
Unit
Power supply voltage
PowVcc 1,PowVcc 2
15
Input terminal
BIAS1, BIAS2, LDIN,
SLIN, IN1, IN3, IN4
PowVcc 2
CNT terminal
CNT
PowVcc 2
MUTE terminal
MUTE1,2, 3 4
PowVcc 2
1.1*1
Power dissipation
Pd
4.0*2
Operating temperature range
Topr
-40∼+85
Storage temperature
Tstg
-55∼+150
Junction temperature
Tjmax
+150
*1 70mm×70mm×1.6mm,occupiedcopper foilis less than 3%,glass epoxy standardboard mounting.
Reduce power by 8.8mW for each degree above 25℃.
*2 Exclusive standard board mounting. Reduce power by 32.0mW for each degree above 25℃.
Operating conditions
(Set the power supply voltage taking allowable dissipation into considering.)
PowVcc 1,2
4.5 ∼ 10(V)
Please use it with PowVcc 1= PowVcc 2
Statusofthisdocument
TheJapaneseversionofthisdocumentistheformalspecification.Acustomermayusethistranslationversiononlyforareferencetohelpreadingtheformalversion.
Ifthereareanydifferencesintranslationversionofthisdocument,formalversiontakespriority.
Becarefultohandlebecausethecontentofthedescriptionofthismaterialmightcorrespondtothelabor(technologyinthedesign,manufacturing,anduse)inforeigncountryexchange
andForeignTradeControlLaw.
Aradiationisnotdesigned.
REV.A


Similar Part No. - BD822EFV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8220EFV ROHM-BD8220EFV Datasheet
131Kb / 5P
   Silicon Monolithic Integrated Circuit
BD8222EFV ROHM-BD8222EFV Datasheet
133Kb / 5P
   Silicon Monolithic Integrated Circuit
BD8224EFV ROHM-BD8224EFV Datasheet
157Kb / 5P
   Silicon Monolithic Integrated Circuit
BD8226EFV ROHM-BD8226EFV Datasheet
136Kb / 5P
   Silicon Monolithic Integrated Circuit
BD8226EFV ROHM-BD8226EFV Datasheet
920Kb / 20P
   4ch System Motor Driver For Car Audio
More results

Similar Description - BD822EFV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3490FV ROHM-BD3490FV Datasheet
296Kb / 5P
   Silicon Monolithic Integrated Circuit
BD3985FV ROHM-BD3985FV_11 Datasheet
96Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6041GUL ROHM-BD6041GUL_11 Datasheet
182Kb / 5P
   Silicon Monolithic Integrated Circuit
BD8676KN ROHM-BD8676KN Datasheet
231Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6369GUL ROHM-BD6369GUL_11 Datasheet
150Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6607KN ROHM-BD6607KN_11 Datasheet
139Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6712AF ROHM-BD6712AF_11 Datasheet
109Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6973FV ROHM-BD6973FV Datasheet
100Kb / 5P
   Silicon Monolithic Integrated Circuit
BD9745EKN ROHM-BD9745EKN Datasheet
385Kb / 22P
   Silicon Monolithic Integrated Circuit
BD9885FV ROHM-BD9885FV_09 Datasheet
154Kb / 5P
   Silicon Monolithic Integrated Circuit
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com