Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPA60R385CP Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # IPA60R385CP
Description  CoolMos Power Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPA60R385CP Datasheet(HTML) 4 Page - Infineon Technologies AG

  IPA60R385CP Datasheet HTML 1Page - Infineon Technologies AG IPA60R385CP Datasheet HTML 2Page - Infineon Technologies AG IPA60R385CP Datasheet HTML 3Page - Infineon Technologies AG IPA60R385CP Datasheet HTML 4Page - Infineon Technologies AG IPA60R385CP Datasheet HTML 5Page - Infineon Technologies AG IPA60R385CP Datasheet HTML 6Page - Infineon Technologies AG IPA60R385CP Datasheet HTML 7Page - Infineon Technologies AG IPA60R385CP Datasheet HTML 8Page - Infineon Technologies AG IPA60R385CP Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
IPA60R385CP
1 Power dissipation
2 Safe operating area
P e`e6W"T <#
I =6W"V =L T <   Y  D 6)
E6G6B : I: G t a
3 Max. transient thermal impedance
4 Typ. output characteristics
Z eYC<6W"t I#
I =6W"V =L T [   Y
E6G6B : I: G D=t a(T
E6G6B : I: G V @L
0
5
10
15
20
25
30
35
0
40
80
120
160
T C [°C]
 [ H
[ H
 [ H
 B H
B H
=<
10
3
10
2
10
1
10
0
10
2
10
1
10
0
10
-1
V DS [V]
H>C<A
: EJA
H:
)')*
)')+
)').
)'*
)'+
)'.
10
1
10
0
10
-1
10
-2
10
-3
10
-4
10
-5
10
1
10
0
10
-1
10
-2
t p [s]
  3
 3
  3
 3
 3
 3
3
3
0
5
10
15
20
25
0
5
10
15
20
V DS [V]
A
>B >I: 9 7NDCHI6I:
cVdZdeR_TV
/ : K  
E6<: 
   


Similar Part No. - IPA60R385CP

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPA60R385CP INFINEON-IPA60R385CP Datasheet
263Kb / 10P
   CoolMOS Power Transistor
Rev. 1.5 2006-01-04
logo
Inchange Semiconductor ...
IPA60R385CP ISC-IPA60R385CP Datasheet
261Kb / 2P
   Isc N-Channel MOSFET Transistor
More results

Similar Description - IPA60R385CP

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB60R165CP INFINEON-IPB60R165CP Datasheet
335Kb / 10P
   CoolMOS Power Transistor
Rev. 2.1 2009-06-05
IPW60R045CP INFINEON-IPW60R045CP Datasheet
355Kb / 10P
   CoolMOS Power Transistor
Rev. 2.0 2006-06-19
IPI60R199CP INFINEON-IPI60R199CP Datasheet
323Kb / 10P
   CoolMOS Power Transistor
Rev. 2.0 2006-06-19
IPP60R199CP INFINEON-IPP60R199CP Datasheet
338Kb / 10P
   CoolMOS Power Transistor
Rev. 2.0 2006-06-19
SPA11N60CFD INFINEON-SPA11N60CFD Datasheet
262Kb / 12P
   CoolMOS Power Transistor
Rev. 1.2 2006-05-15
IPW60R299CP INFINEON-IPW60R299CP Datasheet
353Kb / 10P
   CoolMOS Power Transistor
Rev. 2.0 2006-04-04
SPA06N60C3 INFINEON-SPA06N60C3 Datasheet
202Kb / 10P
   CoolMOS Power Transistor
Rev. 1.0 2004-04-27
IPD60R385CP INFINEON-IPD60R385CP Datasheet
350Kb / 10P
   CoolMOS Power Transistor
Rev. 2.0 2006-04-04
IPW90R340C3 INFINEON-IPW90R340C3 Datasheet
761Kb / 11P
   CoolMOS Power Transistor
2008-07-29 revision:1.0
IPA60R125CP INFINEON-IPA60R125CP_07 Datasheet
562Kb / 10P
   CoolMos Power Transistor
2007-11-30 revision:2.1
SPA11N60CFD_1012 INFINEON-SPA11N60CFD_1012 Datasheet
560Kb / 12P
   CoolMOS Power Transistor
Rev. 1.4 2010-12-21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com