Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPA60R299CP Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # IPA60R299CP
Description  CoolMos Power Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPA60R299CP Datasheet(HTML) 3 Page - Infineon Technologies AG

  IPA60R299CP Datasheet HTML 1Page - Infineon Technologies AG IPA60R299CP Datasheet HTML 2Page - Infineon Technologies AG IPA60R299CP Datasheet HTML 3Page - Infineon Technologies AG IPA60R299CP Datasheet HTML 4Page - Infineon Technologies AG IPA60R299CP Datasheet HTML 5Page - Infineon Technologies AG IPA60R299CP Datasheet HTML 6Page - Infineon Technologies AG IPA60R299CP Datasheet HTML 7Page - Infineon Technologies AG IPA60R299CP Datasheet HTML 8Page - Infineon Technologies AG IPA60R299CP Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
;@3-'A)005@
@IYIUM[MY
B`UJWT 5WVLQ[QWVZ
DVQ[
UQV%
[`X%
UI_%
 D: -9 5/ /4-=-/?1 =5>?5/>
&CEJI8
6E68
>I6C8
:
& Zdd
&
**))
&
a?
, JIEJI8
6E68
>I6C8
:
& `dd
&
/)
&
" ;;: 8
I>K: DJIEJI8
6E68
>I6C8
:: C: G<N
cV]ReVU
/#
& `"Vc#
&
-/
&
" ;;: 8
I>K: DJIEJI8
6E68
>I6C8
:I>B :
cV]ReVU
0#
& `"ec#
&
*+)
&
1JGCDC 9: A
6NI>B :
2 U"`_#
&
*)
&
_d
/ >H: I>B :
2 c
&
.
&
1JGCD;;9: A
6NI>B :
2 U"`WW#
&
-)
&
# 6A
AI>B :
2 W
&
.
&
 -?1  4-=31  4-=-/?1 =5>?5/>
$ 6I: ID HDJG8
: 8
=6G<:
+ Xd
&
.
&
_<
$ 6I: ID 9G6>C 8
=6G<:
+ XU
&
0'/
&
$ 6I: 8
=6G<: IDI6A
+ X
&
++
+2
$ 6I: EA
6I: 6JKDA
I6<:
. a]ReVRf
&
.')
&
O
% 1 A1 =>1  5; 01
!>D9: ;DGL6G9 KDA
I6<:
. L=
. @L3) ?   
- [   Y
&
)'2
*'+
O
/ : K: GH: G: 8
DK: GNI>B :
2 cc
&
,))
&
_d
/ : K: GH: G: 8
DK: GN8
=6G<:
+ cc
&
,'2
&
w<
- : 6@G: K: GH: G: 8
DK: GN8
JGG: CI
) cc^
&
+/
&
9
*# ' 01!6C9 ' " 0! 
+# )>B >I: 9 DCAN7NB 6M>B JB I: B E: G6IJG:
,# -JAH: L>9I=2
a A
>B >I: 9 7N- [%^Ri
-# / : E: I>I>K: 6K6A6C8=: 86JH: H699>I>DC6AEDL: GADHH: HI=6I86C 7: 86A8JA6I: 9 6H*
9O6( 9K$0#
.# &
L=56B= 9>
9I    [ H 3 =<]Z_\  33 aVR\5O";K#=LL 1[5M[^Ri >9: CI>86AADL H>9: 6C9 =><= H>9: HL>I8=
/# &
`"ec# >
H6 ;>M: 9 8
6E68
>I6C8
: I=6I<>K: HI=: H6B : 8
=6G<>C< I>B : 6H& `dd L=>A: . =L >HG>H>C< ;GDBID  . =LL'
0# &
`"ec# >
H6 ;>M: 9 8
6E68
>I6C8
: I=6I<>K: HI=: H6B : 8
=6G<>C< I>B : 6H& `dd L=>A: . =L >HG>H>C< ;GDBID  . =LL'
. K  3) ?6) L
U1 ?(U2    [ H
EIT\MZ
. @L3. =L  3
0   * % O
. ==  3
. @L 3) =   
, @   "
. ==  3) =   
. @LID 3
. @L3. =L3
ID  3
/ : K  
E6<: 
    


Similar Part No. - IPA60R299CP

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPA60R299CP INFINEON-IPA60R299CP Datasheet
264Kb / 10P
   CoolMOS Power Transistor
Rev. 1.3 2005-12-22
logo
Inchange Semiconductor ...
IPA60R299CP ISC-IPA60R299CP Datasheet
261Kb / 2P
   Isc N-Channel MOSFET Transistor
More results

Similar Description - IPA60R299CP

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB60R165CP INFINEON-IPB60R165CP Datasheet
335Kb / 10P
   CoolMOS Power Transistor
Rev. 2.1 2009-06-05
IPW60R045CP INFINEON-IPW60R045CP Datasheet
355Kb / 10P
   CoolMOS Power Transistor
Rev. 2.0 2006-06-19
IPI60R199CP INFINEON-IPI60R199CP Datasheet
323Kb / 10P
   CoolMOS Power Transistor
Rev. 2.0 2006-06-19
IPP60R199CP INFINEON-IPP60R199CP Datasheet
338Kb / 10P
   CoolMOS Power Transistor
Rev. 2.0 2006-06-19
SPA11N60CFD INFINEON-SPA11N60CFD Datasheet
262Kb / 12P
   CoolMOS Power Transistor
Rev. 1.2 2006-05-15
IPW60R299CP INFINEON-IPW60R299CP Datasheet
353Kb / 10P
   CoolMOS Power Transistor
Rev. 2.0 2006-04-04
SPA06N60C3 INFINEON-SPA06N60C3 Datasheet
202Kb / 10P
   CoolMOS Power Transistor
Rev. 1.0 2004-04-27
IPD60R385CP INFINEON-IPD60R385CP Datasheet
350Kb / 10P
   CoolMOS Power Transistor
Rev. 2.0 2006-04-04
IPW90R340C3 INFINEON-IPW90R340C3 Datasheet
761Kb / 11P
   CoolMOS Power Transistor
2008-07-29 revision:1.0
IPA60R125CP INFINEON-IPA60R125CP_07 Datasheet
562Kb / 10P
   CoolMos Power Transistor
2007-11-30 revision:2.1
SPA11N60CFD_1012 INFINEON-SPA11N60CFD_1012 Datasheet
560Kb / 12P
   CoolMOS Power Transistor
Rev. 1.4 2010-12-21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com