Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD00C0AWFP Datasheet(PDF) 10 Page - Rohm

Part # BD00C0AWFP
Description  1A Standard Variable Output LDO Regulators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD00C0AWFP Datasheet(HTML) 10 Page - Rohm

Back Button BD00C0AWFP Datasheet HTML 4Page - Rohm BD00C0AWFP Datasheet HTML 5Page - Rohm BD00C0AWFP Datasheet HTML 6Page - Rohm BD00C0AWFP Datasheet HTML 7Page - Rohm BD00C0AWFP Datasheet HTML 8Page - Rohm BD00C0AWFP Datasheet HTML 9Page - Rohm BD00C0AWFP Datasheet HTML 10Page - Rohm BD00C0AWFP Datasheet HTML 11Page - Rohm BD00C0AWFP Datasheet HTML 12Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Technical Note
10/11
BD00C0AWFP,BD00C0AWCP-V5
www.rohm.com
2011.08 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
16. Applications or inspection processes where the potential of the Vcc pin or other pins may be reversed from their normal
state may cause damage to the IC's internal circuitry or elements. Use an output pin capacitance of 1000µF or lower in
case Vcc is shorted with the GND pin while the external capacitor is charged. Insert a diode in series with Vcc to prevent
reverse current flow, or insert bypass diodes between Vcc and each pin.
17. Positive voltage surges on VCC pin
A power zener diode should be inserted between VCC and GND for protection against voltage surges of more than 35V on
the VCC pin.
18. Negative voltage surges on VCC pin
A schottky barrier diode should be inserted between VCC and GND for protection against voltages lower than GND on the
VCC pin.
19. Output protection diode
Loads with large inductance components may cause reverse current flow during startup or shutdown. In such cases, a
protection diode should be inserted on the output to protect the IC.
20. Regarding input pins of the IC
This monolithic IC contains P+ isolation and P substrate layers between adjacent elements in order to keep them isolated.
PN junctions are formed at the intersection of these P layers with the N layers of other elements, creating parasitic diodes
and/or transistors. For example (refer to the figure below):
When GND > Pin A and GND > Pin B, the PN junction operates as a parasitic diode
When GND > Pin B, the PN junction operates as a parasitic transistor
Parasitic diodes occur inevitably in the structure of the IC, and the operation of these parasitic diodes can result in mutual
interference among circuits, operational faults, or physical damage. Accordingly, conditions that cause these diodes to
operate, such as applying a voltage lower than the GND voltage to an input pin (and thus to the P substrate) should be
avoided.
Vcc
GND
Vcc
GND
Example of Simple Monolithic IC Architecture
Parasitic elements
(Pin A)
Parasitic elements
or transistors
(Pin B)
C
B
E
N
P
N
N
P+
P+
Parasitic elements
or transistors
P substrate
(Pin B)
C
B
E
Transistor (NPN)
(Pin A)
N
P
N
N
P+
P+
Resistor
Parasitic elements
P
GND
GND
GND
N


Similar Part No. - BD00C0AWFP

ManufacturerPart #DatasheetDescription
logo
Rohm
BD00C0AWFP-E2 ROHM-BD00C0AWFP-E2 Datasheet
827Kb / 21P
   1A Variable Output LDO Regulators
BD00C0AWFPS-M ROHM-BD00C0AWFPS-M Datasheet
693Kb / 20P
   Single-Output LDO Regulator 35V Voltage Resistance 1A LDO Regulator
BD00C0AWFPS-ME2 ROHM-BD00C0AWFPS-ME2 Datasheet
693Kb / 20P
   Single-Output LDO Regulator 35V Voltage Resistance 1A LDO Regulator
More results

Similar Description - BD00C0AWFP

ManufacturerPart #DatasheetDescription
logo
Rohm
BD00C0AWFP-E2 ROHM-BD00C0AWFP-E2 Datasheet
827Kb / 21P
   1A Variable Output LDO Regulators
BA50BC0FP-E2 ROHM-BA50BC0FP-E2 Datasheet
512Kb / 19P
   1A Variable/Fixed Output LDO Regulators
BA00CC0WHFP-TR ROHM-BA00CC0WHFP-TR Datasheet
498Kb / 20P
   2A/1A Variable Output LDO Regulators
BA00DD0WCP-V5 ROHM-BA00DD0WCP-V5_10 Datasheet
353Kb / 10P
   Standard Variable Output LDO Regulators
BA00DD0W ROHM-BA00DD0W Datasheet
2Mb / 25P
   2A/1A Variable Output LDO Regulators
BAXXBC0 ROHM-BAXXBC0 Datasheet
490Kb / 19P
   1A Variable/Fixed Output LDO Regulators
BD00IC0WEFJ ROHM-BD00IC0WEFJ Datasheet
517Kb / 26P
   1A Variable Fixed Output LDO Regulators
BA00BC0WFP-E2 ROHM-BA00BC0WFP-E2 Datasheet
512Kb / 19P
   1A Variable/Fixed Output LDO Regulators
BA00DD0WCP-V5 ROHM-BA00DD0WCP-V5_11 Datasheet
320Kb / 10P
   Standard Variable Output LDO Regulators with Shutdown Switch
BD00HC0WEFJ ROHM-BD00HC0WEFJ_13 Datasheet
513Kb / 20P
   1A Variable Output LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com