Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA2903SFVM Datasheet(PDF) 2 Page - Rohm

Part # BA2903SFVM
Description  Ground Sense Comparators
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA2903SFVM Datasheet(HTML) 2 Page - Rohm

  BA2903SFVM Datasheet HTML 1Page - Rohm BA2903SFVM Datasheet HTML 2Page - Rohm BA2903SFVM Datasheet HTML 3Page - Rohm BA2903SFVM Datasheet HTML 4Page - Rohm BA2903SFVM Datasheet HTML 5Page - Rohm BA2903SFVM Datasheet HTML 6Page - Rohm BA2903SFVM Datasheet HTML 7Page - Rohm BA2903SFVM Datasheet HTML 8Page - Rohm BA2903SFVM Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
Technical Note
2/24
BA10393F,BA10339F,BA10339FV,BA2903SF,BA2903SFV,BA2903SFVM,BA2903F,BA2903FV,
BA2903FVM,BA2901SF,BA2901SFV,BA2901SKN,BA2901F,BA2901FV,BA2901KN,BA8391G
www.rohm.com
2011.08 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
Absolute Maximum Ratings (Ta=25[℃])
Parameter
Symbol
Ratings
Unit
BA8391G
BA10393 family
BA10339 family
Supply Voltage
VCC-VEE
+36
V
Differential Input Voltage
(*1)
Vid
±
36
VCC - VEE
V
Input Common-mode
Voltage Range
Vicm
(VEE-0.3)~VEE+36
(VEE-0.3)~VCC
V
Operating Temperature Range
Topr
-40 ~ +85
Storage Temperature Range
Tstg
-55 ~ +150
-55 ~ +125
Maximum junction Temperature
Tjmax
+150
+125
Note: Absolute maximum rating item indicates the condition which must not be exceeded.
Application if voltage in excess of absolute maximum rating or use out of absolute maximum rated temperature environment may cause
deterioration of characteristics.
(*1)
The voltage difference between inverting input and non-inverting input is the differential input voltage.
Then input terminal voltage is set to more than VEE.
Electric Characteristics
BA8391G (Unless otherwise specified VCC=+5[V], VEE=0[V], Ta=25[℃])
Parameter
Symbol
Temperature
range
Limits
Unit
Condition
BA8391G
Min.
Typ.
Max.
Input Offset Voltage
(*2) (*3)
Vio
25℃
-
2
7
mV
VOUT = 1.4[V]
Full range
-
-
15
VCC = 5 ~ 36[V], VOUT = 1.4[V]
Input Offset Current
(*2) (*3)
Iio
25℃
-
5
50
nA
VOUT = 1.4[V]
Full range
-
-
200
Input Bias Current
(*2) (*3)
Ib
25℃
-
50
250
nA
VOUT = 1.4[V]
Full range
-
-
500
Input Common-mode
Voltage Range
Vicm
25℃
0
-
VCC-1.5
V
-
Large Signal Voltage Gain
AV
25℃
88
100
-
dB
VCC=15[V], VOUT=1.4 ~ 11.4[V],
RL = 15[kΩ], VRL = 15[V]
Supply Current
(*3)
ICC
25℃
-
0.3
0.7
mA
VOUT = open
Full range
-
-
1.3
VOUT = open, VCC = 36[V]
Output Sink Current
(*4)
IOL
25℃
6
16
-
mA
VIN+ = 0[V], VIN- = 1[V],
VOL = 1.5[V]
Output Saturation Voltage
(*3)
(Low level output voltage)
VOL
25℃
-
150
400
mV
VIN+ = 0[V], VIN- = 1[V],
IOL = 4[mA]
Full range
-
-
700
Output Leakage Current
(*3)
(High level output voltage)
Ileak
25℃
-
0.1
-
nA
VIN+ = 1[V], VIN- = 0[V],
VOH = 5[V]
Full range
-
-
1
μA
VIN+ = 1[V], VIN- = 0[V],
VOH = 36[V]
Response Time
Tre
25℃
-
1.3
-
μs
RL = 5.1[kΩ], VRL = 5[V],
VIN=100[mVp-p],overdrive=5[mV]
RL =5.1[kΩ], VRL=5[V], VIN=TTL
Logic Swing, VREF = 1.4[V]
(*2)
Absolute value
(*3)
Full range Ta=-40 ~ +85[℃]
(*4)
Under high temperatures, please consider the power dissipation when selecting the output current.
When the output terminal is continuously shorted the output current reduces the internal temperature by flushing.


Similar Part No. - BA2903SFVM

ManufacturerPart #DatasheetDescription
logo
Rohm
BA2903SFVM ROHM-BA2903SFVM Datasheet
574Kb / 20P
   Comparators: Ground Sense
BA2903SFVM ROHM-BA2903SFVM Datasheet
466Kb / 20P
   Comparators : Ground Sense
BA2903SFVM ROHM-BA2903SFVM Datasheet
533Kb / 25P
   Ground Sense Comparators
BA2903SFVM ROHM-BA2903SFVM Datasheet
533Kb / 25P
   Ground Sense Comparators
BA2903SFVM ROHM-BA2903SFVM Datasheet
958Kb / 56P
   Ground Sense Comparator
More results

Similar Description - BA2903SFVM

ManufacturerPart #DatasheetDescription
logo
Rohm
BA10393F-E2 ROHM-BA10393F-E2 Datasheet
533Kb / 25P
   Ground Sense Comparators
BA10393F ROHM-BA10393F_09 Datasheet
574Kb / 20P
   Comparators: Ground Sense
BA10339FV-E2 ROHM-BA10339FV-E2 Datasheet
533Kb / 25P
   Ground Sense Comparators
LM393XXX ROHM-LM393XXX Datasheet
4Mb / 40P
   Ground Sense Comparators
15.Jul.2016 Rev.002
BA2903YF-LB ROHM-BA2903YF-LB Datasheet
677Kb / 31P
   Ground Sense Comparators
BA10393F ROHM-BA10393F_10 Datasheet
466Kb / 20P
   Comparators : Ground Sense
BA2903YFC ROHM-BA2903YFC Datasheet
825Kb / 32P
   Automotive Ground Sense Comparators
BA2903YFV-C ROHM-BA2903YFV-C Datasheet
1Mb / 33P
   Automotive Ground Sense Comparators
29.Sep.2015 Rev.005
BA2901YF-M ROHM-BA2901YF-M Datasheet
531Kb / 27P
   Automotive Ground Sense Comparators
BA2903YF-CE2 ROHM-BA2903YF-CE2 Datasheet
1Mb / 34P
   Automotive Ground Sense Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com