Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL54062_0911 Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL54062_0911
Description  Negative Signal Swing, Sub-ohm, Dual SPDT
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54062_0911 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL54062_0911 Datasheet HTML 2Page - Intersil Corporation ISL54062_0911 Datasheet HTML 3Page - Intersil Corporation ISL54062_0911 Datasheet HTML 4Page - Intersil Corporation ISL54062_0911 Datasheet HTML 5Page - Intersil Corporation ISL54062_0911 Datasheet HTML 6Page - Intersil Corporation ISL54062_0911 Datasheet HTML 7Page - Intersil Corporation ISL54062_0911 Datasheet HTML 8Page - Intersil Corporation ISL54062_0911 Datasheet HTML 9Page - Intersil Corporation ISL54062_0911 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
FN6581.1
November 3, 2009
Electrical Specifications - 1.8V Supply Test Conditions: V+ = +1.8V, GND = 0V, VINH = 1.0V, VINL = 0.4V (Note 9), Unless Otherwise
Specified
.
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
(Notes 10, 11)
TYP
MAX
(Notes 10, 11)
UNITS
ANALOG SWITCH CHARACTERISTICS
ON-Resistance, rON
V+ = 1.8V, ICOM = 100mA, VNO or VNC = (V+ - 6.5V)
to V+, (see Figure 5)
25
-
1.87
-
Ω
Full
-
1.97
-
Ω
rON Matching Between
Channels,
ΔrON
V+ = 1.8V, ICOM = 100mA, VNO or VNC = Voltage at
max rON (Note 13)
25
-
16
-
m
Ω
Full
-
30
-
m
Ω
rON Flatness, RFLAT(ON)
V+ = 1.8V, ICOM = 100mA, VNO or VNC = (V+ - 6.5V)
to V+ (Note 12)
25
-
1.34
-
Ω
Full
-
1.43
-
Ω
DYNAMIC CHARACTERISTICS
Turn-ON Time, tON
V+ = 1.8V, VNO or VNC = 1.8V, RL = 50Ω, CL = 35pF
(see Figure 1)
25
-
145
-
ns
Full
-
150
-
ns
Turn-OFF Time, tOFF
V+ = 1.8V, VNO or VNC = 1.8V, RL = 50Ω, CL = 35pF
(see Figure 1)
25
-
20
-
ns
Full
-
22
-
ns
Break-Before-Make Time Delay,
tD
V+ = 1.8V, VNO or VNC = 1.8V, RL = 50Ω, CL = 35pF
(see Figure 3)
Full
-
130
-
ns
Charge Injection, Q
CL = 1.0nF, VG = 0V, RG = 0Ω (see Figure 2)
25
-
40
-
pC
-3dB Bandwidth
VCOM = 1VRMS, RL = 50Ω, CL = 5pF
25
-
60
-
MHz
NOx or NCx OFF Capacitance,
COFF
f = 1MHz
25
-
36
-
pF
COMx ON Capacitance,
CCOM(ON)
f = 1MHz (see Figure 7)
25
-
88
-
pF
DIGITAL INPUT CHARACTERISTICS
Input Voltage Low, VINL
25
-
-
0.4
V
Input Voltage High, VINH
25
1.0
-
-
V
Input Current, IINH, IINL
V+ = 2.0V, VIN = 0V or V+
25
-0.5
-
0.5
µA
Input Current, IINH, IINL
V+ = 2.0V, VIN = 0V or V+
Full
-
0.38
-
µA
NOTES:
9. VIN = input voltage to perform proper function.
10. The algebraic convention, whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
11. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by
characterization and are not production tested.
12. Flatness is defined as the difference between maximum and minimum value of on-resistance over the specified analog signal range.
13. rON matching between channels is calculated by subtracting the channel with the highest max rON value from the channel with lowest max rON
value, between NC1 and NC2 or between NO1 and NO2.
14. Limits established by characterization and are not production tested.
ISL54062


Similar Part No. - ISL54062_0911

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54062IRTZ INTERSIL-ISL54062IRTZ Datasheet
738Kb / 16P
   1.8V to 6.5V, Sub-Ohm, Dual SPDT Analog Switch with Negative Signal Capability and Click and Pop Elimination
ISL54062IRTZ INTERSIL-ISL54062IRTZ Datasheet
754Kb / 16P
   Negative Signal Swing, Sub-ohm, Dual SPDT with Click and Pop Elimination Single Supply Switch
November 3, 2009
logo
Renesas Technology Corp
ISL54062IRTZ RENESAS-ISL54062IRTZ Datasheet
1Mb / 16P
   Negative Signal Swing, Sub-ohm, Dual SPDT with Click and Pop Elimination Single Supply Switch
logo
Intersil Corporation
ISL54062IRTZ-T INTERSIL-ISL54062IRTZ-T Datasheet
738Kb / 16P
   1.8V to 6.5V, Sub-Ohm, Dual SPDT Analog Switch with Negative Signal Capability and Click and Pop Elimination
ISL54062IRTZ-T INTERSIL-ISL54062IRTZ-T Datasheet
754Kb / 16P
   Negative Signal Swing, Sub-ohm, Dual SPDT with Click and Pop Elimination Single Supply Switch
November 3, 2009
More results

Similar Description - ISL54062_0911

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54065_0911 INTERSIL-ISL54065_0911 Datasheet
717Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPDT
logo
Renesas Technology Corp
ISL54059 RENESAS-ISL54059 Datasheet
724Kb / 14P
   Negative Signal Swing, Sub-ohm, Dual SPDT Single Supply Switch
logo
Intersil Corporation
FN6579 INTERSIL-FN6579 Datasheet
640Kb / 14P
   Negative Signal Swing, Sub-ohm, Dual SPDT Single Supply Switch
ISL54059IRTZ INTERSIL-ISL54059IRTZ Datasheet
642Kb / 14P
   Negative Signal Swing, Sub-ohm, Dual SPDT Single Supply Switch
March 11, 2011
ISL54063_0911 INTERSIL-ISL54063_0911 Datasheet
409Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST
logo
Renesas Technology Corp
ISL54060 RENESAS-ISL54060 Datasheet
744Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST Single Supply Switch
logo
Intersil Corporation
ISL54060IRTZ INTERSIL-ISL54060IRTZ Datasheet
402Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST Single Supply Swit
November 3, 2009
ISL54060_0911 INTERSIL-ISL54060_0911 Datasheet
399Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST Single Supply Switch
ISL54062IRTZ INTERSIL-ISL54062IRTZ Datasheet
754Kb / 16P
   Negative Signal Swing, Sub-ohm, Dual SPDT with Click and Pop Elimination Single Supply Switch
November 3, 2009
logo
Renesas Technology Corp
ISL54062 RENESAS-ISL54062 Datasheet
1Mb / 16P
   Negative Signal Swing, Sub-ohm, Dual SPDT with Click and Pop Elimination Single Supply Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com