Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X93256 Datasheet(PDF) 5 Page - Intersil Corporation

Part # X93256
Description  Dual Digitally Controlled Potentiometers(XDCPs??
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X93256 Datasheet(HTML) 5 Page - Intersil Corporation

  X93256_08 Datasheet HTML 1Page - Intersil Corporation X93256_08 Datasheet HTML 2Page - Intersil Corporation X93256_08 Datasheet HTML 3Page - Intersil Corporation X93256_08 Datasheet HTML 4Page - Intersil Corporation X93256_08 Datasheet HTML 5Page - Intersil Corporation X93256_08 Datasheet HTML 6Page - Intersil Corporation X93256_08 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
FN8188.2
February 1, 2008
AC Timing
Power-up and Power-down Requirements
There are no restrictions on the power-up or power-down
conditions of VCC and the voltages applied to the
potentiometer pins provided that VCC is always more
positive than or equal to VH and VL, i.e., VCC ≥ VH,VL. The
VCC ramp rate specification is always in effect.
Pin Descriptions
In the text, CS, INC, U/D, RH, RW, and RL are used to refer
to either CS1 or CS2, etc. Note: These signals can be
applied independently or at the same time.
RH and RL
The RH and RL pins of the X93256 are equivalent to the
fixed terminals of a mechanical potentiometer. The minimum
voltage is VSS and the maximum is VCC. The terminology of
RH and RL references the relative position of the terminal in
relation to wiper movement direction selected by the U/D
input per potentiometer.
RW
The RW pin of the X93256 is the wiper terminal of the
potentiometer, which is equivalent to the movable terminal of
a mechanical potentiometer.
Up/Down (U/D)
The U/D input controls the direction of a single
potentiometer’s wiper movement and whether the counter is
incremented or decremented.
Increment (INC)
The INC input is negative-edge triggered. Toggling INC will
move the wiper and either increment or decrement the
pertaining potentiometer’s counter in the direction indicated
by the logic level on the pertaining potentiometer’s U/D
input.
Chip Select (CS)
A potentiometer is selected when the pertaining CS input is
LOW. Its current counter value is stored in nonvolatile memory
when the pertaining CS is returned HIGH while the pertaining
INC input is also HIGH. After the store operation is complete
the affected potentiometer will be placed in the low power
standby mode until the potentiometer is selected once again.
Principles of Operation
There are multiple sections for each potentiometer in the
X93256: an input control, a counter and decode section; the
nonvolatile memory; and a resistor array. Each input control
tlC
INC Inactive to CS Inactive
1
µs
tCPH
CS Deselect Time (No store)
250
ns
tCPH
CS Deselect Time (Store)
10
ms
tCYC
INC Cycle Time
2
µs
tR, tF
(Note 5)
INC Input Rise and Fall time
500
µs
tR VCC
(Note 5)
VCC Power-up Rate
0.2
50
V/ms
tWR
Store Cycle
510
ms
AC Operating Characteristics Over recommended operating conditions, unless otherwise specified. In the table, CS, INC, U/D, RH and
RL are used to refer to either CS1 or CS2, etc. (Continued)
SYMBOL
PARAMETER
MIN
(Note 7)
TYP
(Note 4)
MAX
(Note 7)
UNIT
CS
INC
U/D
tCI
tIL
tIH
tCYC
tID
tDI
tIC
tCPH
tF
tR
10%
90%
90%
(STORE)
Note: CS, INC, U/D, RH and RL are used to refer
to either CS1 or CS2, etc.
X93256


Similar Part No. - X93256_08

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X93256 INTERSIL-X93256_06 Datasheet
333Kb / 9P
   Dual Digitally Controlled Potentiometers
More results

Similar Description - X93256_08

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X93255 RENESAS-X93255 Datasheet
388Kb / 7P
   Dual Digitally Controlled Potentiometers (XDCPs??
X93254 RENESAS-X93254 Datasheet
424Kb / 8P
   Dual Digitally Controlled Potentiometers (XDCPs??
logo
Intersil Corporation
X93255 INTERSIL-X93255_08 Datasheet
162Kb / 7P
   Dual Digitally Controlled Potentiometers(XDCPs??
X93254 INTERSIL-X93254_08 Datasheet
182Kb / 8P
   Dual Digitally Controlled Potentiometers(XDCPs??
logo
Renesas Technology Corp
X93256 RENESAS-X93256 Datasheet
410Kb / 7P
   Dual Digitally Controlled Potentiometers (XDCPs™)
February 1, 2008
logo
Intersil Corporation
X93254 INTERSIL-X93254 Datasheet
208Kb / 10P
   Dual Digitally Controlled Potentiometers
X93255 INTERSIL-X93255 Datasheet
183Kb / 8P
   Dual Digitally Controlled Potentiometers
logo
Xicor Inc.
X9269 XICOR-X9269 Datasheet
422Kb / 25P
   Dual Digitally-Controlled Potentiometers
logo
Intersil Corporation
X9260 INTERSIL-X9260_06 Datasheet
338Kb / 23P
   Dual Digitally-Controlled Potentiometers
ISL22326 INTERSIL-ISL22326 Datasheet
487Kb / 13P
   Dual Digitally Controlled Potentiometers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com