Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9429WV14Z Datasheet(PDF) 11 Page - Intersil Corporation

Part # X9429WV14Z
Description  Single Digitally Controlled Potentiometer(XDCP??
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9429WV14Z Datasheet(HTML) 11 Page - Intersil Corporation

Back Button X9429WV14Z Datasheet HTML 7Page - Intersil Corporation X9429WV14Z Datasheet HTML 8Page - Intersil Corporation X9429WV14Z Datasheet HTML 9Page - Intersil Corporation X9429WV14Z Datasheet HTML 10Page - Intersil Corporation X9429WV14Z Datasheet HTML 11Page - Intersil Corporation X9429WV14Z Datasheet HTML 12Page - Intersil Corporation X9429WV14Z Datasheet HTML 13Page - Intersil Corporation X9429WV14Z Datasheet HTML 14Page - Intersil Corporation X9429WV14Z Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
FN8248.3
October 13, 2008
XFR Data Register (DR) to Wiper Counter Register (WCR)
XFR Wiper Counter Register (WCR) to Data Register (DR)
Increment/Decrement Wiper Counter Register (WCR)
Symbol Table
Guidelines for Calculating Typical Values of Bus
Pull-Up Resistors
S
T
A
R
T
DEVICE
TYPE
IDENTIFIER
DEVICE
ADDRESSES
S
A
C
K
INSTRUCTION
OPCODE
REGISTER
ADDRESSES
S
A
C
K
S
T
O
P
010
1
A
3
A
2
0A
0
1101
R
1
R
0
00
S
T
A
R
T
DEVICE
TYPE
IDENTIFIER
DEVICE
ADDRESSES
S
A
C
K
INSTRUCTION
OPCODE
REGISTER
ADDRESSES
S
A
C
K
S
T
O
P
HIGH-VOLTAGE
WRITE CYCLE
0
101
A
3
A
2
0A
0
1110
R
1
R
0
00
S
T
A
R
T
DEVICE TYPE
IDENTIFIER
DEVICE
ADDRESSES
S
A
C
K
INSTRUCTION
OPCODE
S
A
C
K
INCREMENT/DECREMENT
(SENT BY MASTER ON SDA)
S
T
O
P
01
01
A3 A2
0
A0
0
0
1
0
0
0
0
0
I/
D
I/
D
...
.
I/
D
I/
D
WAVEFORM
INPUTS
OUTPUTS
MUST BE
STEADY
WILL BE
STEADY
MAY CHANGE
FROM LOW TO
HIGH
WILL CHANGE
FROM LOW TO
HIGH
MAY CHANGE
FROM HIGH TO
LOW
WILL CHANGE
FROM HIGH TO
LOW
DON’T CARE:
CHANGES
ALLOWED
CHANGING:
STATE NOT
KNOWN
N/A
CENTER LINE
IS HIGH
IMPEDANCE
120
100
80
40
60
20
20
40
60
80 100 120
0
0
BUS CAPACITANCE (PF)
MIN.
RESISTANCE
MAX.
RESISTANCE
RMAX =
CBUS
TR
RMIN =
IOL MIN
VCC MAX
=1.8kW
X9429


Similar Part No. - X9429WV14Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9429WV14Z INTERSIL-X9429WV14Z Datasheet
367Kb / 21P
   Single Digitally Controlled Potentiometer
X9429WV14Z INTERSIL-X9429WV14Z Datasheet
320Kb / 20P
   Single Digitally Controlled Potentiometer
October 13, 2008
logo
Renesas Technology Corp
X9429WV14Z RENESAS-X9429WV14Z Datasheet
835Kb / 21P
   Low Noise/Low Power/2-Wire Bus Single Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
X9429WV14Z-2.7 INTERSIL-X9429WV14Z-2.7 Datasheet
367Kb / 21P
   Single Digitally Controlled Potentiometer
X9429WV14Z-2.7 INTERSIL-X9429WV14Z-2.7 Datasheet
320Kb / 20P
   Single Digitally Controlled Potentiometer
October 13, 2008
More results

Similar Description - X9429WV14Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X93156 INTERSIL-X93156_07 Datasheet
190Kb / 7P
   Single Digitally Controlled Potentiometer (XDCP??
ISL22316 INTERSIL-ISL22316 Datasheet
546Kb / 15P
   Single Digitally Controlled Potentiometer XDCP
X9119 INTERSIL-X9119_08 Datasheet
287Kb / 17P
   Single Digitally-Controlled (XDCP?? Potentiometer
X9279 INTERSIL-X9279_09 Datasheet
437Kb / 18P
   Single Digitally-Controlled (XDCP?? Potentiometer
logo
Xilinx, Inc
X9119 XILINX-X9119 Datasheet
125Kb / 22P
   Single Digitally-Controlled (XDCP ??) Potentiometer
logo
Intersil Corporation
X9421 INTERSIL-X9421 Datasheet
367Kb / 21P
   Single Digitally Controlled (XDCP) Potentiometer
logo
Xicor Inc.
X9279 XICOR-X9279 Datasheet
398Kb / 24P
   Single Digitally-Controlled (XDCP) Potentiometer
X9421 XICOR-X9421 Datasheet
117Kb / 21P
   Single Digitally Controlled (XDCP) Potentiometer
logo
Intersil Corporation
X9271 INTERSIL-X9271_11 Datasheet
673Kb / 22P
   Single, Digitally Controlled (XDCP?? Potentiometer
ISL95810 INTERSIL-ISL95810 Datasheet
1Mb / 13P
   Single Digitally Controlled Potentiometer (XDCP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com