Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9315WSIT1 Datasheet(PDF) 7 Page - Intersil Corporation

Part # X9315WSIT1
Description  Digitally Controlled Potentiometer (XDCP??
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9315WSIT1 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button X9315WSIT1 Datasheet HTML 3Page - Intersil Corporation X9315WSIT1 Datasheet HTML 4Page - Intersil Corporation X9315WSIT1 Datasheet HTML 5Page - Intersil Corporation X9315WSIT1 Datasheet HTML 6Page - Intersil Corporation X9315WSIT1 Datasheet HTML 7Page - Intersil Corporation X9315WSIT1 Datasheet HTML 8Page - Intersil Corporation X9315WSIT1 Datasheet HTML 9Page - Intersil Corporation X9315WSIT1 Datasheet HTML 10Page - Intersil Corporation X9315WSIT1 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
FN8179.2
December 21, 2009
DC Electrical Specifications
(Over recommended operating conditions unless otherwise specified.
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
UNIT
MIN
(Note 9)
TYP
(Note 8)
MAX
(Note 9)
VCC
Supply Voltage
X9315
4.5
5.5
V
X9315-2.7
2.7
5.5
V
ICC1
VCC active current (Increment)
CS = VIL, U/D = VIL or VIH and INC = 0.4V
@ max. tCYC
80
µA
ICC2
VCC active current (Store) (EEPROM
Store)
CS = VIH, U/D = VIL or VIH and INC = VIH @
max. tWR
400
µA
ISB
Standby supply current
CS = VCC - 0.3V, U/D and INC = VSS or VCC
- 0.3V
5µA
ILI
CS, INC, U/D input leakage current
VIN = VSS to VCC
-10
+10
µA
VIH
CS, INC, U/D input HIGH voltage
VCC x 0.7
VCC + 0.5
V
VIL
CS, INC, U/D input LOW voltage
-0.5
VCC x 0.1
V
CIN
CS, INC, U/D input capacitance
VCC = 5V, VIN = VSS, TA = +25°C, f = 1MHz
10
pF
Endurance and Data Retention
PARAMETER
MIN
UNIT
Minimum endurance
100,000
Data changes per bit
Data retention
100
Years
Test Circuit #1
Test Circuit #2
Circuit #3 SPICE Macro Model
Test Point
VW/RW
VH/RH
VL/RL
VS
Force
Current
VL
VW
Test Point
VH/RH
VW/RW
VL/RL
CH
CL
RW
10pF
10pF
RH
RL
RTOTAL
CW
25pF
AC Conditions of Test
Input pulse levels
0V to 3V
Input rise and fall times
10ns
Input reference levels
1.5V
AC Electrical Specifications
(Over recommended operating conditions unless otherwise specified)
SYMBOL
PARAMETER
LIMITS
UNIT
MIN
(Note 9)
TYP
(Note 8)
MAX
(Note 9)
tCl
CS to INC setup
100
ns
tlD
INC HIGH to U/D change
100
ns
tDI
U/D to INC setup
2.9
µs
tlL
INC LOW period
1
µs
tlH
INC HIGH period
1
µs
X9315


Similar Part No. - X9315WSIT1

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9315WSIT1 INTERSIL-X9315WSIT1 Datasheet
344Kb / 16P
   Digitally Controlled Potentiometer
December 21, 2009
logo
Renesas Technology Corp
X9315WSIT1 RENESAS-X9315WSIT1 Datasheet
715Kb / 16P
   Low Noise, Low Power, 32 Taps Digitally Controlled Potentiometer (XDCP??
More results

Similar Description - X9315WSIT1

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9313 INTERSIL-X9313_08 Datasheet
284Kb / 12P
   Digitally Controlled Potentiometer (XDCP??
X9317 INTERSIL-X9317_09 Datasheet
445Kb / 15P
   Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
X9C102 RENESAS-X9C102 Datasheet
522Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL90727 INTERSIL-ISL90727 Datasheet
186Kb / 8P
   Digitally Controlled Potentiometer XDCP
X93155 INTERSIL-X93155_08 Datasheet
201Kb / 8P
   Digitally Controlled Potentiometer(XDCP??
logo
Renesas Technology Corp
X9318 RENESAS-X9318 Datasheet
471Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
logo
Xicor Inc.
X9319 XICOR-X9319 Datasheet
344Kb / 10P
   Digitally Controlled Potentiometer (XDCP)
X9C303 XICOR-X9C303 Datasheet
366Kb / 10P
   Digitally Controlled Potentiometer (XDCP)
logo
Intersil Corporation
X9C103SZT1 INTERSIL-X9C103SZT1 Datasheet
240Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
X93154 INTERSIL-X93154_08 Datasheet
225Kb / 9P
   Digitally Controlled Potentiometer(XDCP??
X93155 INTERSIL-X93155 Datasheet
246Kb / 8P
   Digitally Controlled Potentiometer (XDCP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com