Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9429 Datasheet(PDF) 9 Page - Intersil Corporation

Part # X9429
Description  Single Digitally Controlled Potentiometer(XDCP??
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9429 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button X9429_08 Datasheet HTML 5Page - Intersil Corporation X9429_08 Datasheet HTML 6Page - Intersil Corporation X9429_08 Datasheet HTML 7Page - Intersil Corporation X9429_08 Datasheet HTML 8Page - Intersil Corporation X9429_08 Datasheet HTML 9Page - Intersil Corporation X9429_08 Datasheet HTML 10Page - Intersil Corporation X9429_08 Datasheet HTML 11Page - Intersil Corporation X9429_08 Datasheet HTML 12Page - Intersil Corporation X9429_08 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
FN8248.3
October 13, 2008
Detailed Operation
The potentiometer has a Wiper Counter Register and four
Data Registers. A detailed discussion of the register
organization and array operation follows.
Wiper Counter Register
The X9429 contains a Wiper Counter Register. The Wiper
Counter Register can be envisioned as a 6-bit parallel and
serial load counter with its outputs decoded to select one of
sixty-four switches along its resistor array. The contents of
the WCR can be altered in four ways: it may be written
directly by the host via the write Wiper Counter Register
instruction (serial load); it may be written indirectly by
transferring the contents of one of four associated Data
Registers via the XFR Data Register instruction (parallel
load); it can be modified one step at a time by the
Increment/Decrement instruction. Finally, it is loaded with the
contents of its Data Register zero (DR0) upon power-up.
The WCR is a volatile register; that is, its contents are lost
when the X9429 is powered-down. Although the register is
automatically loaded with the value in DR0 upon power-up, it
should be noted this may be different from the value present
at power-down.
Data Registers
The potentiometer has four nonvolatile Data Registers.
These can be read or written directly by the host and data
can be transferred between any of the four Data Registers
and the Wiper Counter Register. It should be noted all
operations changing data in one of these registers is a
nonvolatile operation and will take a maximum of 10ms.
If the application does not require storage of multiple
settings for the potentiometer, these registers can be used
as regular memory locations that could possibly store
system parameters or user preference data.
Register Descriptions
DATA REGISTERS, (6-BIT), NON-VOLATILE
FOUR 6-BIT DATA REGISTERS FOR EACH XDCP.
{D5~D0}: These bits are for general purpose not volatile data
storage or for storage of up to four different wiper values.
The contents of Data Register 0 are automatically moved to
the Wiper Counter Register on power-up.
WIPER COUNTER REGISTER, (6-BIT), VOLATILE
SERIAL DATA PATH
FROM INTERFACE
CIRCUITRY
REGISTER 0
REGISTER 1
REGISTER 2
REGISTER 3
SERIAL
BUS
INPUT
PARALLEL
BUS
INPUT
WIPER
COUNTER
REGISTER
INC/DEC
LOGIC
UP/DN
CLK
MODIFIED SCL
UP/DN
VH/RH
VL/RL
VW/RW
IF WCR = 00[H] THEN VW/RW = VL/RL
IF WCR = 3F[H] THEN VW/RW = VH/RH
8
6
C
O
U
N
T
E
R
D
E
C
O
D
E
(WCR)
FIGURE 8. DETAILED POTENTIOMETER BLOCK DIAGRAM
D5
D4
D3
D2
D1
D0
NV
NV
NV
NV
NV
NV
(MSB)
(LSB)
WP5
WP4
WP3
WP2
WP1
WP0
V
VVVVV
(MSB)
(LSB)
X9429


Similar Part No. - X9429_08

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9429WS16 INTERSIL-X9429WS16 Datasheet
367Kb / 21P
   Single Digitally Controlled Potentiometer
X9429WS16 INTERSIL-X9429WS16 Datasheet
320Kb / 20P
   Single Digitally Controlled Potentiometer
October 13, 2008
X9429WS16-2.7 INTERSIL-X9429WS16-2.7 Datasheet
367Kb / 21P
   Single Digitally Controlled Potentiometer
X9429WS16-2.7 INTERSIL-X9429WS16-2.7 Datasheet
320Kb / 20P
   Single Digitally Controlled Potentiometer
October 13, 2008
X9429WS16I INTERSIL-X9429WS16I Datasheet
367Kb / 21P
   Single Digitally Controlled Potentiometer
More results

Similar Description - X9429_08

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X93156 INTERSIL-X93156_07 Datasheet
190Kb / 7P
   Single Digitally Controlled Potentiometer (XDCP??
ISL22316 INTERSIL-ISL22316 Datasheet
546Kb / 15P
   Single Digitally Controlled Potentiometer XDCP
X9119 INTERSIL-X9119_08 Datasheet
287Kb / 17P
   Single Digitally-Controlled (XDCP?? Potentiometer
X9279 INTERSIL-X9279_09 Datasheet
437Kb / 18P
   Single Digitally-Controlled (XDCP?? Potentiometer
logo
Xilinx, Inc
X9119 XILINX-X9119 Datasheet
125Kb / 22P
   Single Digitally-Controlled (XDCP ??) Potentiometer
logo
Intersil Corporation
X9421 INTERSIL-X9421 Datasheet
367Kb / 21P
   Single Digitally Controlled (XDCP) Potentiometer
logo
Xicor Inc.
X9279 XICOR-X9279 Datasheet
398Kb / 24P
   Single Digitally-Controlled (XDCP) Potentiometer
X9421 XICOR-X9421 Datasheet
117Kb / 21P
   Single Digitally Controlled (XDCP) Potentiometer
logo
Intersil Corporation
X9271 INTERSIL-X9271_11 Datasheet
673Kb / 22P
   Single, Digitally Controlled (XDCP?? Potentiometer
ISL95810 INTERSIL-ISL95810 Datasheet
1Mb / 13P
   Single Digitally Controlled Potentiometer (XDCP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com