Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9258TV24I Datasheet(PDF) 11 Page - Intersil Corporation

Part # X9258TV24I
Description  Quad Digital Controlled Potentiometers(XDCP??
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9258TV24I Datasheet(HTML) 11 Page - Intersil Corporation

Back Button X9258TV24I Datasheet HTML 7Page - Intersil Corporation X9258TV24I Datasheet HTML 8Page - Intersil Corporation X9258TV24I Datasheet HTML 9Page - Intersil Corporation X9258TV24I Datasheet HTML 10Page - Intersil Corporation X9258TV24I Datasheet HTML 11Page - Intersil Corporation X9258TV24I Datasheet HTML 12Page - Intersil Corporation X9258TV24I Datasheet HTML 13Page - Intersil Corporation X9258TV24I Datasheet HTML 14Page - Intersil Corporation X9258TV24I Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
FN8168.5
April 14, 2011
Absolute Maximum Ratings
Thermal Information
Voltage on SDA, SCL or any address input
with respect to VSS . . . . . . . . . . . . . . . . . . . . . . . . . . . -1V to +7V
Voltage on V+ (referenced to VSS) . . . . . . . . . . . . . . . . . . . . . . .10V
Voltage on V- (referenced to VSS) . . . . . . . . . . . . . . . . . . . . . . . -10V
(V+) - (V-) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .12V
Any VH/RH . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .V+
Any VL/RL . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . V-
IW (10s) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±15mA
Thermal Resistance (Typical, Note 7)
θJA (°C/W)
24 Lead SOIC . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
65
24 Lead TSSOP . . . . . . . . . . . . . . . . . . . . . . . . . . . .
75
Temperature under bias. . . . . . . . . . . . . . . . . . . . . .-65°C to +135
°C
Storage temperature . . . . . . . . . . . . . . . . . . . . . . . .-65
°C to +150°C
Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . .-40°C to +85°C
Supply Voltage Range (Typical)
X9258. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .5V ±10%
X9258-2.7. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.7V to 5.5V
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTE:
7.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
8. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by characterization
and are not production tested.
Analog Specifications
Over recommended operating conditions, unless otherwise specified.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 8)
TYP
MAX
(Note 8)
UNIT
End-to-end Resistance Tolerance
±20
%
Power Rating
+25°C, each potentiometer
50
mW
IW
Wiper Current
Wiper current = ± 1mA
±7.5
mA
RW
Wiper Resistance
IW = ± 1mA @ V+ = 3V, V- = -3V
150
250
Ω
RW
Wiper Resistance
IW = ± 1mA @ V+ = 5V, V- = -5V
40
100
Ω
V+
Voltage on V+ Pin
X9258
+4.5
+5.5
V
X9258-2.7
+2.7
+5.5
V
V-
Voltage on V- Pin
X9258
-5.5
-4.5
V
X9258 -2.7
-5.5
-2.7
V
VTERM
Voltage on any VH/RH or VL/RL Pin
V-
V+
V
Noise
Ref: 1kHz
-120
dBV
Resolution (Note 12)
0.6
%
Absolute Linearity (Note 9)
Vw(n)(actual) - Vw(n)(expected)
±1
MI
(Note 11)
Relative Linearity (Note 10)
Vw(n + 1) - [Vw(n) + MI]±0.6
MI
(Note 11)
Temperature Coefficient of RTOTAL
±300
ppm/
°C
Ratiometric Temperature Coefficient
±20
ppm/°C
CH/CL/CW Potentiometer Capacitance
See “Test Circuit #3 SPICE Macro
Model” on page 14
10/10/25
pF
X9258


Similar Part No. - X9258TV24I

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9258TV24I XICOR-X9258TV24I Datasheet
413Kb / 22P
   Quad Digital Controlled Potentiometers (XDCP)
logo
Intersil Corporation
X9258TV24I INTERSIL-X9258TV24I Datasheet
348Kb / 20P
   Low Noise/Low Power/2-Wire Bus/256 Taps
X9258TV24I INTERSIL-X9258TV24I Datasheet
329Kb / 20P
   Quad Digital Controlled Potentiometers
logo
Xicor Inc.
X9258TV24I-2.7 XICOR-X9258TV24I-2.7 Datasheet
413Kb / 22P
   Quad Digital Controlled Potentiometers (XDCP)
logo
Intersil Corporation
X9258TV24I-2.7 INTERSIL-X9258TV24I-2.7 Datasheet
348Kb / 20P
   Low Noise/Low Power/2-Wire Bus/256 Taps
More results

Similar Description - X9258TV24I

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL90843 INTERSIL-ISL90843 Datasheet
750Kb / 10P
   Quad Digital Controlled Potentiometers (XDCP??
logo
Xicor Inc.
X9258 XICOR-X9258 Datasheet
413Kb / 22P
   Quad Digital Controlled Potentiometers (XDCP)
logo
Renesas Technology Corp
ISL90843 RENESAS-ISL90843 Datasheet
1Mb / 20P
   Quad Digital Controlled Potentiometers (XDCP™)
March 29, 2006
logo
Xicor Inc.
X9400 XICOR-X9400 Datasheet
150Kb / 22P
   Quad Digitally Controlled Potentiometers (XDCP)
logo
Intersil Corporation
X9250TS24I INTERSIL-X9250TS24I Datasheet
360Kb / 20P
   Quad Digitally Controlled Potentiometers (XDCP
August 29, 2006
logo
Xicor Inc.
X9250 XICOR-X9250 Datasheet
181Kb / 21P
   Quad Digitally Controlled Potentiometers (XDCP)
logo
Intersil Corporation
ISL90841 INTERSIL-ISL90841_06 Datasheet
1Mb / 12P
   Quad Digitally Controlled Potentiometers (XDCP??
X9408 INTERSIL-X9408_09 Datasheet
336Kb / 20P
   Quad Digitally Controlled (XDCP?? Potentiometers
ISL90840 INTERSIL-ISL90840_06 Datasheet
1Mb / 13P
   Quad Digitally Controlled Potentiometers (XDCP)
logo
Xicor Inc.
X9259 XICOR-X9259 Datasheet
400Kb / 25P
   Quad Digitally-Controlled (XDCP) Potentiometers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com