Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X28HC64S-12 Datasheet(PDF) 4 Page - Intersil Corporation

Part # X28HC64S-12
Description  5 Volt, Byte Alterable EEPROM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X28HC64S-12 Datasheet(HTML) 4 Page - Intersil Corporation

  X28HC64S-12 Datasheet HTML 1Page - Intersil Corporation X28HC64S-12 Datasheet HTML 2Page - Intersil Corporation X28HC64S-12 Datasheet HTML 3Page - Intersil Corporation X28HC64S-12 Datasheet HTML 4Page - Intersil Corporation X28HC64S-12 Datasheet HTML 5Page - Intersil Corporation X28HC64S-12 Datasheet HTML 6Page - Intersil Corporation X28HC64S-12 Datasheet HTML 7Page - Intersil Corporation X28HC64S-12 Datasheet HTML 8Page - Intersil Corporation X28HC64S-12 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4
FN8109.2
August 28, 2009
DATA Polling (I/O7)
The X28HC64 features DATA Polling as a method to indicate
to the host system that the byte write or page write cycle has
completed. DATA Polling allows a simple bit test operation to
determine the status of the X28HC64, eliminating additional
interrupt inputs or external hardware. During the internal
programming cycle, any attempt to read the last byte written
will produce the complement of that data on I/O7 (i.e. write
data = 0xxx xxxx, read data = 1xxx xxxx). Once the
programming cycle is complete, I/O7 will reflect true data.
Toggle Bit (I/O6)
The X28HC64 also provides another method for determining
when the internal write cycle is complete. During the internal
programming cycle I/O6 will toggle from HIGH to LOW and
LOW to HIGH on subsequent attempts to read the device.
When the internal cycle is complete the toggling will cease
and the device will be accessible for additional read or write
operations.
DATA Polling I/O7
DATA Polling can effectively reduce the time for writing to the
X28HC64. The timing diagram in Figure 2 illustrates the
sequence of events on the bus. The software flow diagram in
Figure 3 illustrates one method of implementing the routine.
CE
OE
WE
I/O7
X28HC64
Ready
Last
Write
HIGH Z
VOL
VIH
A0–A12
An
An
An
An
An
An
VOH
An
FIGURE 2. DATA POLLING BUS SEQUENCE
WRITE DATA
SAVE LAST DATA
AND ADDRESS
READ LAST
ADDRESS
IO7
COMPARE?
NO
YES
WRITES
COMPLETE?
NO
YES
READY
FIGURE 3. DATA POLLING SOFTWARE FLOW
X28HC64


Similar Part No. - X28HC64S-12

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X28HC64S-12 XICOR-X28HC64S-12 Datasheet
112Kb / 24P
   5 Volt, Byte Alterable E2PROM
More results

Similar Description - X28HC64S-12

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X28HC256 INTERSIL-X28HC256 Datasheet
286Kb / 15P
   5 Volt, Byte Alterable EEPROM
logo
Force Technologies Ltd
FT28HC256 FORCE-FT28HC256 Datasheet
2Mb / 23P
   5 Volt, Byte Alterable EEPROM
logo
Intersil Corporation
X28HC64 INTERSIL-X28HC64 Datasheet
310Kb / 16P
   5 Volt, Byte Alterable EEPROM
X28HC64 INTERSIL-X28HC64_06 Datasheet
257Kb / 17P
   5 Volt, Byte Alterable EEPROM
X28C010 INTERSIL-X28C010 Datasheet
617Kb / 23P
   5 Volt, Byte Alterable EEPROM
logo
Austin Semiconductor
AS28C010 AUSTIN-AS28C010 Datasheet
306Kb / 14P
   128K x 8 EEPROM EEPROM Memory 5 Volt, Byte Alterable
logo
Xicor Inc.
X28C64 XICOR-X28C64 Datasheet
110Kb / 25P
   5 Volt, Byte Alterable E2PROM
XM28C040 XICOR-XM28C040 Datasheet
76Kb / 17P
   5 Volt, Byte Alterable E2PROM
X28HC256 XICOR-X28HC256 Datasheet
110Kb / 24P
   5 Volt, Byte Alterable E2PROM
X28HC64 XICOR-X28HC64 Datasheet
112Kb / 24P
   5 Volt, Byte Alterable E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com