Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9317 Datasheet(PDF) 5 Page - Intersil Corporation

Part # X9317
Description  Digitally Controlled Potentiometer (XDCP??
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9317 Datasheet(HTML) 5 Page - Intersil Corporation

  X9317_09 Datasheet HTML 1Page - Intersil Corporation X9317_09 Datasheet HTML 2Page - Intersil Corporation X9317_09 Datasheet HTML 3Page - Intersil Corporation X9317_09 Datasheet HTML 4Page - Intersil Corporation X9317_09 Datasheet HTML 5Page - Intersil Corporation X9317_09 Datasheet HTML 6Page - Intersil Corporation X9317_09 Datasheet HTML 7Page - Intersil Corporation X9317_09 Datasheet HTML 8Page - Intersil Corporation X9317_09 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
FN8183.6
December 16, 2009
Block Diagram
UP/DOWN
COUNTER
7-BIT
NONVOLATILE
MEMORY
STORE AND
RECALL
CONTROL
CIRCUITRY
ONE
OF
ONE
DECODER
RESISTOR
ARRAY
RH
U/D
INC
CS
WIPER
SWITCHES
HUNDRED
VCC
VSS
RL
RW
CONTROL
AND
MEMORY
UP/DOWN
(U/D)
INCREMENT
(INC)
DEVICE SELECT
(CS)
VCC (SUPPLY VOLTAGE)
VSS (GROUND)
RH
RW
RL
GENERAL
DETAILED
0
1
2
96
97
98
99
Pin Descriptions
PDIP/SOIC/MSOP
TSSOP
SYMBOL
BRIEF DESCRIPTION
13
INC
Increment Toggling INC while CS is low moves the wiper either up or down.
24
U/D
Up/Down The U/D input controls the direction of the wiper movement.
35
RH
The high terminal is equivalent to one of the fixed terminals of a mechanical potentiometer.
46
VSS
Ground
57
R
W
The wiper terminal is equivalent to the movable terminal of a mechanical potentiometer.
68
RL
The low terminal is equivalent to one of the fixed terminals of a mechanical potentiometer.
71
CS
Chip Select The device is selected when the CS input is LOW, and de-selected when CS is
high.
82
VCC
Supply Voltage
X9317


Similar Part No. - X9317_09

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9317TM8 INTERSIL-X9317TM8 Datasheet
333Kb / 15P
   Low Noise, Low Power, 100 Taps
X9317TM8-2.7 INTERSIL-X9317TM8-2.7 Datasheet
333Kb / 15P
   Low Noise, Low Power, 100 Taps
X9317TM8I INTERSIL-X9317TM8I Datasheet
333Kb / 15P
   Low Noise, Low Power, 100 Taps
X9317TM8I-2.7 INTERSIL-X9317TM8I-2.7 Datasheet
333Kb / 15P
   Low Noise, Low Power, 100 Taps
X9317TM8IZ INTERSIL-X9317TM8IZ Datasheet
333Kb / 15P
   Low Noise, Low Power, 100 Taps
More results

Similar Description - X9317_09

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9313 INTERSIL-X9313_08 Datasheet
284Kb / 12P
   Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
X9C102 RENESAS-X9C102 Datasheet
522Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL90727 INTERSIL-ISL90727 Datasheet
186Kb / 8P
   Digitally Controlled Potentiometer XDCP
X93155 INTERSIL-X93155_08 Datasheet
201Kb / 8P
   Digitally Controlled Potentiometer(XDCP??
logo
Renesas Technology Corp
X9318 RENESAS-X9318 Datasheet
471Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
logo
Xicor Inc.
X9319 XICOR-X9319 Datasheet
344Kb / 10P
   Digitally Controlled Potentiometer (XDCP)
X9C303 XICOR-X9C303 Datasheet
366Kb / 10P
   Digitally Controlled Potentiometer (XDCP)
logo
Intersil Corporation
X9C103SZT1 INTERSIL-X9C103SZT1 Datasheet
240Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
X93154 INTERSIL-X93154_08 Datasheet
225Kb / 9P
   Digitally Controlled Potentiometer(XDCP??
X93155 INTERSIL-X93155 Datasheet
246Kb / 8P
   Digitally Controlled Potentiometer (XDCP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com