Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X28HC64PIZ-12 Datasheet(PDF) 3 Page - Intersil Corporation

Part # X28HC64PIZ-12
Description  5 Volt, Byte Alterable EEPROM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X28HC64PIZ-12 Datasheet(HTML) 3 Page - Intersil Corporation

  X28HC64PIZ-12 Datasheet HTML 1Page - Intersil Corporation X28HC64PIZ-12 Datasheet HTML 2Page - Intersil Corporation X28HC64PIZ-12 Datasheet HTML 3Page - Intersil Corporation X28HC64PIZ-12 Datasheet HTML 4Page - Intersil Corporation X28HC64PIZ-12 Datasheet HTML 5Page - Intersil Corporation X28HC64PIZ-12 Datasheet HTML 6Page - Intersil Corporation X28HC64PIZ-12 Datasheet HTML 7Page - Intersil Corporation X28HC64PIZ-12 Datasheet HTML 8Page - Intersil Corporation X28HC64PIZ-12 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3
FN8109.2
August 28, 2009
Pin Descriptions
Addresses (A0-A12)
The Address inputs select an 8-bit memory location during a
read or write operation.
Chip Enable (CE)
The Chip Enable input must be LOW to enable all read/write
operations. When CE is HIGH, power consumption is reduced.
Output Enable (OE)
The Output Enable input controls the data output buffers and
is used to initiate read operations.
Data In/Data Out (I/O0-I/O7)
Data is written to or read from the X28HC64 through the I/O
pins.
Write Enable (WE)
The Write Enable input controls the writing of data to the
X28HC64.
Block Diagram
Device Operation
Read
Read operations are initiated by both OE and CE LOW. The
read operation is terminated by either CE or OE returning
HIGH. This two line control architecture eliminates bus
contention in a system environment. The data bus will be in
a high impedance state when either OE or CE is HIGH.
Write
Write operations are initiated when both CE and WE are
LOW and OE is HIGH. The X28HC64 supports both a CE
and WE controlled write cycle. That is, the address is latched
by the falling edge of either CE or WE, whichever occurs
last. Similarly, the data is latched internally by the rising edge
of either CE or WE, whichever occurs first. A byte write
operation, once initiated, will automatically continue to
completion, typically within 2ms.
Page Write Operation
The page write feature of the X28HC64 allows the entire
memory to be written in 0.25 seconds. Page write allows two
to sixty-four bytes of data to be consecutively written to the
X28HC64 prior to the commencement of the internal
programming cycle. The host can fetch data from another
device within the system during a page write operation
(change the source address), but the page address (A6
through A12) for each subsequent valid write cycle to the part
during this operation must be the same as the initial page
address.
The page write mode can be initiated during any write
operation. Following the initial byte write cycle, the host can
write an additional one to sixty-three bytes in the same
manner. Each successive byte load cycle, started by the WE
HIGH to LOW transition, must begin within 100µs of the
falling edge of the preceding WE. If a subsequent WE HIGH
to LOW transition is not detected within 100µs, the internal
automatic programming cycle will commence. There is no
page write window limitation. Effectively the page write
window is infinitely wide, so long as the host continues to
access the device within the byte load cycle time of 100µs.
Write Operation Status Bits
The X28HC64 provides the user two write operation status
bits. These can be used to optimize a system write cycle
time. The status bits are mapped onto the I/O bus as shown
in Figure 1.
TABLE 1. PIN NAMES
SYMBOL
DESCRIPTION
A0-A12
Address Inputs
I/O0-I/O7
Data Input/Output
WE
Write Enable
CE
Chip Enable
OE
Output Enable
VCC
+5V
VSS
Ground
NC
No Connect
X BUFFERS
LATCHES AND
DECODER
I/O BUFFERS
AND LATCHES
Y BUFFERS
LATCHES
DECODER
CONTROL
LOGIC AND
TIMING
65,536-BIT
EEPROM
ARRAY
I/O0–I/O7
DATA INPUTS/OUTPUTS
CE
OE
VCC
VSS
A0–A12
WE
ADDRESS
INPUTS
AND
5
TB
DP
43
21
0
I/O
RESERVED
TOGGLE BIT
DATA POLLING
FIGURE 1. STATUS BIT ASSIGNMENT
X28HC64


Similar Part No. - X28HC64PIZ-12

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X28HC64PIZ-12 INTERSIL-X28HC64PIZ-12 Datasheet
396Kb / 18P
   5 Volt, Byte Alterable EEPR
August 18, 2015
logo
Renesas Technology Corp
X28HC64PIZ-12 RENESAS-X28HC64PIZ-12 Datasheet
784Kb / 18P
   64k, 8k x 8-Bit 5 Volt, Byte Alterable EEPROM
More results

Similar Description - X28HC64PIZ-12

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X28HC256 INTERSIL-X28HC256 Datasheet
286Kb / 15P
   5 Volt, Byte Alterable EEPROM
logo
Force Technologies Ltd
FT28HC256 FORCE-FT28HC256 Datasheet
2Mb / 23P
   5 Volt, Byte Alterable EEPROM
logo
Intersil Corporation
X28HC64 INTERSIL-X28HC64 Datasheet
310Kb / 16P
   5 Volt, Byte Alterable EEPROM
X28HC64 INTERSIL-X28HC64_06 Datasheet
257Kb / 17P
   5 Volt, Byte Alterable EEPROM
X28C010 INTERSIL-X28C010 Datasheet
617Kb / 23P
   5 Volt, Byte Alterable EEPROM
logo
Austin Semiconductor
AS28C010 AUSTIN-AS28C010 Datasheet
306Kb / 14P
   128K x 8 EEPROM EEPROM Memory 5 Volt, Byte Alterable
logo
Xicor Inc.
X28C64 XICOR-X28C64 Datasheet
110Kb / 25P
   5 Volt, Byte Alterable E2PROM
XM28C040 XICOR-XM28C040 Datasheet
76Kb / 17P
   5 Volt, Byte Alterable E2PROM
X28HC256 XICOR-X28HC256 Datasheet
110Kb / 24P
   5 Volt, Byte Alterable E2PROM
X28HC64 XICOR-X28HC64 Datasheet
112Kb / 24P
   5 Volt, Byte Alterable E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com